Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSMA-A460-W50M1 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMA-A460-W50M1
Description  SMT LED Surface Mount LED Indicator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMA-A460-W50M1 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HSMA-A460-W50M1 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMA-A460-W50M1 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMA-A460-W50M1 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMA-A460-W50M1 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMA-A460-W50M1 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMA-A460-W50M1 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMA-A460-W50M1 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMA-A460-W50M1 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMA-A460-W50M1 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
HSMx-A46x-xxxxx
SMT LED Surface Mount LED Indicator
Data Sheet
Description
The Power PLCC-4 SMT LED with Lens are high perfor-
mance PLCC-4 package size SMT LEDs targeted mainly
in Automotive & Electronics Signs and Signals (ESS)
markets. These top-mount single-chip packages with
focused radiation offer high brightness in beam direc-
tion and are excellent for interior automotive, indoor
and outdoor sign and industrial applications. With ad-
ditional lens in 50° variants, these products are espe-
cially fitting to applications for Mono-color Text Display,
CHMSL and displays.
The PLCC-4 package family is able to dissipate heat bet-
ter compared to the PLCC-2 packages. In proportion
to this increase in driving current, this family of LEDs is
able to produce higher light output compared to the
conventional PLCC-2 SMT LEDs.
As an extension of the standard flat top PLCC-4 SMT
LEDs, the Power PLCC-4 with Lens device is able to pro-
vide focused beams within narrow viewing angles (50°)
meeting the market’s requirements for focused radia-
tion and high brightness in beam directions.
The Power PLCC-4 SMT LED with 50° is ideal for panel,
push button, general backlighting, automotive interior
& exterior (cluster backlighting, side repeaters, brake
lights), sign and symbol illumination, office equipment,
industrial equipment and home appliances applica-
tions. This package design coupled with careful selec-
tion of component materials allow the Power PLCC-4
SMT LED with Lens to perform with higher reliability
in a larger temperature range -40°C to 100°C. This high
reliability feature is crucial to allow the Power PLCC-4
SMT LED with Lens to do well in harsh environments
such as its target Automotive & ESS markets. The Power
PLCC4 SMT LED with Lens package is also designed to
be compatible with both IR-solder re-flow and through-
the-wave soldering.
Features
• Industry standard PLCC-4
• High reliability LED package
• High brightness using AlInGaP dice technologies
• High optical efficiency
• Narrow Viewing angle at 50°
• Available in 8mm carrier tape on 7-inch reel
Applications
• Interior automotive
– Instrument panel backlighting
– Central console backlighting
– Cabin backlighting
– Navigation and audio system
– Dome lighting
– Push button backlighting
• Exterior automotive
– Turn signals
– CHMSL
– Rear combination lamp
– Side repeaters
• Office automation, home appliances, industrial
equipment
– Front panel backlighting
– Push button backlighting
– Display backlighting


Similar Part No. - HSMA-A460-W50M1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMA-A400-T35M1 AVAGO-HSMA-A400-T35M1 Datasheet
1Mb / 9P
   SMT LED Surface Mount LED Indicator
HSMA-A401-U45M1 AVAGO-HSMA-A401-U45M1 Datasheet
1Mb / 9P
   SMT LED Surface Mount LED Indicator
HSMA-A401-U45M1 AVAGO-HSMA-A401-U45M1 Datasheet
347Kb / 11P
   SMT LED Surface Mount LED Indicator High brightness using AlInGaP and InGaN dice
logo
Broadcom Corporation.
HSMA-A401-U45M1 BOARDCOM-HSMA-A401-U45M1 Datasheet
765Kb / 15P
   SMT LED Surface-Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
HSMA-A401-U80M1 AVAGO-HSMA-A401-U80M1 Datasheet
197Kb / 10P
   SMT LED Surface Mount LED Indicator
More results

Similar Description - HSMA-A460-W50M1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMA-A401-U80M1 AVAGO-HSMA-A401-U80M1 Datasheet
197Kb / 10P
   SMT LED Surface Mount LED Indicator
HSMX-A4XX-XXXXX AVAGO-HSMX-A4XX-XXXXX Datasheet
1Mb / 9P
   SMT LED Surface Mount LED Indicator
logo
Broadcom Corporation.
HSMC-A400-S30M1 BOARDCOM-HSMC-A400-S30M1 Datasheet
765Kb / 15P
   SMT LED Surface-Mount LED Indicator
logo
Agilent(Hewlett-Packard...
HSMD-TX00 HP-HSMD-TX00 Datasheet
201Kb / 8P
   Surface Mount LED Indicator
HSMS-A100 HP-HSMS-A100 Datasheet
116Kb / 13P
   Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-SBB5-ZT703 AVAGO-ASMT-SBB5-ZT703 Datasheet
557Kb / 9P
   Surface Mount LED Indicator
logo
Broadcom Corporation.
ASMT-TBBM-NS402 BOARDCOM-ASMT-TBBM-NS402 Datasheet
712Kb / 9P
   Surface-Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-TWBM AVAGO-ASMT-TWBM Datasheet
104Kb / 3P
   Surface Mount LED Indicator
HSMX-A43X-XXXXX AVAGO-HSMX-A43X-XXXXX Datasheet
584Kb / 10P
   Surface Mount LED Indicator
HSMW-A10X-XXXXX AVAGO-HSMW-A10X-XXXXX Datasheet
240Kb / 8P
   White Surface Mount LED Indicator SMT PLCC-2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com