Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMRX-1510-2BBA Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMRX-1510-2BBA
Description  Ultra-slim Scroll Wheel with 5-way Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMRX-1510-2BBA Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  AMRX-1510-2BBA Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMRX-1510-2BBA Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMRX-1510-2BBA Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMRX-1510-2BBA Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMRX-1510-2BBA Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMRX-1510-2BBA Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMRX-1510-2BBA Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AMRX-1510
Ultra-slim Scroll Wheel with 5-way Switch
Data Sheet
Description
Avago Technologies’ AMRX-1510 provides an integrated
solution for scrolling, directional navigation and push
button selection in a compact and ultra-slim package.
With ease of use in mind, AMRX-1510 is ideal for scrolling
of menus in new handheld electronic devices, such as in
mobile phones, music players, cameras, and entertain-
ment consoles. Based on Avago Technologies’ reflective
optical technology, the motion sensor is non-contact
and ensures reliable operations. The five tactile switches
provide directional navigation and center selection from
a list of menu. The aesthetic design of the scroll wheel
is customizable to different colors and design features.
Please refer to factory for further details.
Applications
• Handheld electronic devices
• Mobile devices
• Digital cameras and camcorders
• Entertainment consoles
• Handheld GPS or navigation devices
• Portable audio and video players
• Photo printers
Features
• Ultra-slim package
• Less than 2 mm height profile
• Typical 18.5 mm diameter
• Integrated with four directional switches and a center
push button
• Integrated with scroll wheel for scrolling operation
• Built-in illumination ring
• Two-Channel Quadrature Output
• 45 Cycles Per Revolution (CPR)
• 1.8V / 3.3V TTL/CMOS Logic Compatible Single-ended
Output
• Single 2.4V to 3.3V supply
• Simple Power Down feature
• Easy assembly, no signal adjustment required
• Connectivity through 15-way 0.5 mm pitch FPC
• Customizable aesthetic design
• RoHS compliant
WARNING: These devices are Electrostatic Discharge (ESD) sensitive. The following precautions are strongly recom-
mended. Ensure that an ESD approved carrier is used when units are transported from one destination to another.
Personal grounding is to be worn at all times when handling these devices. Failure to observe proper ESD handling pre-
cautions will void all warranties. Refer to Avago Application Note A004R: Electrostatic Discharge Damage and Control.


Similar Part No. - AMRX-1510-2BBA

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMRX-1500-1BWA AVAGO-AMRX-1500-1BWA Datasheet
458Kb / 8P
   Ultra-slim Scrollwheel with 5-way Switch
More results

Similar Description - AMRX-1510-2BBA

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMRX-1500-1BWA AVAGO-AMRX-1500-1BWA Datasheet
458Kb / 8P
   Ultra-slim Scrollwheel with 5-way Switch
logo
C&K Components
TSW CK-COMPONENTS-TSW Datasheet
302Kb / 4P
   3 or 7 Function Tact and Scroll Wheel
logo
Picker Components
PC563 PICKER-PC563 Datasheet
167Kb / 2P
   Ultra Slim 5 Amp Relay
logo
XP Power Limited
DSL240 XPPOWER-DSL240 Datasheet
193Kb / 2P
   Ultra Slim Design
logo
M/A-COM Technology Solu...
MAAM-009779 MA-COM-MAAM-009779_15 Datasheet
1Mb / 9P
   Broadband CATV 5-Way Active Splitter with default loop-through Switch
MAAM-009779 MA-COM-MAAM-009779 Datasheet
619Kb / 8P
   Broadband CATV 5-Way Active Splitter with default loop-through Switch
logo
BOWIN ELECTRONIC CO.
LS6109 BOWIN-LS6109 Datasheet
99Kb / 9P
   Scroll Second Watch
logo
Mean Well Enterprises C...
HDR-60 MEANWELL-HDR-60 Datasheet
738Kb / 4P
   ULTRA SLIM DESIGN WITH 52.5MM(2SU) WIDTH
logo
M/A-COM Technology Solu...
MAAM-009779 MA-COM-MAAM-009779 Datasheet
619Kb / 8P
   Broadband CATV 5-Way Active Splitter with default loop-through Switch
logo
Mean Well Enterprises C...
HDR-15 MEANWELL-HDR-15 Datasheet
631Kb / 4P
   ULTRA SLIM DESIGN WITH 17.5MM(1SU) WIDTH
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com