Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMRX-1510-1AWB Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMRX-1510-1AWB
Description  Ultra-slim Scroll Wheel with 5-way Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMRX-1510-1AWB Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  AMRX-1510-1AWB Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMRX-1510-1AWB Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMRX-1510-1AWB Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMRX-1510-1AWB Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMRX-1510-1AWB Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMRX-1510-1AWB Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMRX-1510-1AWB Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Table 5. Mechanical Characteristics
Mechanical Characteristics over Recommended Operating Range, typical at 25 °C
Values
Parameter
Symbol
Condition
Min
Typ.
Max
Units
Rotational Life
RLIFE
Rotational Speed= 100RPM
x105
cycles
Switch Click Life
CLIFE
Push Location = on cover top, at switch
location
Push Force = 00gf
5 x105
times
Permissible Rotational Angle
θA
360
5-way switch button
-Stroke
-Operation force
0.19
00
mm
gf
Overall Mass
MOVR
0.00
kg
Table 6. Encoding Characteristics
Encoding Characteristics over Recommended Operating Range, typical at 25°C. The typical values are average over the
full rotation.
Values
Parameter
Symbol
Condition
Min
Typ.
Max
Units
Output Resolution
N
45
CPR
Pulse width Error
∆P
±50
°ee
Logic State Width Error
∆S
±50
°ee
Phase Error
∆v
±15
°ee
Motion Sensor
VCC
PDN
GND
Illumination
CH B
CH A
VLED
S1
S2
S3
S4
S5
GND_SW
R1
Level Shifter
10Ω
Functional Block Diagram
Notes:
1. R1 is the current-limiting resistor for LEDs.
Figure 1. Functional Block Diagram


Similar Part No. - AMRX-1510-1AWB

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMRX-1500-1BWA AVAGO-AMRX-1500-1BWA Datasheet
458Kb / 8P
   Ultra-slim Scrollwheel with 5-way Switch
More results

Similar Description - AMRX-1510-1AWB

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMRX-1500-1BWA AVAGO-AMRX-1500-1BWA Datasheet
458Kb / 8P
   Ultra-slim Scrollwheel with 5-way Switch
logo
C&K Components
TSW CK-COMPONENTS-TSW Datasheet
302Kb / 4P
   3 or 7 Function Tact and Scroll Wheel
logo
Picker Components
PC563 PICKER-PC563 Datasheet
167Kb / 2P
   Ultra Slim 5 Amp Relay
logo
XP Power Limited
DSL240 XPPOWER-DSL240 Datasheet
193Kb / 2P
   Ultra Slim Design
logo
M/A-COM Technology Solu...
MAAM-009779 MA-COM-MAAM-009779_15 Datasheet
1Mb / 9P
   Broadband CATV 5-Way Active Splitter with default loop-through Switch
MAAM-009779 MA-COM-MAAM-009779 Datasheet
619Kb / 8P
   Broadband CATV 5-Way Active Splitter with default loop-through Switch
logo
BOWIN ELECTRONIC CO.
LS6109 BOWIN-LS6109 Datasheet
99Kb / 9P
   Scroll Second Watch
logo
Mean Well Enterprises C...
HDR-60 MEANWELL-HDR-60 Datasheet
738Kb / 4P
   ULTRA SLIM DESIGN WITH 52.5MM(2SU) WIDTH
logo
M/A-COM Technology Solu...
MAAM-009779 MA-COM-MAAM-009779 Datasheet
619Kb / 8P
   Broadband CATV 5-Way Active Splitter with default loop-through Switch
logo
Mean Well Enterprises C...
HDR-15 MEANWELL-HDR-15 Datasheet
631Kb / 4P
   ULTRA SLIM DESIGN WITH 17.5MM(1SU) WIDTH
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com