Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASMT-QTB2-XXXXX Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASMT-QTB2-XXXXX
Description  PLCC-4 Surface Mount LED Indicator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASMT-QTB2-XXXXX Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  ASMT-QTB2-XXXXX Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASMT-QTB2-XXXXX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASMT-QTB2-XXXXX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASMT-QTB2-XXXXX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASMT-QTB2-XXXXX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASMT-QTB2-XXXXX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASMT-QTB2-XXXXX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASMT-QTB2-XXXXX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ASMT-QTB2-XXXXX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Figure 2. Relative intensity vs. wavelength
Figure 3. Forward current vs. forward voltage
Figure 4. Relative Intensity vs. forward current
Figure 5a. Maximum forward current vs. ambient temperature. Derated
based on TJMAX = 125°C, RθJA = 600°C/W (3 chip on).
Figure 5b. Maximum forward current vs. ambient temperature. Derated
based on TJMAX = 125°C, R
θJA = 340°C/W (1 chip on).
0
10
20
30
40
50
60
0
20
40
60
80
100
120
AMBIENT TEMPERATURE - °C
AlInGaP
InGaN
AlInGaP
InGaN
Derating Curve - 1 Chip On
0
10
20
30
40
50
60
0
1
2
3
4
FORWARD VOLTAGE - V
AlInGaP
InGaN
0.0
0.2
0.4
0.6
0.8
1.0
380
430
480
530
580
630
680
730
780
WAVELENGTH - nm
AlInGaP Red
InGaN Green
InGaN Blue
0.00
0.50
1.00
1.50
2.00
2.50
3.00
0
10
20
30
40
50
60
DC FORWARD CURRENT - mA
InGaN
AlInGaP
Derating Curve - 3 Chips On
0
10
20
30
40
50
60
0
20
40
60
80
100
120
AMBIENT TEMPERATURE - °C
AlInGaP
InGaN


Similar Part No. - ASMT-QTB2-XXXXX

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-QTB2-0A002 AVAGO-ASMT-QTB2-0A002 Datasheet
299Kb / 10P
   PLCC-4 Surface Mount LED Indicator
More results

Similar Description - ASMT-QTB2-XXXXX

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-QTB2-0A002 AVAGO-ASMT-QTB2-0A002 Datasheet
299Kb / 10P
   PLCC-4 Surface Mount LED Indicator
HSMC-A100-P70J1 AVAGO-HSMC-A100-P70J1 Datasheet
301Kb / 13P
   PLCC-2, Surface Mount LED Indicator
logo
Broadcom Corporation.
HSMS-A100-J00J1 BOARDCOM-HSMS-A100-J00J1 Datasheet
788Kb / 17P
   PLCC-2, Surface Mount LED Indicator
HSMX-A10X-XXXXX BOARDCOM-HSMX-A10X-XXXXX Datasheet
768Kb / 17P
   PLCC-2, Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
ASMC-QXB2-TXXXX AVAGO-ASMC-QXB2-TXXXX Datasheet
354Kb / 9P
   Envisium 0.5W Power PLCC-4 Surface Mount LED Indicator
ASMT-QBBC-NACXE AVAGO-ASMT-QBBC-NACXE Datasheet
172Kb / 9P
   Super 0.5W Power PLCC-4 Surface Mount LED Indicator
logo
Broadcom Corporation.
ASMT-UWB1-NX302 BOARDCOM-ASMT-UWB1-NX302 Datasheet
780Kb / 12P
   OneWhite Surface-Mount PLCC-2 LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-UWB2-NX302 AVAGO-ASMT-UWB2-NX302 Datasheet
352Kb / 9P
   OneWhite Surface Mount PLCC-2 LED Indicator
ASMT-UWB1-NX302 AVAGO-ASMT-UWB1-NX302 Datasheet
118Kb / 8P
   OneWhite Surface Mount PLCC-2 LED Indicator
ASMT-UWB1-ZX302 AVAGO-ASMT-UWB1-ZX302 Datasheet
477Kb / 9P
   OneWhite Surface Mount PLCC-2 LED Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com