Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A60X450-4 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # A60X450-4
Description  SEMICONDUCTOR PROTECTION FUSES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A60X450-4 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  A60X450-4 Datasheet HTML 1Page - List of Unclassifed Manufacturers A60X450-4 Datasheet HTML 2Page - List of Unclassifed Manufacturers A60X450-4 Datasheet HTML 3Page - List of Unclassifed Manufacturers A60X450-4 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
D 20
®
AC: 1-2000A
600V, 100kA I.R.
Ratings
A60X Amp-trap® Form 101 Semiconductor Protection
fuses are popular for the protection of higher voltage
heavy rectifiers such as traction rectifiers. They can
carry long sustained overloads common with heavy
duty apparatus. 700A through 2000A sizes are of
compact, hockey-puck design, able to provide high
power protection in a small space.
®
UL Recognized
Component
®
AC: UL Guide No.
JFHR2 (35-800A)
Approvals
HIGHLIGHTS:
®
Fast Acting
®
Current Limiting
®
Low l
2t
®
Indicator Options
Available
APPLICATIONS:
®
Protection of heavy
traction and electro-
chemical as well as
rectifiers and other
heavy-duty equipment
FUSE
FUSE BLOCK
AMPERE
CATALOG
RATING
NUMBER
1-30
70316
31-60
P243C
61-100
P243C
101-200
P243C
201-400
P266A
401-600
P266A
Single Pole Fuse Blocks for A60X Fuses
A 60 X 600 - 4 TI
Amp-trap
® Fuse
Rated Volts - 600
Style
Amperes*
Mounting Types*
Ferrule
Blades, bolt-in
Hockey puck, bolt-in
Integral Blown-Fuse
Indicator
Trigger Indicator
Trigger Actuator
* For ampere ratings and types not listed, consult the factory.
Catalog Numbering System
A
60
X
600
1
4
128
TI
TA
Features / Benefits
® Low l2t minimizes damage to protected components on
short circuit
® Controlled arc voltage reduces stress to circuit
components during fuse clearing
® Choice of mounting types helps in equipment design
AMP-TRAP®–Form 101
A60X
SEMICONDUCTOR PROTECTION FUSES


Similar Part No. - A60X450-4

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
A60 XPPOWER-A60 Datasheet
1Mb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
List of Unclassifed Man...
A60-142-200P431 ETC2-A60-142-200P431 Datasheet
349Kb / 6P
   STANDARD RJ45 MAGNETIC JACKS
logo
EPCOS
A60-A230X EPCOS-A60-A230X Datasheet
15Kb / 2P
   2-Electrode-Arrester
A60-A230XF EPCOS-A60-A230XF Datasheet
81Kb / 2P
   2-Electrode-Arrester
logo
Sanken electric
A6000 SANKEN-A6000 Datasheet
119Kb / 2P
   Power IC for PWM Type Switching Power Supply with Low Noise and Low Standby Power
More results

Similar Description - A60X450-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A150X ETC2-A150X Datasheet
511Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A25X ETC2-A25X Datasheet
464Kb / 5P
   SEMICONDUCTOR PROTECTION FUSES
URGG ETC2-URGG Datasheet
347Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A50P ETC2-A50P Datasheet
226Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A50QS ETC2-A50QS Datasheet
483Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A70P ETC2-A70P Datasheet
202Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A70Q ETC2-A70Q Datasheet
190Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
URB ETC2-URB Datasheet
204Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
URE ETC2-URE Datasheet
301Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A30QS ETC2-A30QS Datasheet
1Mb / 5P
   SEMICONDUCTOR PROTECTION FUSES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com