Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A70P200-4TA Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # A70P200-4TA
Description  SEMICONDUCTOR PROTECTION FUSES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A70P200-4TA Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  A70P200-4TA Datasheet HTML 1Page - List of Unclassifed Manufacturers A70P200-4TA Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
D
D 37
AMPERE
CATALOG
OUTLINE
AMPERE
CATALOG
OUTLINE
AMPERE
CATALOG
OUTLINE
RATING
NUMBER
FIG.
RATING
NUMBER
FIG.
RATING
NUMBER
FIG.
10
A70P10-1
1
80
A70P80-4
3
300
A70P300-4
3
10
A70P10-4
2
80
A70P80-4TA
4
350
A70P350-4
3
15
A70P15-1
1
80
A70P80-4TI
3
400
A70P400-4
3
15
A70P15-4
2
90
A70P90-4
3
400
A70P400-4TA
4
20
A70P20-1
1
100
A70P100-4
3
400
A70P400-4TI
3
25
A70P25-1
1
100
A70P100-4TA
4
450
A70P450-4
3
25
A70P25-4
2
125
A70P125-4
3
500
A70P500-4
3
30
A70P30-1
1
125
A70P125-4TA
4
600
A70P600-4
3
30
A70P30-4
2
150
A70P150-4
3
600
A70P600-4TA
4
35
A70P35-4
3
150
A70P150-4TA
4
600
A70P600-4TI
3
40
A70P40-4
3
150
A70P150-4TI
3
700
A70P700-4
5
40
A70P40-4TA
4
175
A70P175-4
3
700
A70P700-4TI
5
40
A70P40-4TI
3
200
A70P200-4
3
800
A70P800-4
5
50
A70P50-4
3
200
A70P200-4TA
4
800
A70P800-4TI
5
60
A70P60-4
3
200
A70P200-4TI
3
900
A70P900-4
6
60
A70P60-4TA
4
225
A70P225-4
3
1000
A70P1000-4
6
60
A70P60-4TI
3
250
A70P250-4
3
1200
A7OP1200-4
7
70
A70P70-4
3
250
A70P250-4TA
4
70
A70P70-4TI
3
250
A70P250-4TI
3
For ampere ratings and styles not listed, call Technical Services.
Standard Fuse Ampere Ratings, Catalog Numbers
AMP-TRAP®–Form 101
A70P
SEMICONDUCTOR PROTECTION FUSES
Figure 5
Figure 6
Figure 1
Figure 3
Figure 2
Dimensions
OUTLINE
MOUNTING
FIG.
DIMENSIONS - INCHES (mm)
REF.
TYPE
A
B
C
D
E
F
G
H
J
K
A70P10 to 30
1
1
2.00
.56
-
-
-
-
-
-
-
(50.8)
(14.2)
-
-
-
-
-
-
-
A70P10 to 30
4
2
2.88
.56
1.88
2.50
-
.27
.41
-
-
(73.2)
(14.2)
(47.8)
(63.5)
-
(6.9)
(10.4)
-
-
A70P35 to 60
4, 4TA*, 4TI
3, 4*
4.38
1.00
2.88
3.69
3.56
.31
.75
.06
-
(111)
(25.4)
(73.2)
(93.7)
(90.4)
(7.9)
(19.1)
(1.5)
-
A70P70 to 100
4, 4TA*, 4TI
3, 4*
4.38
1.22
2.88
3.69
3.56
.31
1.00
.19
-
(111)
(31.0)
(73.2)
(93.7)
(90.4)
(7.9)
(25.4)
(4.8)
-
A70P125 to 200
4, 4TA*, 4TI
3, 4*
5.09
1.50
2.84
4.16
3.53
.41
1.00
.25
-
(129)
(38.1)
(72.1)
(106)
(89.7)
(10.4)
(25.4)
(6.4)
-
A70P225 to 400
4, 4TA*, 4TI
3, 4*
5.09
2.00
2.84
4.16
3.53
.41
1.50
.24
-
(129)
(50.8)
(72.1)
(106)
(89.7)
(10.4)
(38.1)
(6.4)
-
A70P450 to 600
4, 4TA*, 4TI
3, 4*
7.09
2.50
2.84
5.25
4.94
.53
2.00
.38
-
(180)
(63.5)
(72.1)
(133)
(125)
(13.5)
(50.8)
(9.7)
-
A70P700 to 800
4, 4TI
5
6.81
2.88
3.31
5.31
-
.63
2.00
.38
.31
(173)
(73.2)
(84.1)
(135)
-
(16.0)
(50.8)
(9.7)
(7.9)
A70P900 to 1000
4, 4TI
6
7.59
3.50
3.84
5.97
5.22
.63
2.75
.50
1.38
(193)
(88.9)
(97.5)
(152)
(133)
(16.0)
(69.9)
(12.7)
(35.1)
A70P1200
4
7
10.84
4.5
3.84
6.84
5.84
9.34
9.59
3.5
.63
.75
(275.4)
(114.3)
(97.6)
(173.7)
(148.3)
(237.3)
(243.6)
(88.9)
(15.9)
(19.1)
* Optional Trigger Actuator (TA)
Figure 4


Similar Part No. - A70P200-4TA

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A70 MACOM-A70 Datasheet
108Kb / 1P
   10 TO 250 MHz CASCADABLE AMPLIFIER
A70 MACOM-A70 Datasheet
369Kb / 2P
   Cascadable Amplifier 10 to 250 MHz
logo
M/A-COM Technology Solu...
A70 MA-COM-A70 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 250 MHz
logo
Dialight Corporation
A70-000627 DIALIGHT-A70-000627 Datasheet
115Kb / 1P
   RECESSED CEILING MOUNT -- WPA MAIN BODY
A70-000627-BK DIALIGHT-A70-000627-BK Datasheet
115Kb / 1P
   RECESSED CEILING MOUNT -- WPA MAIN BODY
More results

Similar Description - A70P200-4TA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A60X ETC2-A60X Datasheet
435Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A150X ETC2-A150X Datasheet
511Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A25X ETC2-A25X Datasheet
464Kb / 5P
   SEMICONDUCTOR PROTECTION FUSES
URGG ETC2-URGG Datasheet
347Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A50P ETC2-A50P Datasheet
226Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A50QS ETC2-A50QS Datasheet
483Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A70Q ETC2-A70Q Datasheet
190Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
URB ETC2-URB Datasheet
204Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
URE ETC2-URE Datasheet
301Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A30QS ETC2-A30QS Datasheet
1Mb / 5P
   SEMICONDUCTOR PROTECTION FUSES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com