Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASMT-QWB2-NEF0E Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASMT-QWB2-NEF0E
Description  Super 0.5W White Power PLCC-4 Surface Mount LED Indicator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASMT-QWB2-NEF0E Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  ASMT-QWB2-NEF0E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASMT-QWB2-NEF0E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASMT-QWB2-NEF0E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASMT-QWB2-NEF0E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASMT-QWB2-NEF0E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASMT-QWB2-NEF0E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASMT-QWB2-NEF0E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASMT-QWB2-NEF0E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
0
0.2
0.4
0.6
0.8
1
1.2
0
25
50
75
100
125
150
DC FORWARD CURRENT - mA
Figure 4. Relative Flux vs. Forward Current
Figure 5. Relative Intensity Vs. Temperature
Figure 6a. Maximum Forward Current Vs. Ambient Temperature.
Derated Based on TJMAX = 125°C, RqJ-A= 90°C/W and 110 °C/W.
Figure 8. Radiation Pattern
Figure 7. Forward Voltage Shift Vs. Temperature.
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0.25
-50
-25
0
25
50
75
100
JUNCTION TEMPERATURE - °C
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-90
-60
-30
0
30
60
90
ANGULAR DISPLACEMENT - DEGREES
Figure 6b. Maximum forward current vs. solder point temperature.
Derated Based on TJMAX = 125°C, RqJP=60°C/W
0
20
40
60
80
100
120
140
160
0
20
40
60
80
100
120
SOLDER POINT TEMPERATURE - °C
JP = 60°C/W
0
20
40
60
80
100
120
140
160
0
20
40
60
80
100
120
AMBIENT TEMPERATURE - °C
JA = 90°C/W
JA = 110°C/W
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-50
-25
0
25
50
75
100
125
JUNCTION TEMPERATURE - °C


Similar Part No. - ASMT-QWB2-NEF0E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-QWBF-NKL0E AVAGO-ASMT-QWBF-NKL0E Datasheet
131Kb / 10P
   High reliability package with enhanced silicone resin encapsulation
ASMT-QWBG-NFH0E AVAGO-ASMT-QWBG-NFH0E Datasheet
183Kb / 9P
   0.5W Cool White Power PLCC4 Surface Mount LED
ASMT-QWBG-NFHAE AVAGO-ASMT-QWBG-NFHAE Datasheet
183Kb / 9P
   0.5W Cool White Power PLCC4 Surface Mount LED
ASMT-QWBG-NFHBE AVAGO-ASMT-QWBG-NFHBE Datasheet
183Kb / 9P
   0.5W Cool White Power PLCC4 Surface Mount LED
ASMT-QWBG-NFHCE AVAGO-ASMT-QWBG-NFHCE Datasheet
183Kb / 9P
   0.5W Cool White Power PLCC4 Surface Mount LED
More results

Similar Description - ASMT-QWB2-NEF0E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-QBBC-NACXE AVAGO-ASMT-QBBC-NACXE Datasheet
172Kb / 9P
   Super 0.5W Power PLCC-4 Surface Mount LED Indicator
ASMC-QXB2-TXXXX AVAGO-ASMC-QXB2-TXXXX Datasheet
354Kb / 9P
   Envisium 0.5W Power PLCC-4 Surface Mount LED Indicator
ASMT-QXB2-FXXXX AVAGO-ASMT-QXB2-FXXXX Datasheet
278Kb / 9P
   Super 0.5 W Power PLCC-4 Surface Mount LED Indicator
ASMT-QTB2-XXXXX AVAGO-ASMT-QTB2-XXXXX Datasheet
449Kb / 10P
   PLCC-4 Surface Mount LED Indicator
ASMT-QTB2-0A002 AVAGO-ASMT-QTB2-0A002 Datasheet
299Kb / 10P
   PLCC-4 Surface Mount LED Indicator
HSMW-A10X-XXXXX AVAGO-HSMW-A10X-XXXXX Datasheet
240Kb / 8P
   White Surface Mount LED Indicator SMT PLCC-2
HSMW-A100-U40H1 AVAGO-HSMW-A100-U40H1 Datasheet
246Kb / 8P
   White Surface Mount LED Indicator SMT PLCC-2
ASMT-QWBG-NFH0E AVAGO-ASMT-QWBG-NFH0E Datasheet
183Kb / 9P
   0.5W Cool White Power PLCC4 Surface Mount LED
HSMC-A100-P70J1 AVAGO-HSMC-A100-P70J1 Datasheet
301Kb / 13P
   PLCC-2, Surface Mount LED Indicator
logo
Broadcom Corporation.
HSMS-A100-J00J1 BOARDCOM-HSMS-A100-J00J1 Datasheet
788Kb / 17P
   PLCC-2, Surface Mount LED Indicator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com