Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A15QS400-4TI Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # A15QS400-4TI
Description  SEMICONDUCTOR PROTECTION FUSES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A15QS400-4TI Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  A15QS400-4TI Datasheet HTML 1Page - List of Unclassifed Manufacturers A15QS400-4TI Datasheet HTML 2Page - List of Unclassifed Manufacturers A15QS400-4TI Datasheet HTML 3Page - List of Unclassifed Manufacturers A15QS400-4TI Datasheet HTML 4Page - List of Unclassifed Manufacturers A15QS400-4TI Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
D
D 3
Standard Fuse Ampere Ratings, Catalog Numbers
*For ampere ratings, technical information, and styles not listed, call Technical Services.
Figure 1
Figure 4
Figure 2
Figure 5
Figure 6
Figure 7
Figure 8
AMP-TRAP®–Form 101
A15QS
SEMICONDUCTOR PROTECTION FUSES
Figure 3
Dimensions
AMPERE
CATALOG
OUTLINE AMPERE
CATALOG
OUTLINE
AMPERE
CATALOG
OUTLINE AMPERE
CATALOG
OUTLINE
RATING
NUMBER
FIG.
RATING
NUMBER
FIG.
RATING
NUMBER
FIG.
RATING
NUMBER
FIG.
1
2
3
4
5
6
7
8
10
12
15
20
25
30
35
40
40
45
50
50
A15QS1-2
A15QS2-2
A15QS3-2
A15QS4-2
A15QS5-2
A15QS6-2
A15QS7-2
A15QS8-2
A15QS10-2
A15QS12-2
A15QS15-2
A15QS20-2
A15QS25-2
A15QS30-2
A15QS35-1
A15QS40-1
A15QS40-4TI
A15QS45-1
A15QS50-1
A15QS50-4
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
2
1
1
2
60
70
70
80
80
90
100
100
130
130
150
150
150
200
200
250
250
300
300
300
350
1
2
2
2
2
2
2
2
2
2
2
3
2
2
3
2
2
2
2
3
2
A15QS60-1
A15QS70-4
A15QS70-4TI
A15QS80-4
A15QS80-4TI
A15QS90-4
A15QS100-4
A15QS100-4TI
A15QS130-4
A15QS130-4TI
A15QS150-4
A15QS150-4IL
A13X150-4TI
A15QS200-4
A15QS200-4IL
A15QS250-4
A15QS250-4TI
A15QS300-4
A15QS300-4IL
A15QS300-4IL
A15QS350-4
350
400
400
400
450
450
500
500
600
800
800
1000
1000
1000
1000
1000
1200
1200
1200
1500
2000
2
2
3
2
2
3
2
3
2
3
2
2
3
2
4
5
4
5
4
5
4
2000
2500
2500
3000
3000
3500
4000
4000
5000*
6000*
5
4
5
4
5
6
6
7
8
8
A15QS2000128IL
A15QS2500-128
A15QS2500-128IL
A15QS3000-128
A15QS3000-128IL
A15QS3500-128
A15QS4000-128
A15QS4000-128IL
A15QS5000-128
A15QS6000-128
A15QS350-4TI
A15QS400-4
A15QS400-4IL
A15QS400-4TI
A15QS450-4
A15QS450-4IL
A15QS500-4
A15QS500-4IL
A15QS600-4
A15QS600-4IL
A15QS800-4
A15QS1000-4
A15QS1000-4IL
A15QS1000-4TI
A15QS1000-128
A15QS1000-128IL
A15QS1200-128
A15QS1200-128IL
A15QS1500-128
A15QS1500-128IL
A15QS2000-128
OUTLINE
MOUNTING
FIG.
DIMENSIONS - INCHES (mm)
TAP
REF.
TYPE
A
B
C
D
E
F
G
H
A15QS1 to 30
2
1
1.50
.41
-
-
-
-
-
-
-
(38.1)
(10.4)
-
-
-
-
-
-
-
A15QS35 to 60
1
1
2.00
.81
-
-
-
-
-
-
-
(50.8)
(20.6)
-
-
-
-
-
-
-
A15QS70 to 450
4, 4TI*, 4IL*
2, 3*
2.66
1.13
1.16
2.19
1.91
.31
.74
.13
-
(67.6)
(28.7)
(29.5)
(55.6)
(48.5)
(7.9)
(22.4)
(4.8)
-
A15QS500 to 1000
4, 4TI*, 4IL*
2, 3*
3.50
1.50
1.25
2.56
1.94
.41
1.00
.25
-
(88.9)
(38.1)
(31.8)
(65.0)
(49.3)
(10.4)
(25.4)
(6.4)
-
A15QS750 to 2000
128, 128IL*
4, 5*
1.88
2.00
1.63
1.75
1.00
-
-
-
3/8-24-1/2 Deep
(47.8)
(50.8)
(41.4)
(44.5)
(25.4)
-
-
-
-
A15QS2500 to 3000
128, 128IL*
4, 5*
1.88
3.00
1.63
2.50
1.50
-
-
-
1/2-20-1/2 Deep
(47.88)
(76.2)
(41.4)
(63.5)
(38.1)
-
-
-
-
A15QS3500 to 4000
128, 128IL*
6, 7*
1.88
3.50
1.63
3.00
1.06
1.06
-
-
1/2-20-1/2 Deep
(47.88)
(88.9)
(41.4)
(76.2)
(27.0)
(27.0)
-
-
-
A15QS5000 to 6000
128
8
2.38
5.75
1.88
5.00
1.50
1.50
-
-
1/2-20-1/2 Deep
(60.5)
(146)
(47.7)
(127)
(38.1)
(38.1)
-
-
-
* Optional Trigger Actuator (IL)


Similar Part No. - A15QS400-4TI

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
A15 DBLECTRO-A15 Datasheet
233Kb / 1P
   LOW PROFILE HIGH DENSITY DIP PLUG
logo
List of Unclassifed Man...
A15 ETC2-A15 Datasheet
213Kb / 7P
   Process Sealed Subminiature Toggles
logo
XP Power Limited
A15 XPPOWER-A15 Datasheet
1Mb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Advanced Power Electron...
A15 A-POWER-A15 Datasheet
107Kb / 6P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
CIT Relay & Switch
A15 CIT-A15 Datasheet
87Kb / 2P
   Switching capacity up to 20A
More results

Similar Description - A15QS400-4TI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A60X ETC2-A60X Datasheet
435Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A150X ETC2-A150X Datasheet
511Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A25X ETC2-A25X Datasheet
464Kb / 5P
   SEMICONDUCTOR PROTECTION FUSES
URGG ETC2-URGG Datasheet
347Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A50P ETC2-A50P Datasheet
226Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A50QS ETC2-A50QS Datasheet
483Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A70P ETC2-A70P Datasheet
202Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A70Q ETC2-A70Q Datasheet
190Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
URB ETC2-URB Datasheet
204Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
URE ETC2-URE Datasheet
301Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A30QS ETC2-A30QS Datasheet
1Mb / 5P
   SEMICONDUCTOR PROTECTION FUSES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com