Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASMT-QWB2-NXXXX Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASMT-QWB2-NXXXX
Description  Super 0.5W White Power PLCC-4 Surface Mount LED Indicator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASMT-QWB2-NXXXX Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ASMT-QWB2-NXXXX Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASMT-QWB2-NXXXX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASMT-QWB2-NXXXX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASMT-QWB2-NXXXX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASMT-QWB2-NXXXX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASMT-QWB2-NXXXX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASMT-QWB2-NXXXX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASMT-QWB2-NXXXX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image

ASMT-QWB2-Nxxxx
Super 0.5W White Power PLCC-4
Surface Mount LED Indicator
Data Sheet
CAUTION: ASMT-QWB2-Nxxxx LEDs are Class 1C ESD sensitive. Please observe appropriate precautions
during handling and processing. Refer to Avago Application Note AN-1142 for additional details.
Features
• IndustryStandardPLCC4platform(3.2x2.8x1.9mm)
• HighreliabilityLEDpackageduetoenhancedsilicone
resinmaterial
• Mid-Powerintensitybrightnesswithoptimumflux
performanceusingInGaNchiptechnologies
• AvailableinCoolWhite
• Highopticalefficiency30lm/W
• Availablein8mmcarriertapeand7inchreel
• LowThermalResistance60°C/W
• Superwideviewingangleat120°
• JEDECMSL2a
Applications
1. Interiorautomotive
a. Instrumentpanelbacklighting
b. Centralconsolebacklighting
c. Navigationandaudiosystembacklighting
d. Dome/Maplighting
e. Pushbuttonbacklighting
f. Puddlelamp
g. Glovecompartmentillumination
2. Exteriorautomotive
a. Numberplateillumination
b. Rearreverselampindicator
3. Electronicsignsandsignals
a. Decorativelighting
4. Officeautomation,homeappliances,industrial
equipment
a. Panel/buttonbacklighting
b. Displaybacklighting
Description
The Super 0.5W White Power PLCC-4 SMT LED is first
white mid-Power PLCC-4 SMT LEDs using InGaN chip
technology.The package can be driven at high current
due to its superior package design.The product is able
to dissipate the heat more efficiently compared to the
PowerPLCC-4SMTLEDs.TheseLEDsproducehigherlight
output with better flux performance compared to the
PowerPLCC-4SMTLED.
The Super 0.5W White Power PLCC-4 SMT LEDs are
designed for higher reliability, better performance, and
operateunderawiderangeofenvironmentalconditions.
Theperformancecharacteristicsofthesenewmid-power
LEDsmakethemuniquelysuitableforuseinharshcondi-
tionssuchasinautomotiveapplications,andinelectron-
icssignsandsignals.
To facilitate easy pick and place assembly, the LEDs are
packed in EIA-compliant tape and reel. Every reel is
shippedinsingleintensityandcolorbin,toprovideclose
uniformity.TheseLEDsarecompatiblewiththeIRsolder
reflowprocess.Duetothehighreliabilityfeatureofthese
products,theyalsocanbemountedusingthrough-the-
wavesolderingprocess.


Similar Part No. - ASMT-QWB2-NXXXX

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-QWBF-NKL0E AVAGO-ASMT-QWBF-NKL0E Datasheet
131Kb / 10P
   High reliability package with enhanced silicone resin encapsulation
ASMT-QWBG-NFH0E AVAGO-ASMT-QWBG-NFH0E Datasheet
183Kb / 9P
   0.5W Cool White Power PLCC4 Surface Mount LED
ASMT-QWBG-NFHAE AVAGO-ASMT-QWBG-NFHAE Datasheet
183Kb / 9P
   0.5W Cool White Power PLCC4 Surface Mount LED
ASMT-QWBG-NFHBE AVAGO-ASMT-QWBG-NFHBE Datasheet
183Kb / 9P
   0.5W Cool White Power PLCC4 Surface Mount LED
ASMT-QWBG-NFHCE AVAGO-ASMT-QWBG-NFHCE Datasheet
183Kb / 9P
   0.5W Cool White Power PLCC4 Surface Mount LED
More results

Similar Description - ASMT-QWB2-NXXXX

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-QBBC-NACXE AVAGO-ASMT-QBBC-NACXE Datasheet
172Kb / 9P
   Super 0.5W Power PLCC-4 Surface Mount LED Indicator
ASMC-QXB2-TXXXX AVAGO-ASMC-QXB2-TXXXX Datasheet
354Kb / 9P
   Envisium 0.5W Power PLCC-4 Surface Mount LED Indicator
ASMT-QXB2-FXXXX AVAGO-ASMT-QXB2-FXXXX Datasheet
278Kb / 9P
   Super 0.5 W Power PLCC-4 Surface Mount LED Indicator
ASMT-QTB2-XXXXX AVAGO-ASMT-QTB2-XXXXX Datasheet
449Kb / 10P
   PLCC-4 Surface Mount LED Indicator
ASMT-QTB2-0A002 AVAGO-ASMT-QTB2-0A002 Datasheet
299Kb / 10P
   PLCC-4 Surface Mount LED Indicator
HSMW-A10X-XXXXX AVAGO-HSMW-A10X-XXXXX Datasheet
240Kb / 8P
   White Surface Mount LED Indicator SMT PLCC-2
HSMW-A100-U40H1 AVAGO-HSMW-A100-U40H1 Datasheet
246Kb / 8P
   White Surface Mount LED Indicator SMT PLCC-2
ASMT-QWBG-NFH0E AVAGO-ASMT-QWBG-NFH0E Datasheet
183Kb / 9P
   0.5W Cool White Power PLCC4 Surface Mount LED
HSMC-A100-P70J1 AVAGO-HSMC-A100-P70J1 Datasheet
301Kb / 13P
   PLCC-2, Surface Mount LED Indicator
logo
Broadcom Corporation.
HSMS-A100-J00J1 BOARDCOM-HSMS-A100-J00J1 Datasheet
788Kb / 17P
   PLCC-2, Surface Mount LED Indicator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com