Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XFPN-100KPGVR Datasheet(PDF) 1 Page - Fujikura Ltd.

Part # XFPN-100KPGVR
Description  Pre-amplified/5V Excitation/Gauge
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJIKURA [Fujikura Ltd.]
Direct Link  http://www.fujikura.co.jp
Logo FUJIKURA - Fujikura Ltd.

XFPN-100KPGVR Datasheet(HTML) 1 Page - Fujikura Ltd.

  XFPN-100KPGVR Datasheet HTML 1Page - Fujikura Ltd. XFPN-100KPGVR Datasheet HTML 2Page - Fujikura Ltd. XFPN-100KPGVR Datasheet HTML 3Page - Fujikura Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
. Volt level output
. On-chip amplification and temperature compensations
. Pre-calibration of offset voltage and span
. Surface mount package (XFGN)
Applications
. Non-Invasive Blood Pressure(NIBP)monitor for home health care
. Vacuum cleaner
. Washing machine
Part number for ordering
XFGN - 6 025KP G S R
Pressure type
Gauge pressure
Model
XFPN
XFGN-6
Package configuration
Dual-In-line-Package (DIP)
Surface mount package,6mm pressure port
Measurable pressure range (kPa)
Part number for ordering
0
24.5
XFPN-03PGV
XFPN-03PGVR
XFGN-603PGVSR
0
100
XFPN-100KPGV
XFPN-100KPGVR
XFGN-6100KPGVSR
0
25
XFPN-025KPG
XFPN-025KPGR
XFGN-6025KPGSR
0
50
XFPN-050KPG
XFPN-050KPGR
XFGN-6050KPGSR
0
100
XFPN-100KPG
XFPN-100KPGR
XFGN-6100KPGSR
0
200
XFPN-200KPG
XFPN-200KPGR
XFGN-6200KPGSR
Model/Rated pressure
03PGV
100KPGV
025KPG
050KPG
100KPG
200KPG
Unit
Recommended operating conditions
Pressure type
Gauge pressure
Rated pressure
24.5
100
25
50
100
200
kPa
0.250
1.020
0.255
1.020
1.020
2.040
kg/cm
2
Pressure media
Non-corrosive gas
Excitation voltage
50.25
VDC
Absolute maximum rating
Maximum load pressure
Twice of rated pressure
Maximum excitation voltage
8VDC
Operating temperature
10
80
Storage temperature
20
100
Operating humidity
30
80 (No dew condensation)
RH
Electric performances/characteristics (Excitation voltage Vcc=5.0V constant, Ambient temperature Ta=25
)
Current consumption
less than 10
mA
Output impedance
less than 10
Source current
less than 0.2
mA
Sink current
less than 2
mA
Mechanical response time
2 (For the reference)
msec
Full scale span voltage
4.0
V
Offset voltage
0.5
0.1
V
Full scale span voltage
4.5
0.1
V
Accuracy
5.0
FS/0
50
Note ;
Excluding input voltage error.
Pre-amplified/5V Excitation/Gauge
XFPN,XFGN-6 Data sheet
Terminal leads direction (See Outline Diagram)
No mark :
R:
Rated pressure (Pa)
Model
XFPN
XFGN
Length of the pressure
port
(XFGN only)
6:6mm
Terminal leads configuration
No mark : DIP (XFPN)
S : Surface mount package (XFGN)
Pressure type
G : Gauge (Positive pressure)
GV : Gauge (Negative pressure)
Specifications
1


Similar Part No. - XFPN-100KPGVR

ManufacturerPart #DatasheetDescription
logo
Fujikura Ltd.
XFPN-100KPGVR FUJIKURA-XFPN-100KPGVR Datasheet
356Kb / 4P
   Pre-amplified/5V Excitation/Gauge
More results

Similar Description - XFPN-100KPGVR

ManufacturerPart #DatasheetDescription
logo
Fujikura Ltd.
XFGN-6025KPGSR FUJIKURA-XFGN-6025KPGSR_11 Datasheet
277Kb / 4P
   Pre-amplified/5V Excitation/Gauge
XFGM-6025KPGSR FUJIKURA-XFGM-6025KPGSR Datasheet
427Kb / 5P
   Pre-amplified/5V Excitation/Gauge
XFPMC-025KPGRH FUJIKURA-XFPMC-025KPGRH Datasheet
160Kb / 4P
   Pre-amplified/5V Excitation/Gauge
XFGMC-3025KPGSRH FUJIKURA-XFGMC-3025KPGSRH Datasheet
263Kb / 3P
   Pre-amplified/5V Excitation/Gauge
XFPM-050KPGR-P1 FUJIKURA-XFPM-050KPGR-P1 Datasheet
163Kb / 3P
   Pre-amplified/5V Excitation/Gauge
XFHM-025KPGR FUJIKURA-XFHM-025KPGR Datasheet
341Kb / 4P
   Pre-amplified/5V Excitation/Gauge
XFPM-025KPGR FUJIKURA-XFPM-025KPGR Datasheet
447Kb / 4P
   Pre-amplified/5V Excitation/Gauge
XFPN-025KPGR FUJIKURA-XFPN-025KPGR Datasheet
356Kb / 4P
   Pre-amplified/5V Excitation/Gauge
X3PMC-050KPGR FUJIKURA-X3PMC-050KPGR Datasheet
152Kb / 4P
   Pre-amplified/3V Excitation/Gauge
X3GMC-3050KPGSR FUJIKURA-X3GMC-3050KPGSR Datasheet
269Kb / 3P
   Pre-amplified/3V Excitation/Gauge
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com