Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A30QS225-4 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # A30QS225-4
Description  SEMICONDUCTOR PROTECTION FUSES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A30QS225-4 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  A30QS225-4 Datasheet HTML 1Page - List of Unclassifed Manufacturers A30QS225-4 Datasheet HTML 2Page - List of Unclassifed Manufacturers A30QS225-4 Datasheet HTML 3Page - List of Unclassifed Manufacturers A30QS225-4 Datasheet HTML 4Page - List of Unclassifed Manufacturers A30QS225-4 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
D
D 7
A 30 QS 600 - 4 TI
Amp-trap
® Fuse
Rated Volts - 300
Style
Amperes*
Mounting Types*
Ferrule
Blades, bolt-in
Hockey puck, bolt-in
Integral Blown-Fuse
Indicator
Trigger Indicator
Trigger Actuator
* For ampere ratings and types not listed, call Technical Services.
®
AC: 1- 4500A
300VAC, 200kA I.R.
®
DC: 300VDC, 100kA I.R.
L/R= 10ms
Ratings
A30QS Amp-Trap® Semiconductor Protection fuses are
intended for the protection of Power Semiconductors
such as Diodes, Phase Control SCR’s and other Power
Semiconductor devices. The A30QS is recommended for
new applications providing solutions for your critical
protection needs at 300V and less semiconductors.
®
UL Recognized
Component
®
AC: UL Guide No.
JFHR2 (35-4500A)
®
CSA
Approvals
Catalog Numbering System
A
30
QS
600
1
4
128
TI
IL
FUSE
FUSE BLOCK
AMPERE
CATALOG
RATING
NUMBER
Single Pole Fuse Blocks for A30QS Fuses
Features / Benefits
® Low I2t minimizes damage to protected component on
short circuit
® Controlled arc Voltage reduces stress to circuit
components during fuse clearing
® Choice of mounting types helps in
equipment design
HIGHLIGHTS:
®
Fast Acting
®
Current Limiting
®
Low I2t
®
Indicator Options
Availible
®
Superior DC
Capabilities
APPLICATIONS:
®
Protection of 300 volt
(or less)heavy duty
rectifiers and similar
heavy duty power
supplies
AMP-TRAP®–Form 101
A30QS
SEMICONDUCTOR PROTECTION FUSES
1-30
31-60
61-100
101-200
201-400
401-600
70316
P243G
P243
P243
P243G
P243G
C
US


Similar Part No. - A30QS225-4

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
A30 DBLECTRO-A30 Datasheet
269Kb / 1P
   SCA CONNECTOR IDC TYPE(MALE)
logo
XP Power Limited
A30 XPPOWER-A30 Datasheet
1Mb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Mean Well Enterprises C...
A300-150 MEANWELL-A300-150 Datasheet
113Kb / 4P
   150W Modified Sine Wave DC-AC Power Inverter
A300-300 MEANWELL-A300-300 Datasheet
94Kb / 2P
   300W Modified Sine Wave DC-AC Power Inverter
A300-600 MEANWELL-A300-600 Datasheet
81Kb / 2P
   600W Modified Sine Wave DC-AC Power Inverter
More results

Similar Description - A30QS225-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A60X ETC2-A60X Datasheet
435Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A150X ETC2-A150X Datasheet
511Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A25X ETC2-A25X Datasheet
464Kb / 5P
   SEMICONDUCTOR PROTECTION FUSES
URGG ETC2-URGG Datasheet
347Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A50P ETC2-A50P Datasheet
226Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A50QS ETC2-A50QS Datasheet
483Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A70P ETC2-A70P Datasheet
202Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A70Q ETC2-A70Q Datasheet
190Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
URB ETC2-URB Datasheet
204Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
URE ETC2-URE Datasheet
301Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com