Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A50QS250-4 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # A50QS250-4
Description  SEMICONDUCTOR PROTECTION FUSES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A50QS250-4 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  A50QS250-4 Datasheet HTML 1Page - List of Unclassifed Manufacturers A50QS250-4 Datasheet HTML 2Page - List of Unclassifed Manufacturers A50QS250-4 Datasheet HTML 3Page - List of Unclassifed Manufacturers A50QS250-4 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
D 14
A50QS35 to 1200
Circuit Voltage (Volts RMS)
Maximum Arc Volts vs. System Voltage
Melting Time – Current Data, 500V Fuses
Available Current in RMS Symmetrical Amperes
Peak Let-Thru Current Data – A50QS35 to 1200, 500 Volts AC
AMP-TRAP®–Form 101
A50QS
SEMICONDUCTOR PROTECTION FUSES
Current in Amperes


Similar Part No. - A50QS250-4

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A50QH1470AA00K KEMET-A50QH1470AA00K Datasheet
59Kb / 1P
   A50, Film, Metallized Polyester, Automotive Grade, 4700 pF, 10%, 250 VAC, 1000 VDC, 85C
More results

Similar Description - A50QS250-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A60X ETC2-A60X Datasheet
435Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A150X ETC2-A150X Datasheet
511Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A25X ETC2-A25X Datasheet
464Kb / 5P
   SEMICONDUCTOR PROTECTION FUSES
URGG ETC2-URGG Datasheet
347Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A50P ETC2-A50P Datasheet
226Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A70P ETC2-A70P Datasheet
202Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A70Q ETC2-A70Q Datasheet
190Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
URB ETC2-URB Datasheet
204Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
URE ETC2-URE Datasheet
301Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A30QS ETC2-A30QS Datasheet
1Mb / 5P
   SEMICONDUCTOR PROTECTION FUSES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com