Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A50P125-4TI Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # A50P125-4TI
Description  SEMICONDUCTOR PROTECTION FUSES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A50P125-4TI Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  A50P125-4TI Datasheet HTML 1Page - List of Unclassifed Manufacturers A50P125-4TI Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
D
D 17
AMPERE
CATALOG
OUTLINE
AMPERE
CATALOG
OUTLINE
AMPERE
CATALOG
OUTLINE
RATING
NUMBER
FIG.
RATING
NUMBER
FIG.
RATING
NUMBER
FIG.
10
A50P10-1
1
175
A50P175-4
3
450
A50P450-4
3
15
A50P15-1
1
175
A50P175-4TI
3
450
A50P450-4TI
3
20
A50P20-1
1
200
A50P200-4
3
500
A50P500-4
3
25
A50P25-1
1
200
A50P200-4TA
4
500
A50P500-4TI
3
30
A50P30--1
1
200
A50P200-4TI
3
600
A50P600-4
3
35
A50P35-4
2
225
A50P225-4
3
600
A50P600-4TA
4
40
A50P40-4
2
250
A50P250-4
3
600
A50P600-4TI
3
50
A50P50-4
2
250
A50P250-4TA
4
700
A50P700-4
5
60
A50P60-4
2
250
A50P250-4TI
3
700
A50P700-4TA
6
70
A50P70-4
3
275
A50P275-4
3
700
A50P700-4TI
5
80
A50P80-4
3
300
A50P300-4
3
800
A50P800-4
5
90
A50P90-4
3
300
A50P300-4TA
4
800
A50P800-4TA
6
100
A50P100-4
3
300
A50P300-4TI
3
800
A50P800-4TI
5
100
A50P100-4TI
3
325
A50P325-4
3
900
A50P900-4
3
125
A50P125-4
3
350
A50P350-4
3
1000
A50P1000-4
3
125
A50P125-4TA
4
350
A50P350-4TI
3
1000
A50P1000-4TI
3
125
A50P125-4TI
3
400
A50P400-4
3
1200
A50P1200-4
3
150
A50P150-4
3
400
A50P400-4TA
4
1200
A50P1200-4TI
3
150
A50P150-4TI
3
400
A50P400-4TI
3
Standard Fuse Ampere Ratings, Catalog Numbers
For ampere ratings and styles not listed, call Technical Services.
Dimensions
OUTLINE
MOUNTING
FIG.
DIMENSIONS - INCHES (mm)
REF.
TYPE
A
B
C
D
E
F
G
H
A50P10 to 30
1
1
2.00
0.56
-
-
-
-
-
-
(50.8)
(14.2)
-
-
-
-
-
-
A50P35 to 60
1DS*
1
2.25
0.81
-
-
-
-
-
-
(57.2)
(20.6)
-
-
-
-
-
-
A50P35 to 60
4
2
3.19
0.81
1.63
2.50
2.25
0.34
0.72
0.13
(81.0)
(20.6)
(41.4)
(63.5)
(57.2)
8.6)
(18.3)
(3.3)
A50P70 to 100
4
3
3.63
1.00
2.13
2.94
2.81
0.31
0.75
0.13
(92.2)
(25.4)
(54.1)
(74.7)
(71.4)
(7.9)
(19.1)
(3.3)
A50P125 to 200
4, 4TA**
3, 4**
3.63
1.22
2.13
2.94
2.81
0.31
1.00
0.19
(92.2)
(31.0)
(54.1)
(74.7)
(71.4)
(7.9)
(25.4)
(4.8)
A50P225 to 400
4, 4TA**
3, 4**
4.34
1.50
2.09
3.41
2.78
0.41
1.00
0.25
(110)
(38.1)
(53.1)
(86.6)
(70.6)
(10.4)
(25.4)
(6.4)
A50P450 to 600
4, 4TA**
3, 4**
4.47
2.00
2.22
3.53
2.91
0.41
1.50
0.25
(114)
(50.8)
(56.4)
(89.7)
(73.9)
(10.4)
(38.1)
(6.4)
A50P700 to 800
4, 4TA**
5, 6**
6.47
2.50
2.22
4.63
4.31
0.53
2.00
0.38
(164)
(63.5)
(56.4)
(118)
(109)
(13.5)
(50.8)
(9.7)
A50P900 to 1200
4
3
6.97
3.00
3.22
4.97
***
0.63
2.38
0.44
(177)
(76.2)
(81.8)
(126)
***
(16.0)
(60.5)
(11.1)
*
Use with 60306J fuse block.
** Optional Trigger Actuator (TA)
*** Mounting hole is round, diameter F.
Figure 2
Figure 5
Figure 6
Figure 3
Figure 4
Figure 1
AMP-TRAP®–Form 101
A50P
SEMICONDUCTOR PROTECTION FUSES


Similar Part No. - A50P125-4TI

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A50PH2100AA60K KEMET-A50PH2100AA60K Datasheet
226Kb / 1P
   A50, Film, Metallized Polyester, Automotive Grade, 0.01 uF, 10%, 220 VAC, 630 VDC, 85°C
10/20/2022
More results

Similar Description - A50P125-4TI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A60X ETC2-A60X Datasheet
435Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A150X ETC2-A150X Datasheet
511Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A25X ETC2-A25X Datasheet
464Kb / 5P
   SEMICONDUCTOR PROTECTION FUSES
URGG ETC2-URGG Datasheet
347Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A50QS ETC2-A50QS Datasheet
483Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A70P ETC2-A70P Datasheet
202Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A70Q ETC2-A70Q Datasheet
190Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
URB ETC2-URB Datasheet
204Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
URE ETC2-URE Datasheet
301Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A30QS ETC2-A30QS Datasheet
1Mb / 5P
   SEMICONDUCTOR PROTECTION FUSES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com