Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSM-050KPG Datasheet(PDF) 1 Page - Fujikura Ltd.

Part # PSM-050KPG
Description  Pressure sensor module/Gauge,Differential
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJIKURA [Fujikura Ltd.]
Direct Link  http://www.fujikura.co.jp
Logo FUJIKURA - Fujikura Ltd.

PSM-050KPG Datasheet(HTML) 1 Page - Fujikura Ltd.

  PSM-050KPG Datasheet HTML 1Page - Fujikura Ltd. PSM-050KPG Datasheet HTML 2Page - Fujikura Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
. Accuracy, 1.0 FS
. Volt level output
. Piggy-back style, pre-amplified and pre-compensated module
. Pre-calibration of offset voltage and span
Applications
. Industrial instrumentation
. Pressure switch, Pneumatic device
. Medical device
Part number for ordering
PSM C - 025KP G
Pressure type
Gauge pressure
Differential pressure
Model
PSM-G
PSM-D
Package configuration
Piggy-back style module
Piggy-back style module
Measurable pressure range (kPa)
Part number for ordering
100
100
PSM-100KPGW
PSM-100KPDW
0
100
PSM-100KPGV
PSM-100KPDV
0
25
PSM-025KPG
PSM-025KPD
0
50
PSM-050KPG
PSM-050KPD
0
100
PSM-100KPG
PSM-100KPD
0
200
PSM-200KPG
PSM-200KPD
Model/Rated pressure
100KPGW
100KPDW
100KPGV
100KPDV
025KPG
025KPD
050KPG
050KPD
100KPG
100KPD
200KPG
200KPD
Unit
Recommended operating conditions
Pressure type
Gauge pressure
Rated pressure
100
100
25
50
100
200
kPa
1.020
1.020
0.255
0.510
1.020
2.040
kg/cm
2
Measurable pressure range
100
100
0
100
0
25
0
50
0
100
0
200
kPa
Pressure media
1
PSM : Non-corrosive gas only, PSMC : Non-corrosive gas and liquid
Excitation voltage
50.25
VDC
Absolute maximum rating
Maximum load pressure
Twice of rated pressure
Maximum excitation voltage
7VDC
Operating temperature
20
100
Storage temperature
40
120
Operating humidity
30
80 (No dew condensation)
RH
Electric performances/characteristics (Excitation voltage Vcc=5.0V constant, Ambient temperature Ta=25
)
Current consumption
less than 5
mA
Mechanical response time
2 (For the reference)
msec
Output voltage
2,
3
0.5 (
100kPa)
4.5 (100kPa)
0.5 (0kPa)
4.5 (
100kPa)
0.5 (0kPa)
4.5 (25kPa)
0.5 (0kPa)
4.5 (50kPa)
0.5 (0kPa)
4.5 (100kPa)
0.5 (0kPa)
4.5 (200kPa)
V
Full scale span voltage
3
4.0
V
Offset voltage
2,
3
0.5
0.04
V
Full scale span voltage
2, 3
4.5
0.04
V
Accuracy
3
1.0
FS/0
50
Note ;
1) Please consult us available when you choose the C models.
2) Output refers to pressure at pressure port 2.
3) Excluding input voltage error.
Pressure sensor module/Gauge,Differential
PSM-G,PSM-D Data sheet
Pressure type
G
: Gauge(Positive pressure)
GV : Gauge(Negative pressure)
GW : Gauge(Bipolar pressure)
D
: Differential(Positive pressure)
DV : Differential(Negative pressure)
DW : Differential(Bipolar pressure)
Model
PSM
Rated pressure(Pa)
Available pressure media
No mark : Non-corrosive gas only
C
: Non-corrosive gas and liquid
(Contact us about availability)
Specifications
1


Similar Part No. - PSM-050KPG

ManufacturerPart #DatasheetDescription
logo
Fujikura Ltd.
PSM-001KPDW FUJIKURA-PSM-001KPDW Datasheet
308Kb / 2P
   Pressure sensor module/Gauge,Differential
PSM-001KPGW FUJIKURA-PSM-001KPGW Datasheet
308Kb / 2P
   Pressure sensor module/Gauge,Differential
PSM-002KPD FUJIKURA-PSM-002KPD Datasheet
308Kb / 2P
   Pressure sensor module/Gauge,Differential
PSM-002KPDW FUJIKURA-PSM-002KPDW Datasheet
308Kb / 2P
   Pressure sensor module/Gauge,Differential
PSM-002KPG FUJIKURA-PSM-002KPG Datasheet
308Kb / 2P
   Pressure sensor module/Gauge,Differential
More results

Similar Description - PSM-050KPG

ManufacturerPart #DatasheetDescription
logo
Fujikura Ltd.
PSM-005KPG FUJIKURA-PSM-005KPG Datasheet
308Kb / 2P
   Pressure sensor module/Gauge,Differential
logo
Silicon Microstructures...
SM4221 SMI-SM4221 Datasheet
1Mb / 11P
   Gauge & Differential Pressure Sensors
SM5221 SMI-SM5221 Datasheet
1Mb / 11P
   Gauge & Differential Pressure Sensors
SM5291-BCE-S-100-000 SMI-SM5291-BCE-S-100-000 Datasheet
347Kb / 1P
   Gauge Pressure Sensor
SM4233-HGL-S-375-000 SMI-SM4233-HGL-S-375-000 Datasheet
907Kb / 8P
   Gauge Pressure Sensor
SM6291-BBE-S-021-000 SMI-SM6291-BBE-S-021-000 Datasheet
382Kb / 1P
   Gauge Pressure Sensor
SM7291-BBE-S-002-001 SMI-SM7291-BBE-S-002-001 Datasheet
448Kb / 1P
   Gauge Pressure Sensor
SM4232-HGA-S-005-000 SMI-SM4232-HGA-S-005-000 Datasheet
633Kb / 8P
   Gauge Pressure Sensor
SM4233-HGL-S-005-000 SMI-SM4233-HGL-S-005-000 Datasheet
633Kb / 8P
   Gauge Pressure Sensor
SM6291-BCE-S-030-000 SMI-SM6291-BCE-S-030-000 Datasheet
382Kb / 1P
   Gauge Pressure Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com