Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGN-607PGSR Datasheet(PDF) 3 Page - Fujikura Ltd.

Part # FGN-607PGSR
Description  Sensing element/Gauge
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJIKURA [Fujikura Ltd.]
Direct Link  http://www.fujikura.co.jp
Logo FUJIKURA - Fujikura Ltd.

FGN-607PGSR Datasheet(HTML) 3 Page - Fujikura Ltd.

  FGN-607PGSR Datasheet HTML 1Page - Fujikura Ltd. FGN-607PGSR Datasheet HTML 2Page - Fujikura Ltd. FGN-607PGSR Datasheet HTML 3Page - Fujikura Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2.54 2.54
0.8
7
0.8
10.3
MAX.
15
3
2-R0.5
12
3
12
3
65
4
65
4
Vent hole
Pressure port
Index
Projections
Labelled faceplate
Projections
3
1
6
1
6
2
5
R2
i
1.5mA
R1
R4
R3
Zero balancing trimmer (VR0) is available.
VR0: 200
VR0
Constant
current
source
Output voltage
2- 1(Holes for projections)
6.2
9.4
Land-pads
1.7
FGN-6
unit(mm)
FPN, FGN-6
unit(mm)
Note ; Please read instruction “Notes” before using the sensor.
Fujikura reserves the right to change specifications without notice.
If you have any questions regarding technical issues or specifications, please contact us.
Sensor Engineering Department
5-1 Kiba 1-chome, Koto-ku, Tokyo 135-8512, Japan
Phone +81-(0)3-5606-1072
Fax. +81-(0)3-5606-1538
E-mail : sensor@fujikura.co.jp
Recommended footprint for PCB
unit(mm)
Sensing element/Gauge
FPN,FGN-6 Data sheet
Outline dimensions
Connection diagram
3


Similar Part No. - FGN-607PGSR

ManufacturerPart #DatasheetDescription
logo
Fujikura Ltd.
FGN-607PGSR FUJIKURA-FGN-607PGSR Datasheet
195Kb / 5P
   Sensing element Gauge
FGN-607PGSR FUJIKURA-FGN-607PGSR_11 Datasheet
195Kb / 5P
   Sensing element Gauge
More results

Similar Description - FGN-607PGSR

ManufacturerPart #DatasheetDescription
logo
Fujikura Ltd.
FGMC-307PGSR FUJIKURA-FGMC-307PGSR Datasheet
295Kb / 3P
   Sensing element/Gauge
FGN-607PGSR FUJIKURA-FGN-607PGSR_11 Datasheet
195Kb / 5P
   Sensing element Gauge
FPMC-07PGR FUJIKURA-FPMC-07PGR Datasheet
378Kb / 4P
   Sensing element/Gauge
FGM-607PGSR FUJIKURA-FGM-607PGSR Datasheet
255Kb / 5P
   Sensing element Gauge
FPN-07PGR FUJIKURA-FPN-07PGR Datasheet
259Kb / 4P
   Sensing element/Gauge Dual-in-line package (DIP)
logo
List of Unclassifed Man...
FPM-15PA ETC-FPM-15PA Datasheet
390Kb / 4P
   Sensing element / Absolute
logo
Fujikura Ltd.
FDM-02PDSR FUJIKURA-FDM-02PDSR Datasheet
201Kb / 5P
   Sensing element / Differential
FDM-30PDSR FUJIKURA-FDM-30PDSR Datasheet
300Kb / 2P
   Sensing element/Differential
FAM-15PASR FUJIKURA-FAM-15PASR Datasheet
392Kb / 4P
   Sensing element/Absolute
logo
Amphenol Corporation
EHRH AMPHENOL-EHRH Datasheet
43Kb / 2P
   Waterproof sensing element and housing
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com