Electronic Components Datasheet Search |
|
MAX3222ECUP Datasheet(PDF) 1 Page - Maxim Integrated Products |
|
MAX3222ECUP Datasheet(HTML) 1 Page - Maxim Integrated Products |
1 / 22 page General Description The MAX3222E/MAX3232E/MAX3237E/MAX3241E/ MAX3246E +3.0V-powered EIA/TIA-232 and V.28/V.24 communications interface devices feature low power con- sumption, high data-rate capabilities, and enhanced electrostatic-discharge (ESD) protection. The enhanced ESD structure protects all transmitter outputs and receiver inputs to ±15kV using IEC 1000-4-2 Air-Gap Discharge, ±8kV using IEC 1000-4-2 Contact Discharge (±9kV for MAX3246E), and ±15kV using the Human Body Model. The logic and receiver I/O pins of the MAX3237E are protected to the above standards, while the transmit- ter output pins are protected to ±15kV using the Human Body Model. A proprietary low-dropout transmitter output stage delivers true RS-232 performance from a +3.0V to +5.5V power supply, using an internal dual charge pump. The charge pump requires only four small 0.1µF capacitors for opera- tion from a +3.3V supply. Each device guarantees opera- tion at data rates of 250kbps while maintaining RS-232 output levels. The MAX3237E guarantees operation at 250kbps in the normal operating mode and 1Mbps in the MegaBaud™ operating mode, while maintaining RS-232- compliant output levels. The MAX3222E/MAX3232E have two receivers and two transmitters. The MAX3222E features a 1µA shutdown mode that reduces power consumption in battery-pow- ered portable systems. The MAX3222E receivers remain active in shutdown mode, allowing monitoring of external devices while consuming only 1µA of supply current. The MAX3222E and MAX3232E are pin, package, and func- tionally compatible with the industry-standard MAX242 and MAX232, respectively. The MAX3241E/MAX3246E are complete serial ports (three drivers/five receivers) designed for notebook and subnotebook computers. The MAX3237E (five drivers/ three receivers) is ideal for peripheral applications that require fast data transfer. These devices feature a shut- down mode in which all receivers remain active, while consuming only 1µA (MAX3241E/MAX3246E) or 10nA (MAX3237E). The MAX3222E, MAX3232E, and MAX3241E are avail- able in space-saving SO, SSOP, and TSSOP packages. The MAX3237E is offered in an SSOP package. The MAX3246E is offered in the ultra-small 6 x 6 UCSP™ package. ________________________Applications Battery-Powered Equipment Printers Cell Phones Smart Phones Cell-Phone Data Cables xDSL Modems Notebook, Subnotebook, and Palmtop Computers Features o ESD Protection for RS-232 I/O Pins (MAX3222E/MAX3232E/MAX3241E/MAX3246E) ±15kV—Human Body Model ±8kV—IEC 1000-4-2, Contact Discharge ±9kV (MAX3246E Only)—IEC 1000-4-2, Contact Discharge ±15kV—IEC 1000-4-2, Air-Gap Discharge o ESD Protection for all Logic and Receiver I/O Pins (MAX3237E) ±15kV—Human Body Model ±8kV—IEC 1000-4-2, Contact Discharge ±15kV–IEC 1000-4-2, Air-Gap Discharge o ESD Protection for Transmitter Output Pins (MAX3237E) ±15kV—Human Body Model o Guaranteed Data Rate 250kbps (MAX3222E/MAX3232E/MAX3241E/ MAX3246E/MAX3237E, Normal Operation) 1Mbps (MAX3237E, MegaBaud Operation) o Latchup Free o Low-Power Shutdown with Receivers Active 1µA (MAX3222E/MAX3241E/MAX3246E) 10nA (MAX3237E) o Flow-Through Pinout (MAX3237E) o Guaranteed Mouse Drivability (MAX3241E) o Meets EIA/TIA-232 Specifications Down to +3.0V ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers ________________________________________________________________ Maxim Integrated Products 1 19-1298; Rev 7; 2/03 _______________Ordering Information Ordering Information continued at end of data sheet. Pin Configurations appear at end of data sheet. Selector Guide appears at end of data sheet. Typical Operating Circuits appear at end of data sheet. For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at 1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com. PART TEMP RANGE PIN-PACKAGE MAX3222ECUP 0°C to +70°C 20 TSSOP MAX3222ECAP 0°C to +70°C 20 SSOP MegaBaud is a trademark of Maxim Integrated Products, Inc. UCSP is a trademark of Maxim Integrated Products, Inc. †Covered by U.S. Patent numbers 4,636,930; 4,679,134; 4,777,577; 4,797,899; 4,809,152; 4,897,774; 4,999,761; and other patents pending. |
Similar Part No. - MAX3222ECUP |
|
Similar Description - MAX3222ECUP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |