Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS56L-PCI Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # RS56L-PCI
Description  Host-Processed V.90/K56flex?? Modem Device Family for Mobile Applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RS56L-PCI Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button RS56L-PCI Datasheet HTML 4Page - List of Unclassifed Manufacturers RS56L-PCI Datasheet HTML 5Page - List of Unclassifed Manufacturers RS56L-PCI Datasheet HTML 6Page - List of Unclassifed Manufacturers RS56L-PCI Datasheet HTML 7Page - List of Unclassifed Manufacturers RS56L-PCI Datasheet HTML 8Page - List of Unclassifed Manufacturers RS56L-PCI Datasheet HTML 9Page - List of Unclassifed Manufacturers RS56L-PCI Datasheet HTML 10Page - List of Unclassifed Manufacturers RS56L-PCI Datasheet HTML 11Page - List of Unclassifed Manufacturers RS56L-PCI Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
+RVW6RIWZDUH3URFHVVHG9.IOH[™0RGHP'HYLFH)DPLO\IRU0RELOH$SSOLFDWLRQV
56/3&,
0'

e
b
D
DETAIL A
DETAIL A
A1
L1
c
L
A
D2
D1
D1
A2
Millimeters
0.05
21.75
0.5
0.17
0.11
1.6 MAX
0.15
1.4 REF
22.25
20.0 REF
17.5 REF
0.75
1.0 REF
0.50 BSC
0.27
0.17
0.08 MAX
0.0020
0.8563
0.0197
0.0067
0.0043
A
A1
A2
D
D1
D2
L
L1
e
b
c
Coplanarity
Min.
Max.
Min.
Max.
Inches*
Dim.
Ref: 144-PIN TQFP (GP00-D252)
* Metric values (millimeters) should be used for
PCB layout. English values (inches) are
converted from metric values and may include
round-off errors.
0.0630 MAX
0.0059
0.0551 REF
0.8760
0.7874 REF
0.6890 REF
0.0295
0.0394 REF
0.0197 BSC
0.0106
0.0067
0.0031 MAX
PD-TQFP-144 (040395)
D1
D
D2
D1
PIN 1
REF
Figure 5. Package Dimensions - 144-Pin TQFP


Similar Part No. - RS56L-PCI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RS560C ETC-RS560C Datasheet
132Kb / 2P
   Vielseitige Hochfrequenzverstarker-IS
More results

Similar Description - RS56L-PCI

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
RH56D-PCI CONEXANT-RH56D-PCI Datasheet
199Kb / 12P
   Host Controlled V.90/K56flex Modem device
RC56LD CONEXANT-RC56LD Datasheet
194Kb / 22P
   Integrated V.90/K56flex/V.34/V.32bis Modem Device Sets for Low Power Applications
RC56D-USB CONEXANT-RC56D-USB Datasheet
171Kb / 14P
   INTEGRATED V.90/K56FLEX MODEM DEVICE SETS WITH USB INTERFACE FOR DESKTOP APPLICATIONS
logo
List of Unclassifed Man...
RH56D-PCI ETC-RH56D-PCI Datasheet
357Kb / 60P
   MODEM DEVICE FAMILY FOR DESKTOP APPLICATIONS
logo
Synaptics Incorporated.
RP56D CONEXANT-RP56D Datasheet
230Kb / 18P
   Low Voltage V.90/ K56flex / V.34/ v.32bis Modem Data Pumps for Desktop Applications
logo
List of Unclassifed Man...
CL3256A ETC2-CL3256A Datasheet
166Kb / 14P
   Laser Processed Logic Device Family
December 2000
logo
Synaptics Incorporated.
RP56LD CONEXANT-RP56LD Datasheet
286Kb / 24P
   LOW VOLTAGE V.90/K56FLEX V.34/V.32 BIS MODEM DATA PUMPS FOR LOW POWER APPLICATIONS
logo
Bel Fuse Inc.
2811B BEL-2811B Datasheet
30Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformer
2791C BEL-2791C Datasheet
34Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformer
2802A BEL-2802A Datasheet
38Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com