Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM5821A Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # FM5821A
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 3.0 Amperes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FM5821A Datasheet(HTML) 1 Page - Rectron Semiconductor

  FM5821A Datasheet HTML 1Page - Rectron Semiconductor FM5821A Datasheet HTML 2Page - Rectron Semiconductor FM5821A Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE 20 to 40 Volts CURRENT 3.0 Amperes
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
FM5820A
THRU
FM5822A
DO-214AC
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
NOTES : 1. Thermal Resistance (Junction to Ambient).
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
3. Also available in DO-214AC (SMA) & DO-214AA (SMB) package.
* Ideal for surface mounted applications
* Low leakage current
* Metallurgically bonded construction
* Mounting position: Any
* Weight: 0.057 gram
* Epoxy: Device has UL flammability classification 94V-O
Dimensions in inches and (millimeters)
2004-3
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at Derating Lead Temperature
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 1)
Typical Junction Capacitance (Note 2)
SYMBOL
VRRM
VDC
IFSM
CJ
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
3.0
80
25
200
Amps
0C/ W
0 C
Storage Temperature Range
IO
-55 to + 150
pF
Operating Temperature Range
TJ
FM5820A
FM5822A
FM5821A
20
40
30
14
28
21
20
40
30
-55 to + 150
0 C
R
θJA
CHARACTERISTICS
Maximum Average Reverse Current
at Rated DC Blocking Voltage
VF
SYMBOL
IR
mAmps
Maximum Instantaneous Forward Voltage at 3.0A DC
Volts
2.0
20
@TA = 25
oC
@TA = 100
oC
.475
.525
mAmps
UNITS
FM5820A
FM5822A
FM5821A
.500
MECHANICAL DATA
0.012 (0.305)
0.006 (0.152)
0.008 (0.203)
0.004 (0.102)
0.209 (5.31)
0.185 (4.70)
0.035 (0.89)
0.059 (1.50)
0.067 (1.70)
0.091 (2.31)
0.160(4.06)
0.180(4.57)
0.086 (2.18)
0.110 (2.79)
0.067 (1.70)
0.051 (1.29)


Similar Part No. - FM5821A

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM5821 RECTRON-FM5821 Datasheet
25Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 40 Volts CURRENT 3.0 Amperes)
logo
Formosa MS
FM5821 FORMOSA-FM5821 Datasheet
67Kb / 2P
   Silicon epitaxial planer type
FM5821 FORMOSA-FM5821 Datasheet
67Kb / 2P
   Silicon epitaxial planer type
FM5821 FORMOSA-FM5821 Datasheet
69Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM5821-AL FORMOSA-FM5821-AL Datasheet
69Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
More results

Similar Description - FM5821A

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM5820 RECTRON-FM5820 Datasheet
25Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 40 Volts CURRENT 3.0 Amperes)
FM5820B RECTRON-FM5820B Datasheet
30Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 3.0 Amperes
FM320B RECTRON-FM320B Datasheet
31Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 3.0 Amperes
FM320 RECTRON-FM320 Datasheet
25Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE RANGE 20 to 100 Volts CURRENT 3.0 Amperes)
FM320A RECTRON-FM320A Datasheet
31Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 3.0 Amperes
FM5820L RECTRON-FM5820L Datasheet
420Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 3.0 Ampere
logo
List of Unclassifed Man...
SSM22LPT ETC2-SSM22LPT Datasheet
81Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 - 40 Volts CURRENT 2.0 Amperes
logo
Rectron Semiconductor
SR320 RECTRON-SR320 Datasheet
230Kb / 2P
   SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 3.0 Amperes)
SRL320 RECTRON-SRL320 Datasheet
265Kb / 5P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 100 Volts CURRENT 3.0 Amperes
2021-06 REV:A
logo
List of Unclassifed Man...
SX37 ETC1-SX37 Datasheet
43Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE- 20 to 90 Volts CURRENT- 3.0 Amperes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com