Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMOV20R460M Datasheet(PDF) 6 Page - Littelfuse

Part # TMOV20R460M
Description  Varistor Products - Thermally Protected
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TMOV20R460M Datasheet(HTML) 6 Page - Littelfuse

  TMOV20R460M Datasheet HTML 1Page - Littelfuse TMOV20R460M Datasheet HTML 2Page - Littelfuse TMOV20R460M Datasheet HTML 3Page - Littelfuse TMOV20R460M Datasheet HTML 4Page - Littelfuse TMOV20R460M Datasheet HTML 5Page - Littelfuse TMOV20R460M Datasheet HTML 6Page - Littelfuse TMOV20R460M Datasheet HTML 7Page - Littelfuse TMOV20R460M Datasheet HTML 8Page - Littelfuse TMOV20R460M Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
32
www .littelfuse .com
Varistor Products
TMOV® and iTMOV® Varistor Series
* Figure 4: Typical time to open circuit under UL1449
Abnormal Overvoltage Limited Current Test
0.1
1
10
10
100
1000
10000
Time s
0.125A
0.5A
2.5A
5A
Typical
For applications exceeding 85ºC ambient
temperature, the peak surge current and energy
ratings must be reduced as shown in Figure
5.
Figure 5: Peak Current & Energy Derating Curve
0
20
40
60
80
100
-55
50
60
70
80
90
100
110
120
130
AMBIENT TEMPERATURE (ºC)
Thermal Characteristics
Transient V-I Characteristic Curves
100
1000
10000
0.000001 0.00001 0.0001 0.001
0.01
0.1
1
10
100
1000
10000
Peak Current (A)
175V
150V
140V
130V
320V
275V
250V
230V
Figure 6: V-I Characteristic Curves for 14mm Types
420V
385V
115V
Maximum Leakage Current
Maximum Clamping Voltage
14mm
200V
460V
510V
550V
575V
625V
750V
100
1000
10000
0.000001 0.00001 0.0001 0.001
0.01
0.1
1
10
100
1000
10000
Peak Current (A)
175V
150V
140V
130V
320V
275V
250V
230V
Figure 7: V-I Characteristic Curves for 20mm Types
420V
385V
115V
Maximum Leakage Current
Maximum Clamping Voltage
20mm
200V
460V
510V
550V
575V
625V
750V
300V
Figure 9: Pulse Rating Curves for 20mm types
1
10
100
1000
10000
10
100
1000
10000
Impulse Duration ( s)
1
10
2
10
3
Model 20 mm
2
10
4
10
5
10
6
10
Figure 8: Pulse Rating Curves for 14mm types
1
10
100
1000
10000
10
100
1000
10000
Impulse Duration ( s)
1
10
10
2
10
3
Model 14 mm
2
10
4
10
5
10
6
Pulse Rating Curves
Note : The TMOV and iTMOV varistors are intended, in conjunction with
appropriate enclosure design, to help facilitate TVSS module compliance
to UL 1449, Section 37.4 (abnormal over-voltage limited current require-
ments). Under these extreme abnormal over-voltage conditions, the units
will exhibit substantial heating and potential venting prior to opening.
Modules should be designed to contain this possibility. Application testing
is strongly recommended.
Thermally Protected
NOTE: Average power dissipation of transients should not exceed 1.0W
NOTE: Average power dissipation of transients should not exceed 0.6W


Similar Part No. - TMOV20R460M

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TMOV20R460M LITTELFUSE-TMOV20R460M Datasheet
835Kb / 9P
   Varistor Products - Thermally Protected
More results

Similar Description - TMOV20R460M

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TMOV14R115E LITTELFUSE-TMOV14R115E Datasheet
835Kb / 9P
   Varistor Products - Thermally Protected
TMOV34S111M LITTELFUSE-TMOV34S111M Datasheet
203Kb / 6P
   Varistor Products - High Energy Industrial Thermally Protected
TMOV34S LITTELFUSE-TMOV34S Datasheet
803Kb / 7P
   The Littelfuse TMOV짰34S thermally protected varistor
LST3205VL2NT1 LITTELFUSE-LST3205VL2NT1 Datasheet
559Kb / 4P
   Metal Oxide Varistors (MOVs) LST Varistor Series > SPD Thermally Protected Varistor
Revised: 02/18/21
SMOV34S LITTELFUSE-SMOV34S Datasheet
983Kb / 6P
   The Littelfuse SMOV thermally protected varistor is a self-protected device.
V3.5MLA0603NH LITTELFUSE-V3.5MLA0603NH Datasheet
466Kb / 8P
   Varistor Products
V25S115P LITTELFUSE-V25S115P Datasheet
282Kb / 5P
   Varistor Products
V150LT10A LITTELFUSE-V150LT10A Datasheet
309Kb / 11P
   Varistor Products
V9MLA0402LNR LITTELFUSE-V9MLA0402LNR Datasheet
380Kb / 8P
   Varistor Products
logo
IK Semicon Co., Ltd
ILA82C251 IKSEMICON-ILA82C251 Datasheet
353Kb / 13P
   Thermally protected
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com