Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASD15-48S5 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ASD15-48S5
Description  Isolated and Regulated 15 WATT Modular DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASD15-48S5 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ASD15-48S5 Datasheet HTML 1Page - List of Unclassifed Manufacturers ASD15-48S5 Datasheet HTML 2Page - List of Unclassifed Manufacturers ASD15-48S5 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Isolated and Regulated 15 WATT Modular DC/DC Converters
a s d 1 5 series
WWW.asTROdYNE.COM
asTROdYNE Usa: 1-800-823-8082
asTROdYNE EUROPE: 353 51 561060
asTROdYNE PaCIFIC: 886-2-26983458
Wide 4 : 1 Input Range
High Efficiency
Regulated Outputs
1500V Isolation
Full EMI Shielding
Standard Pinouts
Model Number
Output Voltage
Output amps
Input Range
sINGLE OUTPUT
ASD15-12S3
3.3 VDC
3.75
9-18VDC
ASD15-48S3
3.75
20-75VDC
ASD15-12S5
5 VDC
3
9-18VDC
ASD15-48S5
3
20-75VDC
ASD15-12S12
12 VDC
1.25
9-18VDC
ASD15-48S12
1.25
20-75VDC
ASD15-12S15
15 VDC
1
9-18VDC
ASD15-48S15
1
20-75VDC
dUaL OUTPUT
ASD15-12D5
+/-5 VDC
+/-1.5
9-18VDC
ASD15-48D5
+/-1.5
20-75VDC
ASD15-12D12
+/-12 VDC
+/-0.62
9-18VDC
ASD15-48D12
+/-0.62
20-75VDC
ASD15-12D15
+/-15 VDC
+/-0.5
9-18VDC
ASD15-48D15
+/-0.5
20-75VDC
Unit measures 1.6”W x 2”L x 0.375”H


Similar Part No. - ASD15-48S5

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ASD15-48S5 ASTRODYNE-ASD15-48S5 Datasheet
263Kb / 3P
   Isolated and Regulated 15 WATT Modular DC/DC Converters
More results

Similar Description - ASD15-48S5

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ST15 ASTRODYNE-ST15_16 Datasheet
235Kb / 3P
   Isolated and Regulated 15 Watt Modular DC/DC Converters
ST15 ASTRODYNE-ST15 Datasheet
190Kb / 3P
   Isolated and Regulated 15 Watt Modular DC/DC Converters
FEC15 ASTRODYNE-FEC15_16 Datasheet
207Kb / 3P
   Isolated and Regulated 15 WATT Modular DC/DC Converters
ASD15 ASTRODYNE-ASD15 Datasheet
263Kb / 3P
   Isolated and Regulated 15 WATT Modular DC/DC Converters
FEC15 ASTRODYNE-FEC15 Datasheet
369Kb / 3P
   Isolated and Regulated 15 WATT Modular DC/DC Converters
ASD30 ASTRODYNE-ASD30 Datasheet
462Kb / 3P
   Isolated and Regulated 30 WATT Modular DC/DC Converters
ASD705 ASTRODYNE-ASD705 Datasheet
368Kb / 3P
   Isolated and Regulated 7.5 WATT Modular DC/DC Converters
DR1P5 ASTRODYNE-DR1P5 Datasheet
278Kb / 3P
   Isolated and Regulated 1.5 WATT Modular DC/DC Converters
FKC05 ASTRODYNE-FKC05 Datasheet
225Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
MKC03 ASTRODYNE-MKC03_16 Datasheet
157Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com