Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAS9081A3TC00 Datasheet(PDF) 5 Page - Micro Analog systems

Part # MAS9081A3TC00
Description  Dual Band Receiver IC High Sensitivity
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9081A3TC00 Datasheet(HTML) 5 Page - Micro Analog systems

  MAS9081A3TC00 Datasheet HTML 1Page - Micro Analog systems MAS9081A3TC00 Datasheet HTML 2Page - Micro Analog systems MAS9081A3TC00 Datasheet HTML 3Page - Micro Analog systems MAS9081A3TC00 Datasheet HTML 4Page - Micro Analog systems MAS9081A3TC00 Datasheet HTML 5Page - Micro Analog systems MAS9081A3TC00 Datasheet HTML 6Page - Micro Analog systems MAS9081A3TC00 Datasheet HTML 7Page - Micro Analog systems MAS9081A3TC00 Datasheet HTML 8Page - Micro Analog systems MAS9081A3TC00 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5 (12)
DA9081.006
1 August, 2005
TYPICAL APPLICATION
AGC Amplifier
Power Supply/Biasing
Demodulator
&
Comparator
RFIP
VDD
VSS PDN1
AGC
DEC
OUT
QO2
QO1
QI
AON
+
V
BATTERY
Receiver
Output
C
AGC
C
DEC
Power Down /
Fast Startup /
Frequency Selection
Optional
Control
for AGC on/hold
Ferrite
Antenna
PDN2
X
2
X
1
C
ANT1
C
ANT2
L
ANT
RFIM
RFI2
Note 1
Note 2
Figure 1
Application circuit of dual band receiver MAS9081
AGC Amplifier
Power Supply/Biasing
Demodulator
&
Comparator
RFIP
VDD
VSS PDN1
AGC
DEC
OUT
QO2
QO1
QI
AON
+
1.4 V
Receiver
Output
C
AGC
10 µ
µ
µ
µF
C
DEC
47 nF
Power Down /
Fast Startup /
Frequency Selection
Optional
Control
for AGC on/hold
Ferrite
Antenna
PDN2
X
2
40.003kHz
X
1
60.003kHz
C
ANT1
1.5 nF
C
ANT2
2.0 nF
L
ANT
4.40 mH
RFIM
RFI2
Figure 2
Example circuit of dual band receiver MAS9081 for MSF/WWVB/JJY frequencies


Similar Part No. - MAS9081A3TC00

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9011 MAS-MAS9011 Datasheet
147Kb / 9P
   Solar Cell System Manager
MAS9011A1BD08 MAS-MAS9011A1BD08 Datasheet
147Kb / 9P
   Solar Cell System Manager
MAS9011A1GB06 MAS-MAS9011A1GB06 Datasheet
147Kb / 9P
   Solar Cell System Manager
MAS9011A1TC05 MAS-MAS9011A1TC05 Datasheet
147Kb / 9P
   Solar Cell System Manager
MAS9012 MAS-MAS9012 Datasheet
211Kb / 12P
   Stepper Motor Driver IC
More results

Similar Description - MAS9081A3TC00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CME6005 ETC2-CME6005 Datasheet
141Kb / 16P
   Single and dual band receiver IC
logo
Integrated Device Techn...
F6101 IDT-F6101 Datasheet
165Kb / 2P
   Ku-Band SATCOM Receiver IC
F6102 IDT-F6102 Datasheet
166Kb / 2P
   Ka-Band SATCOM Receiver IC
logo
Analog Devices
ADF7902BRUZ AD-ADF7902BRUZ Datasheet
447Kb / 12P
   ISM Band FSK Receiver IC
REV. 0
logo
Nippon Precision Circui...
SM8224B NPC-SM8224B Datasheet
108Kb / 11P
   Dual-Tone Receiver IC
SM8224C NPC-SM8224C Datasheet
128Kb / 11P
   Dual-Tone Receiver IC
logo
Texas Instruments
TRF1500 TI-TRF1500 Datasheet
233Kb / 17P
[Old version datasheet]   DUAL-BAND/DUAL-MODE PCS RECEIVER
logo
United Monolithic Semic...
CHM1270A98F UMS-CHM1270A98F_15 Datasheet
307Kb / 8P
   W-Band Dual Channel Transmitter/Receiver
logo
List of Unclassifed Man...
RX3930 ETC-RX3930 Datasheet
126Kb / 8P
   Low Power ISM-band FM/FSK Receiver IC
logo
Asahi Kasei Microsystem...
AK8771 AKM-AK8771 Datasheet
941Kb / 5P
   High sensitivity alternating behavior Hall IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com