Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVR250P180U Datasheet(PDF) 2 Page - Littelfuse

Part # HVR250P180U
Description  power contact and the natural lightning strike.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

HVR250P180U Datasheet(HTML) 2 Page - Littelfuse

  HVR250P180U Datasheet HTML 1Page - Littelfuse HVR250P180U Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
In our continuing strategy to deliver unparalleled circuit protection solutions,
technical expertise and application leadership, we proudly introduce the
WICKMANN Group and its products to the Littelfuse portfolio.
040706
www.littelfuse.com
POLYFUSE® RESETTABLE FUSES
No. HVR250
Thermal Derating Chart
Model
Ambient Operation Temperature - I
hold (A)
-40 °C
-20 °C
0 °C
23 °C
40 °C
50 °C
60 °C
70 °C
85 °C
HVR250P080C/U
0.12
0.11
0.09
0.08
0.06
0.05
0.05
0.04
0.03
HVR250P080CF
0.12
0.11
0.09
0.08
0.06
0.05
0.05
0.04
0.03
HVR250P110U
0.17
0.15
0.13
0.11
0.09
0.08
0.07
0.05
0.04
HVR250P120C/U
0.18
0.16
0.14
0.12
0.10
0.09
0.08
0.06
0.05
HVR250P145C/U
0.26
0.20
0.17
0.145
0.12
0.11
0.09
0.08
0.06
HVR250P180C/U
0.27
0.23
0.21
0.18
0.15
0.13
0.19
0.11
0.083
HVR250P180CF
0.28
0.23
0.21
0.18
0.16
0.13
0.10
0.11
0.083
A : HVR250P180C / HVR250P180F
B : HVR250P145C
C : HVR250P120C
D : HVR250P080F
Average time-current curve
Part-numbering system
F: Tape and ammo packaging
Resistance Bin Range (05:0.5 Ohm, 10: 1.0 Ohm)
Rx: Resistance Range (x:A-Z or 1-9)
T: Pre-tripped device
F: Lead free device
C: Coated device / U: Uncoated device
Current Rating
Polyfuse
Voltage Rating
High Voltage Radial Device
Agency Specification
select a specific part number for
each application based on the
agency request
HVR
P
Product
Lightning
Power Cross
HVR250P080F ITU K.20/21/45 - 1.5 kV 10/700 μs
ITU K.20/21/45 - 230 V ac, 10 Ω
HVR250P120C
ITU K.20/21/45 - 4 kV 10/700 μs
ITU K.20/21/45 - 600 V ac, 600 Ω
HVR250P145C
HVR250P180C ITU K.20/21/45 - 1.5 kV 10/700 μs
ITU K.20/21/45 - 230 V ac, 10 Ω
HVR250P180F ITU K.20/21/45 - 4 kV 10/700 μs
ITU K.20/21/45 - 600 V ac, 600 Ω
Telcordia GR-974 - 1.0 kV 10/1000 μs Telcordia GR-974 - 283 V ac, 10 A


Similar Part No. - HVR250P180U

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
HVR250 EIC-HVR250 Datasheet
32Kb / 2P
   HIGH VOLTAGE RECTIFIER DIODES
logo
List of Unclassifed Man...
HVR2500 ETC1-HVR2500 Datasheet
615Kb / 6P
   HIGH VOLTAGE RECTIFIERS
logo
Vishay Siliconix
HVR2500001503FA100 VISHAY-HVR2500001503FA100 Datasheet
159Kb / 7P
   High Ohmic/High Voltage Metal Film Leaded Resistors
Revision: 02-Dec-09
HVR2500001503FA100 VISHAY-HVR2500001503FA100 Datasheet
159Kb / 7P
   High Ohmic/High Voltage Metal Film Leaded Resistors
Revision: 02-Dec-09
HVR2500001503FA500 VISHAY-HVR2500001503FA500 Datasheet
159Kb / 7P
   High Ohmic/High Voltage Metal Film Leaded Resistors
Revision: 02-Dec-09
More results

Similar Description - HVR250P180U

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
2B800HD HUAXINAN-2B800HD Datasheet
304Kb / 2P
   Overvoltage protection against direct lightning strike
2B800L8 HUAXINAN-2B800L8 Datasheet
203Kb / 2P
   Overvoltage protection against direct lightning strike
logo
STMicroelectronics
ESDAVLC6-1BF4 STMICROELECTRONICS-ESDAVLC6-1BF4 Datasheet
292Kb / 9P
   Multiple ESD strike sustainability
May 2015 Rev 2
logo
Seoul Semiconductor
SAWS226AA SEOUL-SAWS226AA Datasheet
924Kb / 22P
   Natural light closest to the sunlight
SAWS0661A SEOUL-SAWS0661A Datasheet
715Kb / 24P
   Natural light closest to the sunlight
SAWS1566A SEOUL-SAWS1566A Datasheet
682Kb / 24P
   Natural light closest to the sunlight
logo
Tyco Electronics
408-10236 MACOM-408-10236 Datasheet
152Kb / 3P
   The seating tool consists of an adapter, a signal contact blade, and a power contact blade.
logo
Seoul Semiconductor
SAWS1564A SEOUL-SAWS1564A Datasheet
722Kb / 24P
   Natural light Closest to the Sunlight
SAWS1063A SEOUL-SAWS1063A Datasheet
715Kb / 24P
   Natural light closest to the sunlight
logo
Red Lion Controls. Inc
SP-TELCO REDLION-SP-TELCO Datasheet
275Kb / 1P
   Telephone Line Surge and Lightning Protector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com