Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9081C-24-51 Datasheet(PDF) 1 Page - Coto Technology

Part # 9081C-24-51
Description  Spartan SIP Reed Relays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

9081C-24-51 Datasheet(HTML) 1 Page - Coto Technology

  9081C-24-51 Datasheet HTML 1Page - Coto Technology 9081C-24-51 Datasheet HTML 2Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
34
COTO TECHNOLOGY (USA) Tel: (401) 943-2686 / Fax (401) 942-0920
6 (Europe) Tel: +31-45-5439343 / Fax +31-45-5427216
Economy SIP Reed Relays
The SIP relay is the industry choice for a wide variety of designs where
economy, performance and a compact package are needed. The 9007
Spartan Series is a general purpose economy version of the 9001 for
applications with less stringent requirements. The 9081 Spartan Series
is similar to the 9007, but with alternate industry standard footprints to
accommodate other options, including Form C types. These relays are
well suited for applications in Security, Instrumentation and Modems.
The specification tables allow you to select the appropriate relay for
your application.
Series Features
Hermetically sealed contacts for long life
High dielectric strength available, consult factory
High speed switching compared to electromechanical relays
Molded thermoset body on integral lead frame design
Form C available (9081C)
Optional Coil Suppression Diode - protects coil drive circuits
UL File # E67117, CSA File # LR 28537
Model 9007
Dimensions in Inches (Millimeters)
9000 Series/Spartan SIP Reed Relays
Model 9081
9081
9081C
9081C1
30o
End View - 9081,
9081C & 9081C1


Similar Part No. - 9081C-24-51

ManufacturerPart #DatasheetDescription
logo
KISTLER INSTRUMENT CORP...
9081C KISTLER-9081C Datasheet
961Kb / 11P
   Piezoelectric force sensors Piezoelectric ring force transducers for tensile and compression forces from 7.5 kN to 1 200 kN
More results

Similar Description - 9081C-24-51

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9000 ETC-9000 Datasheet
68Kb / 2P
   Spartan SIP Reed Relays
logo
Coto Technology
9007 COTO-9007 Datasheet
557Kb / 2P
   9007 SERIES/SPARTAN SIP REED RELAYS
logo
RHOPOINT COMPONENTS
8L01 RHOPOINT-8L01 Datasheet
57Kb / 2P
   Spartan DIP Reed Relays
logo
Coto Technology
8L01-05-001 COTO-8L01-05-001 Datasheet
330Kb / 2P
   Spartan DIP Reed Relays
logo
List of Unclassifed Man...
8L00 ETC-8L00 Datasheet
104Kb / 2P
   Spartan DIP Reed Relays
logo
Coto Technology
8L01 COTO-8L01 Datasheet
1Mb / 2P
   8L SERIES/SPARTAN DIP REED RELAYS
logo
RHOPOINT COMPONENTS
9001 RHOPOINT-9001 Datasheet
88Kb / 2P
   Molded SIP Reed Relays
logo
List of Unclassifed Man...
SIL4 ETC1-SIL4 Datasheet
609Kb / 7P
   SIP SERIES REED RELAYS
logo
Coto Technology
9001-05-00 COTO-9001-05-00 Datasheet
273Kb / 2P
   Molded SIP Reed Relays
logo
DB Lectro Inc
101R-1A12D2 DBLECTRO-101R-1A12D2 Datasheet
967Kb / 2P
   SIP, DIP REED RELAYS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com