Part Name
         Description
RI-02

 Dry Reed Switch ( 2 Page)


COTO
100% 
Zoom Out Zoom In
   
 1 page
background image
122
COTO TECHNOLOGY (USA) Tel: (401) 943-2686 / Fax (401) 942-0920
6 (Europe) Tel: +31-45-5439343 / Fax +31-45-5427216
RI-02 Series Dry Reed Switch
RI-02 Series
Ultra-miniature dry-reed switch hermetically sealed in a gas-
filled envelope. Single-pole, single-throw (SPST) type, having
normally open contacts, and containing two magnetically
actuated reeds.
The switch is of the double-ended type and may be actuated
by an electromagnet, a permanent magnet or a combination of
both.
The device is intended for use in relays, sensors, pulse
counters or similar devices.
RI-02 Series Features
Ideal for General Purpose reed relays and sensors
Contact layers: ruthenium on gold
Superior glass-to-metal seal and blade alignment
General data for all models RI-02
AT-Customization / Preformed Leads
Besides the standard models, customized products
can also be supplied offering the following options:
! Operate and release ranges to customer specification
! Cropped and/or preformed leads
Coils
All characteristics are measured using the Philips
standard coil. For definitions of the Philips Standard
Coil, refer to “
Application Notes” in the Reed Switch
Technical & Application Information Section of this
catalog.
Life expectancy and reliability
The life expectancy data given below are valid for a coil
energized at 1.25 times the published maximum operate
value for each type in the RI-02 series.
No-load conditions (operating frequency: 100 Hz)
Life expectancy: min.108 operations with a failure rate
of less than 2 x10-10 with a confidence level of 90%.
End of life criteria:
Contact resistance > 1
Ω after 2 ms
Release time > 2ms (latching or contact sticking).
Loaded conditions (resistive load: 5V; 100 mA;
operating frequency: 125 Hz)
Life expectancy: min. 2 x 106 operations with a failure
rate of less than 10-8 with a confidence level of 90%.
End of life criteria:
Contact resistance > 1
after 2.5 ms
Release time > 1 ms (latching or contact sticking).
Loaded conditions (resistive load: 20V; 500 mA;
operating frequency: 125 Hz)
Life expectancy: min. 2 x 106 operations with a failure
rate of < 10-7 with a confidence level of 90%.
End of life criteria:
Contact resistance > 2
Ω after 2.5 ms
Release time > 2.5 ms (latching or contact sticking).
Switching different loads involves different life expect-
ancy and reliability data. Further information is avail-
able on request.
Dimensions in inches (mm)



Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RI-01BDry Reed Switch 1 2 Coto Technology
RI-01CDry Reed Switch 1 2 Coto Technology
9802-03-00Surface Mount Reed Relays 1 2 Coto Technology
ADG2188IC CMOS 8 × 8 Unbuffered Analog Switch Array with Dual/Single Supplies 1 2 3 4 5 MoreAnalog Devices
HA11508Audio-Video Switch 1 2 3 4 5 MoreHitachi Semiconductor
CT05Series Molded Switch 1 2 List of Unclassifed Manufacturers
88E6218Link Street Integrated Gateway Router with Multi-Port QoS Switch 1 2 List of Unclassifed Manufacturers
IPS1041PBFSINGLE/DUAL CHANNEL INTELLIGENT POWER LOW SIDE SWITCH 1 2 3 4 5 MoreInternational Rectifier
SN74LVC1G66-Q1SINGLE BILATERAL ANALOG SWITCH 1 2 3 4 5 MoreTexas Instruments

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl