Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT10-3025-A2 Datasheet(PDF) 1 Page - Coto Technology

Part # CT10-3025-A2
Description  Molded Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

CT10-3025-A2 Datasheet(HTML) 1 Page - Coto Technology

  CT10-3025-A2 Datasheet HTML 1Page - Coto Technology CT10-3025-A2 Datasheet HTML 2Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
92
COTO TECHNOLOGY (USA) Tel: (401) 943-2686 / Fax (401) 942-0920
6 (Europe) Tel: +31-45-5439343 / Fax +31-45-5427216
CT10 Series Molded Switch
CT10 Series
The CT10 is a molded dry reed switch. It is single-pole, single
throw (SPST) type, having normally open ruthenium contacts.
The sensor is a double-ended type and may be actuated with an
electromagnet, a permanent magnet or a combination of both.
The device is designed for SMD mounting and is available in three
lead configurations.
CT10 Series Features
Ideal for SMD pick and place
Tape and reel packaging
10W rating
Rugged encapsulation
Excellent life and reliability
Example:
CT10-1030-G1 is
-- a CT10 sensor (10mm encapsulated switch)
-- with a sensitivity range from 10 to 30AT
-- lead ends are formed according to the G1 version
* CT10XXXX (0001-1999) without a suffix is a
customer special.
CT10-XXXX-G1
CT10-XXXX-G4
CT10-XXXX-A2
A complete part number is represented by the digits to the
right of the CT10 series prefix followed by a suffix as
shown below.
ORDERING INFORMATION
Test Coil
The Magnetic sensitivity of
the CT10 sensors is defined in
the 10k-JK coil
Applications:
Proximity Sensor
Security Alarm Sensor
Level Sensor
Flow Sensor
Pulse Counter
Dimensions in Inches (Millimeters)


Similar Part No. - CT10-3025-A2

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
CT10-1003BXM AAC-CT10-1003BXM Datasheet
700Kb / 3P
   Thin Film Precision Chip Resistors
logo
Coto Technology
CT10-1030-A2 COTO-CT10-1030-A2 Datasheet
738Kb / 2P
   ENCAPSULATED MOLDED SWITCH
CT10-1030-G1 COTO-CT10-1030-G1 Datasheet
738Kb / 2P
   ENCAPSULATED MOLDED SWITCH
CT10-1030-G2 COTO-CT10-1030-G2 Datasheet
738Kb / 2P
   ENCAPSULATED MOLDED SWITCH
logo
RHOPOINT COMPONENTS
CT10-1030-G2 RHOPOINT-CT10-1030-G2 Datasheet
113Kb / 2P
   SMD SENSORS
More results

Similar Description - CT10-3025-A2

ManufacturerPart #DatasheetDescription
logo
Coto Technology
CT05-1530-G1 COTO-CT05-1530-G1 Datasheet
181Kb / 2P
   Molded Switch
logo
List of Unclassifed Man...
CT05 ETC1-CT05 Datasheet
80Kb / 2P
   Series Molded Switch
logo
Coto Technology
CT10-1532-G2 COTO-CT10-1532-G2_15 Datasheet
738Kb / 2P
   ENCAPSULATED MOLDED SWITCH
CT05 COTO-CT05 Datasheet
513Kb / 2P
   CT05 SERIES MOLDED SWITCH
logo
Schneider Electric
PJF36000S10 SCHNEIDER-PJF36000S10 Datasheet
125Kb / 2P
   AUTOMATIC MOLDED CASE SWITCH 600V 1000A
PJM36000S80 SCHNEIDER-PJM36000S80 Datasheet
143Kb / 2P
   AUTOMATIC MOLDED CASE SWITCH 600V 800A
PJL36000S12SA SCHNEIDER-PJL36000S12SA Datasheet
131Kb / 2P
   AUTOMATIC MOLDED CASE SWITCH 600V 1200A
PJL36000S80 SCHNEIDER-PJL36000S80 Datasheet
99Kb / 2P
   AUTOMATIC MOLDED CASE SWITCH 600V 800A
JGL36000S25LU SCHNEIDER-JGL36000S25LU Datasheet
134Kb / 2P
   AUTOMATIC MOLDED CASE SWITCH 600V 250A
JGM36000S25 SCHNEIDER-JGM36000S25 Datasheet
133Kb / 2P
   AUTOMATIC MOLDED CASE SWITCH 600V 250A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com