Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR1648 Datasheet(PDF) 2 Page - Power-One

Part # XR1648
Description  Xscend Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

XR1648 Datasheet(HTML) 2 Page - Power-One

  XR1648 Datasheet HTML 1Page - Power-One XR1648 Datasheet HTML 2Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SEP 14, 2006
Page 2 of 2
www.power-one.com
Xscend Rectifier Data Sheet
Mechanical
Dimensions
(WxHxD)
102.87 x 88.9 x 241.3 mm
(4.05 x 3.5 x 9.5 in)
Weight
2.3 kg (4.12 lb)
Cooling
Fan cooled, speed controlled, and alarmed
Insulation
Reinforced insulation, tested at:
4.25 kVDC primary-secondary
2.12 kVDC primary-ground
0.75 kVDC secondary-ground
Mounting
19 in/ 2U subrack up to 4 modules
23 in/ 2U subrack up to 5 modules
Other Technical Data
Safety
CSA C22-2 No. 950, UL 1950 and
IEC60950/ EN 60950
Protection
Short circuit proof, automatic current limiting,
selective shutdown of modules at excessive
output voltage. Thermal protection derates
the output power 65°C ambient temperature.
Shutdown at >75°C with automatic restart.
Shutdown is load dependant, at low load typ
85°C. Input overvoltage disconnection at
>275VAC with automatic reset at >260VAC.
Alarms
High output voltage/ shutdown, Low voltage/
module failure. Each alarm has an LED
indicator on the front panel.
Indications
Green LED
Yellow LED
Red LED
Power ON
Current limit/ thermal
protection
Module failure
Audible Noise
<60dBA
Operating
Temperature
-40 to +65 °C up to 2000 m
-40 to +55 °C above 2000 m
Storage
Temperature
-40 to +85 °C
Radiated EMC
EN 61000-6-2, EN 61000-6-3,
FCC Part 15, Class B
Environment
Storage:
Transport:
Operation:
Earthquake:
ETS 300 019-2-1
ETS 300 019-2-2
ETS 300 019-2-3
GR 63 Core Zone 4
*Average performance for a single module
.
Input
Model
XR1648
XR1424
Input Voltage
100-240 VAC ±15% single phase
(44-66 Hz)
(180-85 VAC at derated output
power)
Current (max.)
<10 A
Soft Start
<13 A/1 ms
Harmonics
>0.98 typical
Surge Immunity
EN 61000-4-5
Fuse
12.5 A -line, 12.5 A -neutral
Connection
FCI power connector™
EMC
EN 61000-6-2, EN 61000-6-3,
FCC Part 15 Class B
Output
Model
XR1648
XR1424
Output Voltage
45-57 VDC
22.5-28 VDC
1600 W
at >180 VAC
(50-57 VDC)
1400 W
at >180 VAC
(25-28 VDC)
Power (max.)
675 W
at 180-85 VAC
(50-57 VDC)
675 W
at 180-85 VAC
(25-28 VDC)
Current (max.)
32 A
56 A
Efficiency
(at 40-90% load)
>93%
(93.5% typical)
>90%
(91% typical)
Tolerance
Vout +/- 1.0%, constant voltage
regulation
Transient
Response
+/- 5% at load variation
10-90% or 90-10%
Load Sharing
<5% of nominal current
Ripple
<100 mV p-p (BW. 30 MHz)
Psophometric
<2 mV, according to CCITT
norms
Connection
FCI power connector™
EMC
EN 61000-6-2, EN 61000-6-4
NUCLEAR AND MEDICAL APPLICATIONS - Power-One products are not designed, intended for use in, or authorized for use as critical
components in life support systems, equipment used in hazardous environments, or nuclear control systems without the express written
consent of the respective divisional president of Power-One, Inc.
TECHNICAL REVISIONS - The appearance of products, including safety agency certifications pictured on labels, may change depending on
the date manufactured. Specifications are subject to change without notice.


Similar Part No. - XR1648

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C2450 EXAR-XR16C2450 Datasheet
694Kb / 31P
   2.97V TO 5.5V DUART
XR16C2450IJ EXAR-XR16C2450IJ Datasheet
694Kb / 31P
   2.97V TO 5.5V DUART
XR16C2450IM EXAR-XR16C2450IM Datasheet
694Kb / 31P
   2.97V TO 5.5V DUART
XR16C2450IP EXAR-XR16C2450IP Datasheet
694Kb / 31P
   2.97V TO 5.5V DUART
XR16C2550 EXAR-XR16C2550 Datasheet
813Kb / 38P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
More results

Similar Description - XR1648

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RH0008C SSDI-RH0008C Datasheet
218Kb / 2P
   Rectifier
RH0015 SSDI-RH0015 Datasheet
41Kb / 2P
   RECTIFIER
RH0065 SSDI-RH0065 Datasheet
171Kb / 2P
   RECTIFIER
RH0073 SSDI-RH0073 Datasheet
321Kb / 2P
   RECTIFIER
RH0141 SSDI-RH0141_15 Datasheet
213Kb / 2P
   RECTIFIER
RH0099F SSDI-RH0099F Datasheet
214Kb / 2P
   RECTIFIER
RH0127 SSDI-RH0127 Datasheet
195Kb / 2P
   RECTIFIER
RH0139 SSDI-RH0139 Datasheet
224Kb / 2P
   RECTIFIER
RH0163E SSDI-RH0163E Datasheet
197Kb / 2P
   RECTIFIER
RC0058D SSDI-RC0058D Datasheet
72Kb / 2P
   RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com