Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSL128-7R Datasheet(PDF) 4 Page - Power-One

Part # PSL128-7R
Description  6 to 12 A Switching Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

PSL128-7R Datasheet(HTML) 4 Page - Power-One

  PSL128-7R Datasheet HTML 1Page - Power-One PSL128-7R Datasheet HTML 2Page - Power-One PSL128-7R Datasheet HTML 3Page - Power-One PSL128-7R Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PSL Series Data Sheet
6 to 12 A Switching Regulators
APR 05, 2004 revised to JUN 06, 2006
Page 4 of 4
www.power-one.com
Mechanical data
The regulators are designed to be inserted into 19" rack according to IEC60297-3.
Dimensions in mm.
Accessories
Isolation pads for easy and safe PCB mounting.
Ring core chokes for ripple and interference reduction.
127 (5")
168.5 (6.63")
173.7 (6.83")
Measuring point of
case temperature
T
C
M3, 4 mm deep
(for mounting screws)
20 (0.79")
S09027
European
Projection
NUCLEAR AND MEDICAL APPLICATIONS - Power-One products are not designed, intended for use in, or authorized for
use as critical components in life support systems, equipment used in hazardous environments, or nuclear control systems
without the express written consent of the respective divisional president of Power-One, Inc.
TECHNICAL REVISIONS - The appearance of products, including safety agency certifications pictured on labels, may
change depending on the date manufactured. Specifications are subject to change without notice.


Similar Part No. - PSL128-7R

ManufacturerPart #DatasheetDescription
logo
Power-One
PSL128-7R POWER-ONE-PSL128-7R Datasheet
59Kb / 4P
   6...12 A Switching Regulators
More results

Similar Description - PSL128-7R

ManufacturerPart #DatasheetDescription
logo
Power-One
PSC POWER-ONE-PSC Datasheet
213Kb / 3P
   6 to 12 A Switching Regulators
PSC3E122 POWER-ONE-PSC3E122 Datasheet
54Kb / 4P
   6...12 A Switching Regulators
PSL5A10-7R POWER-ONE-PSL5A10-7R Datasheet
59Kb / 4P
   6...12 A Switching Regulators
PSA3E6-2 POWER-ONE-PSA3E6-2 Datasheet
46Kb / 4P
   1...6 A Switching Regulators
PSB POWER-ONE-PSB Datasheet
96Kb / 3P
   3 to 8 A Switching Regulators
logo
PHOENIX CONTACT
3200328 PHOENIX-3200328 Datasheet
73Kb / 3P
   A 6 -12
logo
Power-One
PSR52-7 POWER-ONE-PSR52-7_06 Datasheet
70Kb / 3P
   1 to 6 A Switching Regulator
PSB5A4-7IR POWER-ONE-PSB5A4-7IR Datasheet
57Kb / 4P
   3...8 A Switching Regulators
PSK3E25-7 POWER-ONE-PSK3E25-7 Datasheet
104Kb / 5P
   9...25 A Switching Regulators
logo
Texas Instruments
PT6340 TI1-PT6340 Datasheet
206Kb / 11P
[Old version datasheet]   6-A 12-V Input Adjustable Integrated Switching Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com