Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8L02-12-11 Datasheet(PDF) 1 Page - Coto Technology

Part # 8L02-12-11
Description  Spartan DIP Reed Relays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

8L02-12-11 Datasheet(HTML) 1 Page - Coto Technology

  8L02-12-11 Datasheet HTML 1Page - Coto Technology 8L02-12-11 Datasheet HTML 2Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
26
COTO TECHNOLOGY (USA) Tel: (401) 943-2686 / Fax (401) 942-0920
6 (Europe) Tel: +31-45-5439343 / Fax +31-45-5427216
Economy DIP Reed Relays
The Coto 8L Spartan Series relays combine Coto quality and economy
in the industry standard 14 pin molded DIP package. This series will
cross to all competitive DIP packages and is ideal for telecom, security,
and other general purpose applications.
8L Series Features
Drop-in low cost replacement for industry standard DIP packages
Contact forms; 1A, 2A, 1B and 1C available
Available coils in 5V, 12V and 24V
Molded thermoset body on integral lead frame design
Hermetically Sealed Contacts
Optional Electrostatic Shield and Coil Suppression Diode
UL File # E67117
8L Series/Spartan DIP Reed Relays
Dimensions in Inches (Millimeters)
(For Model #’s 8L01, 8L02, 8L21 & 8L41)
(For Model # 8L61)


Similar Part No. - 8L02-12-11

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
8L02 RHOPOINT-8L02 Datasheet
57Kb / 2P
   Spartan DIP Reed Relays
More results

Similar Description - 8L02-12-11

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
8L01 RHOPOINT-8L01 Datasheet
57Kb / 2P
   Spartan DIP Reed Relays
logo
List of Unclassifed Man...
8L00 ETC-8L00 Datasheet
104Kb / 2P
   Spartan DIP Reed Relays
logo
Coto Technology
8L01 COTO-8L01 Datasheet
1Mb / 2P
   8L SERIES/SPARTAN DIP REED RELAYS
9007-05-00 COTO-9007-05-00 Datasheet
315Kb / 2P
   Spartan SIP Reed Relays
logo
List of Unclassifed Man...
9000 ETC-9000 Datasheet
68Kb / 2P
   Spartan SIP Reed Relays
logo
Coto Technology
9007 COTO-9007 Datasheet
557Kb / 2P
   9007 SERIES/SPARTAN SIP REED RELAYS
logo
Meder Electronic
DIP12-1A75-12D MEDER-DIP12-1A75-12D Datasheet
92Kb / 1P
   DIP Reed Relays
DIP12-2A72-21M MEDER-DIP12-2A72-21M Datasheet
114Kb / 1P
   DIP Reed Relays
DIP24-1A75-12L MEDER-DIP24-1A75-12L Datasheet
92Kb / 1P
   DIP Reed Relays
DIP12-1A31-12D MEDER-DIP12-1A31-12D Datasheet
92Kb / 1P
   DIP Reed Relays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com