Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSB155-7IR Datasheet(PDF) 3 Page - Power-One

Part # PSB155-7IR
Description  3 to 8 A Switching Regulators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

PSB155-7IR Datasheet(HTML) 3 Page - Power-One

  PSB155-7IR Datasheet HTML 1Page - Power-One PSB155-7IR Datasheet HTML 2Page - Power-One PSB155-7IR Datasheet HTML 3Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PSB Series Data Sheet
3 to 8 A Switching Regulators
MAR 25, 2004 revised to JUN 01, 2006
Page 3 of 3
www.power-one.com
Mechanical data
Tolerances ±0.3 mm (0.012") unless otherwise indicated.
101 (3.98") (for M3 mounting screws)
Vi+
Gi –
Vo+
Go–
i
GR
106 (4.17")
S09014
Measuring point of
case temperature
T
C
2.8 x 0.8
(0.11 x 0.03")
6.3 x 0.8
(0.25 x 0.03")
5 (0.2")
Accessories
Isolation pads for easy and safe PCB mounting
Ring core chokes for ripple and interference reduction
European
Projection
NUCLEAR AND MEDICAL APPLICATIONS - Power-One products are not designed, intended for use in, or authorized for
use as critical components in life support systems, equipment used in hazardous environments, or nuclear control
systems without the express written consent of the respective divisional president of Power-One, Inc.
TECHNICAL REVISIONS - The appearance of products, including safety agency certifications pictured on labels, may
change depending on the date manufactured. Specifications are subject to change without notice.


Similar Part No. - PSB155-7IR

ManufacturerPart #DatasheetDescription
logo
Power-One
PSB155-7IR POWER-ONE-PSB155-7IR Datasheet
57Kb / 4P
   3...8 A Switching Regulators
More results

Similar Description - PSB155-7IR

ManufacturerPart #DatasheetDescription
logo
Power-One
PSB5A4-7IR POWER-ONE-PSB5A4-7IR Datasheet
57Kb / 4P
   3...8 A Switching Regulators
PSC POWER-ONE-PSC Datasheet
213Kb / 3P
   6 to 12 A Switching Regulators
PSL POWER-ONE-PSL Datasheet
405Kb / 4P
   6 to 12 A Switching Regulators
logo
List of Unclassifed Man...
LAS6380 ETC1-LAS6380 Datasheet
266Kb / 5P
   8 AMP SWITCHING REGULATORS
LAS6580 ETC1-LAS6580 Datasheet
398Kb / 8P
   8 AMP SWITCHING REGULATORS
LAS-6380 ETC1-LAS-6380 Datasheet
305Kb / 5P
   8 AMP SWITCHING REGULATORS
logo
Power-One
PSA3E6-2 POWER-ONE-PSA3E6-2 Datasheet
46Kb / 4P
   1...6 A Switching Regulators
PSK3E25-7 POWER-ONE-PSK3E25-7 Datasheet
104Kb / 5P
   9...25 A Switching Regulators
PSC3E122 POWER-ONE-PSC3E122 Datasheet
54Kb / 4P
   6...12 A Switching Regulators
PSL5A10-7R POWER-ONE-PSL5A10-7R Datasheet
59Kb / 4P
   6...12 A Switching Regulators
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com