Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSK3E25-7 Datasheet(PDF) 3 Page - Power-One

Part # PSK3E25-7
Description  9 - 25 A Switching Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

PSK3E25-7 Datasheet(HTML) 3 Page - Power-One

  PSK3E25-7 Datasheet HTML 1Page - Power-One PSK3E25-7 Datasheet HTML 2Page - Power-One PSK3E25-7 Datasheet HTML 3Page - Power-One PSK3E25-7 Datasheet HTML 4Page - Power-One PSK3E25-7 Datasheet HTML 5Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PSS, PSK Series Data Sheet
9 - 25 A Switching Regulator
REV. FEB 09, 2006
Page 3 of 5
www.power-one.com
Environmental
Operating ambient temperature
-2,
Vi nom, Io nom, convection cooled
–10 to 50°C
Operating case temperature
TC
-2,
Vi nom, Io nom
–10 to 80°C
Storage temperature
-2, non operational
–25 to 100°C
Operating ambient temperature
-7,
Vi nom, Io nom, convection cooled
–25 to 71°C
Operating case temperature
TC
-7,
Vi nom, Io nom
–25 to 95°C
Storage temperature
-7, non operational
–40 to 100°C
Damp heat
IEC/EN 60068-2-3
Vibration, sinusoidal
IEC/EN 60068-2-6
Shock
IEC/EN 60068-2-27
Bump
IEC/EN 60068-2-29
Random vibration
IEC/EN 60068-2-64
MTBF
MIL-HDBK-217
Options
Large and small cooling plate instead of standard heatsink
B/B1
Extended temperature range
–40 to 71°C, ambient, operating
-9
Electronic inrush current limitation
E
Output voltage adjustment
±8%
Vo nom, excludes feature R and vice versa
P
Thyristor crowbar on output
C
Accessories
Front panels 19" (Schroff/Intermas), 12 und 16 TE
Mating H15 or H15 S4 connectors with screw, solder, fast-on or press-fit terminals
Connector retention facilities
Adapter kit for DIN-rail
Pin allocation
Electrical Determination
Type H15
Type H15 S4
Pin No.
Ident.
Pin No.
Ident.
Output voltage (positive)
4
Vo+
4/6
Vo+
Output voltage (positive)
6
Vo+
Output voltage (negative)
8
Go–
8/10
Go–
Output voltage (negative)
10
Go–
Crowbar trigger input (option C)
12
C
12
C
Inhibit input
14
i
14
i
R-input (output voltage programming) 1
16
R
16
R
Sense line (negative)
18
S–
18
S–
Sense line (positive)
20
S+
20
S+
Current sharing control input
22
CS
22
CS
Protective ground (leading pin)
24
24
Input voltage (negative)
26
Gi–
26/28
Gi–
Input voltage (negative)
28
Gi–
Input voltage (positive)
30
Vi+
30/32
Vi+
Input voltage (positive)
32
Vi+


Similar Part No. - PSK3E25-7

ManufacturerPart #DatasheetDescription
logo
Power-One
PSK3E25-7 POWER-ONE-PSK3E25-7 Datasheet
104Kb / 5P
   9...25 A Switching Regulators
More results

Similar Description - PSK3E25-7

ManufacturerPart #DatasheetDescription
logo
Power-One
PSK3E25-7 POWER-ONE-PSK3E25-7 Datasheet
104Kb / 5P
   9...25 A Switching Regulators
logo
Texas Instruments
PT6600 TI-PT6600 Datasheet
242Kb / 5P
[Old version datasheet]   9 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
logo
ON Semiconductor
NCP3294 ONSEMI-NCP3294 Datasheet
2Mb / 22P
   25 A Stackable Synchronous Buck Regulator
January, 2023 - Rev. 0
logo
Infineon Technologies A...
IR3447A INFINEON-IR3447A Datasheet
1Mb / 40P
   25 A single-voltage synchronous Buck regulator
V 2.4 2021-11-19
TDA38827 INFINEON-TDA38827 Datasheet
2Mb / 48P
   25 A single-voltage synchronous Buck regulator
V2.3 2021-7-19
logo
Semtech Corporation
SC1409 SEMTECH-SC1409 Datasheet
109Kb / 8P
   1 A Synchronous Switching Regulator
logo
Texas Instruments
PT6610 TI-PT6610 Datasheet
70Kb / 3P
[Old version datasheet]   9 AMP 5V STEP-DOWN INTEGRATED SWITCHING REGULATOR
logo
Schneider Electric
M9F17125 SCHNEIDER-M9F17125 Datasheet
82Kb / 2P
   Multi 9 - C60L - MCB - 1P - 25 A - C Curve - 240 V - 25 kA
M9F17325 SCHNEIDER-M9F17325 Datasheet
117Kb / 3P
   Multi 9 - C60L - MCB - 3P - 25 A - C Curve - 415 V - 25 kA
M9F17425 SCHNEIDER-M9F17425 Datasheet
128Kb / 3P
   Multi 9 - C60L - MCB - 4P - 25 A - C Curve - 415 V - 25 kA
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com