Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSA481-7IR Datasheet(PDF) 5 Page - Power-One

Part # PSA481-7IR
Description  Positive Switching Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

PSA481-7IR Datasheet(HTML) 5 Page - Power-One

  PSA481-7IR Datasheet HTML 1Page - Power-One PSA481-7IR Datasheet HTML 2Page - Power-One PSA481-7IR Datasheet HTML 3Page - Power-One PSA481-7IR Datasheet HTML 4Page - Power-One PSA481-7IR Datasheet HTML 5Page - Power-One PSA481-7IR Datasheet HTML 6Page - Power-One PSA481-7IR Datasheet HTML 7Page - Power-One PSA481-7IR Datasheet HTML 8Page - Power-One PSA481-7IR Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
PSA Series Extended Data Sheet
Positive Switching Regulator (Rugged)
REV. SEP 23, 2003
Page 5 of 13
Thermal Considerations
When a switching regulator is located in free, quasi-sta-
tionary air (convection cooling) at a temperature TA = 71°C
and is operated at its nominal output current Io nom, the
case temperature TC will not exceed 95°C after the warm-
up phase, measured at the Measuring point of case tem-
perature TC (see: Mechanical Data).
Under practical operating conditions, the ambient tem-
perature TA may exceed 71°C, provided additional meas-
ures (heat sink, fan, etc.) are taken to ensure that the case
temperature TC does not exceed its maximum value of
95 °C.
Example: Sufficient forced cooling allows TA max = 85°C. A
simple check of the case temperature TC (TC
≤ 95°C) at
full load ensures correct operation of the system.
1.2
1.0
0.8
0.6
0.4
0
0.2
0.4
1.0
1.2
0.2
0.6
0.8
1.4
Uo/Uo nom
Io/Io nom
Io L
05033
Fig. 5
Overload, short-circuit behaviour Uo versus Io.
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
50
60
70
80
90
100
Io/Io nom
TA [ C]
0.9
1.0
Forced cooling
TA min
TC max
Convection cooling
Parallel and Series Connection
Outputs of equal nominal voltages can be parallel-con-
nected. However, the use of a single unit with higher out-
put power, because of its power dissipation, is always a
better solution.
In parallel-connected operation, one or several outputs
may operate continuously at their current limit knee-point,
which will cause an increase of the heat generation. Con-
sequently, the max. ambient temperature should be re-
duced by 10 K.
Outputs can be series-connected with any other module.
In series-connection the maximum output current is limited
by the lowest current limitation. Electrically separated
source voltages are needed for each module!
Short Circuit Behaviour
A constant current limitation circuit holds the output cur-
rent almost constant whenever an overload or a short cir-
cuit is applied to the regulator's output. It acts self-protect-
ing and recovers – in contrary to the fold back method –
automatically after removal of the overload or short circuit
condition.
Fig. 4
Output current derating versus temperature
Output Protection
A voltage suppressor diode which in worst case conditions
fails into a short circuit, protects the output against an in-
ternally generated overvoltage. Such an overvoltage could
occur due to a failure of either the control circuit or the
switching transistor. The output protection is not designed
to withstand externally applied overvoltages. The user
should ensure that systems with Power-One power sup-
plies, in the event of a failure, do not result in an unsafe
condition (fail-safe).
Fig. 3
Dynamic load regulation.
Io/Io nom
1
uod
uod
t d
t d
DUo I
DUo I
t
Uo
0
t
≥10 µs
≥10 µs
05010


Similar Part No. - PSA481-7IR

ManufacturerPart #DatasheetDescription
logo
Power-One
PSA481-7IR POWER-ONE-PSA481-7IR Datasheet
46Kb / 4P
   1...6 A Switching Regulators
PSA481-7IR POWER-ONE-PSA481-7IR Datasheet
70Kb / 3P
   1 to 6 A Switching Regulator
More results

Similar Description - PSA481-7IR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT5020 TI-PT5020 Datasheet
141Kb / 6P
[Old version datasheet]   POSITIVE INPUT/NEGATIVE OUTPUT INTEGRATED SWITCHING REGULATOR
PT5022A TI-PT5022A Datasheet
210Kb / 3P
[Old version datasheet]   POSITIVE INPUT/NEGATIVE OUTPUT INTEGRATED SWITCHING REGULATOR
logo
SeCoS Halbleitertechnol...
SE1147-50 SECOS-SE1147-50 Datasheet
538Kb / 3P
   Positive Regulator
logo
Texas Instruments
78SR100 TI1-78SR100_14 Datasheet
232Kb / 5P
[Old version datasheet]   1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78ST300 TI-78ST300_07 Datasheet
210Kb / 4P
[Old version datasheet]   3 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78ST205 TI1-78ST205 Datasheet
222Kb / 4P
[Old version datasheet]   2 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT78HT208S TI1-PT78HT208S Datasheet
469Kb / 3P
[Old version datasheet]   2 Amp Positive Step-Down Integrated Switching Regulator
78ST300 TI-78ST300 Datasheet
190Kb / 3P
[Old version datasheet]   3 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
Revised 6/30/98
PT5100 TI-PT5100 Datasheet
170Kb / 7P
[Old version datasheet]   1 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78HT305 TI1-78HT305 Datasheet
204Kb / 3P
[Old version datasheet]   3 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com