Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PPS10-3900 Datasheet(PDF) 4 Page - Power-One

Part # PPS10-3900
Description  DC power shelf systems provide large power system
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

PPS10-3900 Datasheet(HTML) 4 Page - Power-One

  PPS10-3900 Datasheet HTML 1Page - Power-One PPS10-3900 Datasheet HTML 2Page - Power-One PPS10-3900 Datasheet HTML 3Page - Power-One PPS10-3900 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DEC 11, 2006
Page 4 of 4
www.power-one.com
PPS 10 Power System Data Sheet
(Shelf System)
NUCLEAR AND MEDICAL APPLICATIONS - Power-One products are not designed, intended for use in, or authorized for use as critical
components in life support systems, equipment used in hazardous environments, or nuclear control systems without the express written
consent of the respective divisional president of Power-One, Inc.
TECHNICAL REVISIONS - The appearance of products, including safety agency certifications pictured on labels, may change depending on
the date manufactured. Specifications are subject to change without notice.
Input
Model
PPS 10-3900
PPS 10-7800
Input
230/400V 3-phase
208-240V 1-phase
Site configurable
230/400V 3-phase
208-240V 1-phase
Site configurable
Inputs (max.)
Single input
Single input
Output
Rectifier Modules (max.)
3
6
Battery Outs - MCB (100 A)
2
4
Load Outs - MCB (2-63 A)
8
15
Features
Supervision
PCU
PCS
Battery
Battery Symmetry Inputs
3
4
Low Voltage Battery Disconnection
(LVBD)
Yes
Yes
Mechanical
Dimensions (WxHxD)
485 x 266 x 341 mm
487 x 531 x 308 mm
Mounting
19" or ETSI
19"
Cable Entry
Top
Top
Options
Temp. Comp. Charge
Yes
Yes
Integrated Surge Arrestors
N/A
Yes
Partial Load Disconnect
N/A
Yes
Ethernet Network Interface
Yes
Yes
Modem Interface
Yes
Yes


Similar Part No. - PPS10-3900

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
PPS1020 DIOTEC-PPS1020 Datasheet
128Kb / 2P
   Surface Mount Schottky Rectifiers
PPS1020 DIOTEC-PPS1020 Datasheet
181Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
PPS1020 DIOTEC-PPS1020_13 Datasheet
132Kb / 2P
   Surface Mount Schottky Rectifiers
PPS1020 DIOTEC-PPS1020_14 Datasheet
132Kb / 2P
   Surface Mount Schottky Rectifiers
PPS1020 DIOTEC-PPS1020_17 Datasheet
181Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
More results

Similar Description - PPS10-3900

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N5700 KEYSIGHT-N5700 Datasheet
951Kb / 16P
   System DC Power Supplies
6690A KEYSIGHT-6690A Datasheet
318Kb / 5P
   System DC Power Supply
logo
Sanyo Semicon Device
LA5657H SANYO-LA5657H Datasheet
104Kb / 8P
   System Power Supply IC for Car AV Systems
logo
Murata Power Solutions ...
D1U-W-1200-12-HC2C MURATA-PS-D1U-W-1200-12-HC2C Datasheet
355Kb / 7P
   AC/DC Front End Power Supply S1U Power Shelf
D1U-W-2000-48-HC2C MURATA-PS-D1U-W-2000-48-HC2C Datasheet
334Kb / 7P
   AC/DC Front End Power Supply S1U Power Shelf
D1U-W-1200-48-HC2C MURATA-PS-D1U-W-1200-48-HC2C Datasheet
338Kb / 7P
   AC/DC Front End Power Supply S1U Power Shelf
D1U-W-1600-12-HC2C MURATA-PS-D1U-W-1600-12-HC2C Datasheet
348Kb / 7P
   AC/DC Front End Power Supply S1U Power Shelf
D1U-W-1600-48-HC2C MURATA-PS-D1U-W-1600-48-HC2C Datasheet
331Kb / 7P
   AC/DC Front End Power Supply S1U Power Shelf
logo
Bel Fuse Inc.
SPSPFE3-04G BEL-SPSPFE3-04G Datasheet
949Kb / 14P
   Power Shelf
logo
Summit Microelectronics...
SMB113A SUMMIT-SMB113A_10 Datasheet
481Kb / 32P
   High-power, Four-channel Programmable DC-DC System Power Managers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com