Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PPS7 Datasheet(PDF) 4 Page - Power-One

Part # PPS7
Description  Legacy Products- For Reference Only
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

PPS7 Datasheet(HTML) 4 Page - Power-One

  PPS7 Datasheet HTML 1Page - Power-One PPS7 Datasheet HTML 2Page - Power-One PPS7 Datasheet HTML 3Page - Power-One PPS7 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AUG 29, 2006
Page 4 of 4
www.power-one.com
Legacy Products- For Reference Only
PPS 7 Power System (Shelf Systems)
Input
Model
PPS 7-2100
PPS 7-2800
PPS 7-3500
Input
230/400V 3-phase
208-240V 1-phase
Site configurable
230/400V 3-phase
208-240V 1-phase
Site configurable
230/400V 3-phase
208-240V 1-phase
Site configurable
Inputs (max.)
Single input
Single input
Single input
Output
Rectifier Modules (max.)
3
4
5
Battery Outputs
1
1
2
Load Outputs
6
1
20
24 VDC Version
Yes
N/A
N/A
48 VDC Version
Yes
Yes
Yes
Features
Supervision
PCU
PCU
PCU
Battery
Battery Symmetry Inputs
1
1
3
Low Voltage Battery
Disconnection (LVBD)
Yes
Yes
Yes
Mechanical
Dimensions (WxHxD)
485x133x305 mm
485x133x305 mm
485x266x305 mm
Mounting
19”, ETSI, or flush
ETSI mount
(site configurable)
19”, ETSI, or flush
ETSI mount
(site configurable)
19”, ETSI, or flush
ETSI mount
(site configurable)
Cable Entry
Top
Top
Top
Options
Temp. Comp. Charge
Yes
Ethernet Network
Interface
Yes
Modem Interface
Yes
NUCLEAR AND MEDICAL APPLICATIONS - Power-One products are not designed, intended for use in, or authorized for use
as critical components in life support systems, equipment used in hazardous environments, or nuclear control systems without
the express written consent of the respective divisional president of Power-One, Inc.
TECHNICAL REVISIONS - The appearance of products, including safety agency certifications pictured on labels, may change
depending on the date manufactured. Specifications are subject to change without notice.


Similar Part No. - PPS7

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
PPS7 ALPHAWIRE-PPS7 Datasheet
104Kb / 1P
   CUSTOMER PRODUCT SPECIFICATION
11/01/2017
logo
Total Power Internation...
PPS70-10 TOTAL-POWER-PPS70-10 Datasheet
129Kb / 4P
   TPS70 OPEN FRAME 70 WATT
PPS70-11 TOTAL-POWER-PPS70-11 Datasheet
129Kb / 4P
   TPS70 OPEN FRAME 70 WATT
PPS70-12 TOTAL-POWER-PPS70-12 Datasheet
129Kb / 4P
   TPS70 OPEN FRAME 70 WATT
PPS70-13 TOTAL-POWER-PPS70-13 Datasheet
129Kb / 4P
   TPS70 OPEN FRAME 70 WATT
More results

Similar Description - PPS7

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM21AH601SN1D MURATA-BLM21AH601SN1D Datasheet
190Kb / 5P
   Product Specification for Reference Only
logo
ATMEL Corporation
SAM3N ATMEL-SAM3N_14 Datasheet
1Mb / 60P
   Pin-to-pin compatible with SAM7S legacy products
logo
List of Unclassifed Man...
5501-25PA-02-F1 ETC2-5501-25PA-02-F1 Datasheet
140Kb / 2P
   UNLESS OTHERWISE SPECIFIED, DIMENSIONS ARE FOR REFERENCE PURPOSES ONLY.
KL32BK ETC2-KL32BK Datasheet
120Kb / 2P
   UNLESS OTHERWISE SPECIFIED, DIMENSIONS ARE FOR REFERENCE PURPOSES ONLY
logo
Integrated Device Techn...
TSI382A IDT-TSI382A Datasheet
401Kb / 2P
   Legacy mode support for subtractive decode
logo
DATEL, Inc.
AM-500MC DATEL-AM-500MC Datasheet
93Kb / 1P
   Legacy Amplifiers
AM-1435MM DATEL-AM-1435MM Datasheet
96Kb / 1P
   Legacy Amplifiers
AM-1435MC DATEL-AM-1435MC Datasheet
94Kb / 1P
   Legacy Amplifiers
logo
Pulse A Technitrol Comp...
JKM-0001NL PULSE-JKM-0001NL Datasheet
293Kb / 3P
   ELECTRICAL CHARACTERISTICS AT 25 UNLESS OTHERWISE SPECIFIED (FOR REFERENCE ONLY. USED FOR CUSTOMER INFORMATION)
logo
DATEL, Inc.
AM-500MM-QL DATEL-AM-500MM-QL Datasheet
95Kb / 1P
   Legacy Amplifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com