Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3502-05-8-0 Datasheet(PDF) 1 Page - Coto Technology

Part # 3502-05-8-0
Description  Low Thermal EMF Reed Relays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

3502-05-8-0 Datasheet(HTML) 1 Page - Coto Technology

  3502-05-8-0 Datasheet HTML 1Page - Coto Technology 3502-05-8-0 Datasheet HTML 2Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
14
COTO TECHNOLOGY (USA) Tel: (401) 943-2686 / Fax (401) 942-0920
6 (Europe) Tel: +31-45-5439343 / Fax +31-45-5427216
Low Thermal EMF Reed Relays
The 3500 Series is ideally suited to the needs of Instrumentation, Data
Acquisition and Process Control. The specification tables allow you to
select the appropriate relay for your particular application. Recom-
mended for use in high accuracy DVM’s, Multiplexers and Digital or
Analog Multipoint Recorders. If your requirements differ from the
selection options, please consult Coto’s Factory to discuss a custom
reed relay.
3500 Series Features
Low Thermal EMF: < 10 µV through < 0.5 µV with 50 nV stability
Patented Low Thermal Design. U.S. Patent #4,084,142
Low power coils to ensure low thermal EMF
High Insulation Resistance - 1012
Control/Signal isolation of 1500 VDC
High reliability, hermetically sealed contacts
Form A, Dry or Hg Wet contacts. High Dielectric Strength
Epoxy coated steel shell provides magnetic shielding
3500 Series/Low Thermal EMF Reed Relays
Dimensions in Inches (Millimeters)
(For Model #’s
3501 & 3540)
(For Model #’s
3502, 3520, 3541)
Bottom View


Similar Part No. - 3502-05-8-0

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
3502-00 PEREGRINE-3502-00 Datasheet
162Kb / 7P
   3500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler
More results

Similar Description - 3502-05-8-0

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
3602 RHOPOINT-3602 Datasheet
51Kb / 2P
   Low Thermal EMF Reed Relays
logo
Coto Technology
3602-05-92 COTO-3602-05-92 Datasheet
309Kb / 2P
   Low Thermal EMF Reed Relays
logo
RHOPOINT COMPONENTS
3501 RHOPOINT-3501 Datasheet
63Kb / 2P
   Low Thermal EMF Reed Relays
logo
Coto Technology
3500 COTO-3500 Datasheet
648Kb / 2P
   3500 SERIES/LOW THERMAL EMF REED RELAYS
3600 COTO-3600 Datasheet
1Mb / 2P
   3600 SERIES/LOW THERMAL EMF REED RELAYS
logo
TT Electronics.
LRMA TTELEC-LRMA Datasheet
679Kb / 3P
   Low thermal EMF version
logo
Pomona Electronics
2305 POMONA-2305 Datasheet
23Kb / 1P
   Insulated Low Thermal EMF Spade Lug
5291A POMONA-5291A Datasheet
155Kb / 1P
   Low Thermal EMF Retractable Sheath Banana Plug Patch Cord
logo
Coto Technology
2904-05-101 COTO-2904-05-101 Datasheet
255Kb / 2P
   Reed Relays
2204-05-301 COTO-2204-05-301 Datasheet
291Kb / 2P
   Reed Relays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com