Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRE119CA Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # VRE119CA
Description  Precision Reference Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VRE119CA Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  VRE119CA Datasheet HTML 1Page - List of Unclassifed Manufacturers VRE119CA Datasheet HTML 2Page - List of Unclassifed Manufacturers VRE119CA Datasheet HTML 3Page - List of Unclassifed Manufacturers VRE119CA Datasheet HTML 4Page - List of Unclassifed Manufacturers VRE119CA Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
14-PIN HYBRID
PACKAGE
TOP VIEW
TOP VIEW
VRE119
VRE117
(VRE118)
GND
REF. GND
NC
-PS
NC
NC
NC
FINE ADJ.
+3.0V (-3.0V)
FINE ADJ.
+PS (-PS)
NC
NC
NC
FINE +ADJ.
+3.0V
FINE +ADJ.
+PS
NC
NC
NC
GND
REF. GND
NC
-3.0V
FINE -ADJ.
FINE -ADJ.
-PS
EXTERNAL CONNECTIONS
FIGURE 1
MECHANICAL
PIN CONFIGURATION
1. Optional Fine Adjust for approximately ±5mV. VRE118 trim pot center tap connects to -15V.
VRE117DS REV. C NOV 2000
DIM
MIN
MAX
MIN
MAX
DIM
MIN
MAX
MIN
MAX
E
.480
.500
12.1
12.7
A
.120
.155
3.0
4.0
L
.195
.215
4.9
5.4
Q
.015
.035
0.4
0.9
D
.775
.805
19.7
20.4
Q1
N/A
.030
N/A
0.7
B
.016
.020
0.4
0.5
C
.009
.012
0.2
0.3
B1
.038
.042
0.9
1.0
G1
.290
.310
7.3
7.8
B2
.095
.105
2.4
2.6
S
.085
.105
2.1
2.6
P
.004
.006
0.10
0.15
INCHES
MILLIMETER
INCHES
MILLIMETER


Similar Part No. - VRE119CA

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
VRE119C CIRRUS-VRE119C Datasheet
766Kb / 5P
   Precision Voltage Reference
VRE119C CIRRUS-VRE119C Datasheet
816Kb / 5P
   Precision Voltage Reference
More results

Similar Description - VRE119CA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRE114 ETC-VRE114 Datasheet
307Kb / 5P
   Precision Reference Supplies
VRE105 ETC1-VRE105 Datasheet
224Kb / 5P
   Precision Reference Supplies
VRE110 ETC2-VRE110 Datasheet
432Kb / 5P
   Precision Reference Supplies
VRE100 ETC-VRE100 Datasheet
341Kb / 5P
   Precision Reference Supplies
VRE202 ETC2-VRE202_07 Datasheet
540Kb / 20P
   Precision Surface Mount Reference Supplies
VRE202 ETC-VRE202 Datasheet
169Kb / 5P
   Precision Surface Mount Reference Supplies
VRE125 ETC2-VRE125 Datasheet
330Kb / 5P
   Precision High Temperature Reference Supplies
logo
RHOPOINT COMPONENTS
VRE120C RHOPOINT-VRE120C Datasheet
337Kb / 5P
   Precision High Temperature Reference Supplies
logo
Linear Technology
LT1021DCS8 LINER-LT1021DCS8 Datasheet
218Kb / 3P
   Precision Reference?
LT1236 LINER-LT1236_15 Datasheet
230Kb / 12P
   Precision Reference
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com