Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLP75-3301G Datasheet(PDF) 5 Page - Power-One

Part # PLP75-3301G
Description  AC-DC power supplies suited for telecom
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

PLP75-3301G Datasheet(HTML) 5 Page - Power-One

  PLP75-3301G Datasheet HTML 1Page - Power-One PLP75-3301G Datasheet HTML 2Page - Power-One PLP75-3301G Datasheet HTML 3Page - Power-One PLP75-3301G Datasheet HTML 4Page - Power-One PLP75-3301G Datasheet HTML 5Page - Power-One PLP75-3301G Datasheet HTML 6Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DEC 04, 2006 revised to JAN 30, 2007
Page 5 of 6
www.power-one.com
PLP75 AC-DC Series Data Sheet
75 Watts
Regulatory & Safety Approvals
Parameter
Conditions/Description
Min.
Nom.
Max.
Units
UL60950-1
All single-output models are approved. Triple-
output models are pending.
CSA-C22.2,
No. 60950-1-03
All single-output models are approved. Triple-
output models are pending.
EN 60950-1
/IEC 60950-1
All single-output models are approved. Triple-
output models are pending.
CE Mark for LVD
All single-output models are approved. Triple-
output models are pending.
CB Approval
Completed for single-output models. Pending
for triple-output models.
Ground Leakage
Current
At 230 VAC.
1.4
mA
Mechanical Specifications
Parameter
Conditions/Description
Min.
Nom.
Max.
Units
Dimensions
Length
127
mm
Width
76.2
mm
Height, including component or component lead
protrusion on the bottom of the PCB.
35
mm
Power Density
With forced-air cooling.
4
W/cu in
Mounting
(Location/Hardware); see Outline Drawing.
Input
(Location/Connector);
J1 - Molex 26-62-4030 or equivalent.
Ground connector for
plastic chassis
Provided.
Output
(Location/Connector);
J2 - Molex 26-60-4060 or equivalent.
Outline Drawing
Pins/Functions
See Mechanical Drawing.
Weight
0.36
kg
Mounting distance
Note
1
0.113
in
Optional Accessories
Bracket, enclosure with IEC connector and
switch, and cover options are offered. Consult
factory for details.
1
The minimum distance from the bottom of the component leads (solder side) or top of the components (component side) to the customer's
metal chassis should be at least 0.113 " (2.85 mm).


Similar Part No. - PLP75-3301G

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
PLP-1.9 MINI-PLP-1.9 Datasheet
167Kb / 1P
   Low Pass Filter
PLP-1.9++ MINI-PLP-1.9+ Datasheet
167Kb / 1P
   Low Pass Filter
logo
Hamamatsu Corporation
PLP-10 HAMAMATSU-PLP-10 Datasheet
186Kb / 2P
   HIGH-REPETITION PICOSECOND LIGHT PULSER Model PLP-10
logo
Mini-Circuits
PLP-10.7 MINI-PLP-10.7 Datasheet
166Kb / 1P
   Low Pass Filter
PLP-10.7++ MINI-PLP-10.7+ Datasheet
268Kb / 1P
   LOW PASS FILTERS
More results

Similar Description - PLP75-3301G

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-68624 PULSE-PE-68624 Datasheet
406Kb / 11P
   Suited for LAN and Telecom Applications
logo
International Rectifier
IRFH7194PBF IRF-IRFH7194PBF_15 Datasheet
762Kb / 8P
   Primary Switch for High Frequency 48V/60V Telecom DC-DC Power Supplies
IRFH7885PBF IRF-IRFH7885PBF_15 Datasheet
518Kb / 8P
   Primary Switch for High Frequency 48V/60V Telecom DC-DC Power Supplies
IRFH7191PBF IRF-IRFH7191PBF_15 Datasheet
489Kb / 8P
   Primary Switch for High Frequency 48V/60V Telecom DC-DC Power Supplies
IRFH7187PBF IRF-IRFH7187PBF Datasheet
494Kb / 8P
   Primary Switch for High Frequency 48V/60V Telecom DC-DC Power Supplies
logo
Infineon Technologies A...
IRFH7191PBF INFINEON-IRFH7191PBF Datasheet
550Kb / 10P
   Primary Switch for High Frequency 48V/60V Telecom DC-DC Power Supplies
2017-01-24
logo
International Rectifier
IRFH7185PBF IRF-IRFH7185PBF_15 Datasheet
547Kb / 9P
   Primary Switch for High Frequency 48V/60V Telecom DC-DC Power Supplies
logo
Infineon Technologies A...
IRFHM7194TRPBF INFINEON-IRFHM7194TRPBF Datasheet
507Kb / 10P
   Primary Switch for High Frequency 48V/60V Telecom DC-DC Power Supplies
2016-2-26
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com