Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75C1168NSRG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN75C1168NSRG4
Description  DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75C1168NSRG4 Datasheet(HTML) 1 Page - Texas Instruments

  SN75C1168NSRG4 Datasheet HTML 1Page - Texas Instruments SN75C1168NSRG4 Datasheet HTML 2Page - Texas Instruments SN75C1168NSRG4 Datasheet HTML 3Page - Texas Instruments SN75C1168NSRG4 Datasheet HTML 4Page - Texas Instruments SN75C1168NSRG4 Datasheet HTML 5Page - Texas Instruments SN75C1168NSRG4 Datasheet HTML 6Page - Texas Instruments SN75C1168NSRG4 Datasheet HTML 7Page - Texas Instruments SN75C1168NSRG4 Datasheet HTML 8Page - Texas Instruments SN75C1168NSRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
SN65C1167, SN75C1167, SN65C1168, SN75C1168
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SLLS159E − MARCH 1993 − REVISED NOVEMBER 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Meet or Exceed Standards TIA/EIA-422-B
and ITU Recommendation V.11
D BiCMOS Process Technology
D Low Supply-Current Requirements:
9 mA Max
D Low Pulse Skew
D Receiver Input Impedance...17 kΩ Typ
D Receiver Input Sensitivity... ±200 mV
D Receiver Common-Mode Input Voltage
Range of −7 V to 7 V
D Operate From Single 5-V Power Supply
D Glitch-Free Power-Up/Power-Down
Protection
D Receiver 3-State Outputs Active-Low
Enable for SN65C1167 and SN75C1167 Only
D Improved Replacements for the MC34050
and MC34051
description/ordering information
The SN65C1167, SN75C1167, SN65C1168,
and SN75C1168 dual drivers and receivers are
integrated
circuits
designed
for
balanced
transmission
lines.
The
devices
meet
TIA/EIA-422-B and ITU recommendation V.11.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP (N)
Tube
SN75C1167N
SN75C1167N
SOP (NS)
Tape and reel
SN75C1167NSR
75C1167
SSOP (DB)
Tape and reel
SN75C1167DBR
CA1167
0
°C to 70°C
PDIP (N)
Tube
SN75C1168N
SN75C1168N
0
°C to 70°C
SOP (NS)
Tape and reel
SN75C1168NSR
75C1168
SSOP (DB)
Tape and reel
SN75C1168DBR
CA1168
TSSOP (PW)
Tube
SN75C1168PW
CA1168
TSSOP (PW)
Tape and reel
SN75C1168PWR
CA1168
SOP (NS)
Tape and reel
SN65C1167NSR
65C1167
SSOP (DB)
Tape and reel
SN65C1167DBR
CB1167
−40
°C to 85°C
PDIP (N)
Tube
SN65C1168N
SN65C1168N
−40
°C to 85°C
SOP (NS)
Tape and reel
SN65C1168NSR
65C1168
TSSOP (PW)
Tube
SN65C1168PW
CB1168
TSSOP (PW)
Tape and reel
SN65C1168PWR
CB1168
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1B
1A
1R
RE
2R
2A
2B
GND
VCC
1D
1Y
1Z
DE
2Z
2Y
2D
SN65C1167 . . . DB OR NS PACKAGE
SN75C1167 . . . DB, N, OR NS PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1B
1A
1R
1DE
2R
2A
2B
GND
VCC
1D
1Y
1Z
2DE
2Z
2Y
2D
SN65C1168 . . . N, NS, OR PW PACKAGE
SN75C1168 . . . DB, N, NS, OR PW PACKAGE
(TOP VIEW)


Similar Part No. - SN75C1168NSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C1168NSRG4 TI-SN75C1168NSRG4 Datasheet
353Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75C1168NSRG4 TI1-SN75C1168NSRG4 Datasheet
933Kb / 20P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75C1168NSRG4 TI1-SN75C1168NSRG4 Datasheet
1Mb / 21P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75C1168NSRG4 TI-SN75C1168NSRG4 Datasheet
921Kb / 26P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
REVISED NOVEMBER 2009
More results

Similar Description - SN75C1168NSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C1167 TI-SN65C1167 Datasheet
288Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_07 Datasheet
485Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_08 Datasheet
514Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_06 Datasheet
353Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751178NSR TI-SN751178NSR Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751177 TI1-SN751177_08 Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_V01 Datasheet
921Kb / 26P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
REVISED NOVEMBER 2009
SN75C1167NSE4 TI1-SN75C1167NSE4 Datasheet
933Kb / 20P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN7534050 TI-SN7534050 Datasheet
471Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_09 Datasheet
606Kb / 20P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com