Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV20APWTE4 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74LV20APWTE4
Description  DAUL 4-INPUT POSITIVE-AND GATE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV20APWTE4 Datasheet(HTML) 2 Page - Texas Instruments

  SN74LV20APWTE4 Datasheet HTML 1Page - Texas Instruments SN74LV20APWTE4 Datasheet HTML 2Page - Texas Instruments SN74LV20APWTE4 Datasheet HTML 3Page - Texas Instruments SN74LV20APWTE4 Datasheet HTML 4Page - Texas Instruments SN74LV20APWTE4 Datasheet HTML 5Page - Texas Instruments SN74LV20APWTE4 Datasheet HTML 6Page - Texas Instruments SN74LV20APWTE4 Datasheet HTML 7Page - Texas Instruments SN74LV20APWTE4 Datasheet HTML 8Page - Texas Instruments SN74LV20APWTE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
SN54LV20A, SN74LV20A
DUAL 4INPUT POSITIVENAND GATE
SCES339E − SEPTEMBER 2000 − REVISED APRIL 2005
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
FUNCTION TABLE
(each gate)
INPUTS
OUTPUT
A
B
C
D
OUTPUT
Y
H
H
H
H
L
L
XX
X
H
X
LX
X
H
X
XL
X
H
X
X
X
L
H
logic diagram (positive logic)
1A
1Y
1B
1C
1D
2A
2Y
2B
2C
2D
1
2
4
5
9
10
12
13
68
Pin numbers shown are for the D, DB, DGV, J, NS, PW, and W packages.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range applied in high or low state, VO (see Notes 1 and 2)
−0.5 V to VCC + 0.5 V
. . . . . . . . . .
Output voltage range applied in power-off state, VO (see Note 1)
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0)
−20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0)
−50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
±25 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 3): D package
86
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DB package
96
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DGV package
127
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NS package
76
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PW package
113
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output negative-voltage ratings may be exceeded if the input and output current ratings are observed.
2. This value is limited to 5.5 V maximum.
3. The package thermal impedance is calculated in accordance with JESD 51-7.


Similar Part No. - SN74LV20APWTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV20APWTE4 TI-SN74LV20APWTE4 Datasheet
333Kb / 13P
[Old version datasheet]   DUAL 4 INPUT POSITIVE NAND GATE
More results

Similar Description - SN74LV20APWTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC21-Q1 TI1-SN74HC21-Q1_15 Datasheet
812Kb / 13P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATE
SN74HC21-Q1 TI-SN74HC21-Q1 Datasheet
190Kb / 8P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATE
logo
List of Unclassifed Man...
7421 ETC1-7421 Datasheet
51Kb / 1P
   DUAL 4-INPUT POSITIVE AND GATE
logo
Texas Instruments
SN54LV20A TI-SN54LV20A_08 Datasheet
505Kb / 15P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND GATE
SN74LV20A TI-SN74LV20A Datasheet
333Kb / 13P
[Old version datasheet]   DUAL 4 INPUT POSITIVE NAND GATE
SN74AHCT1G08 TI-SN74AHCT1G08 Datasheet
69Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHCT1G08 TI-SN74AHCT1G08_1 Datasheet
473Kb / 12P
[Old version datasheet]   single 2-input positive-and gate
logo
Diodes Incorporated
74LVC1G08 DIODES-74LVC1G08 Datasheet
199Kb / 11P
   SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev. 1 - 2
logo
Texas Instruments
SN74LVC2G08 TI-SN74LVC2G08_10 Datasheet
529Kb / 14P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-AND GATE
logo
Diodes Incorporated
74LVC1G08_1010 DIODES-74LVC1G08_1010 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com