Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXTP5401FL Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZXTP5401FL
Description  150V, SOT23, PNP High voltage transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXTP5401FL Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZXTP5401FL Datasheet HTML 1Page - Zetex Semiconductors ZXTP5401FL Datasheet HTML 2Page - Zetex Semiconductors ZXTP5401FL Datasheet HTML 3Page - Zetex Semiconductors ZXTP5401FL Datasheet HTML 4Page - Zetex Semiconductors ZXTP5401FL Datasheet HTML 5Page - Zetex Semiconductors ZXTP5401FL Datasheet HTML 6Page - Zetex Semiconductors ZXTP5401FL Datasheet HTML 7Page - Zetex Semiconductors ZXTP5401FL Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Issue 1 - August 2007
1
www.zetex.com
© Zetex Semiconductors plc 2007
ZXTP5401FL
150V, SOT23, PNP High voltage transistor
Summary
BVCEO > -150V
BVEBO > -5V
IC(cont) = -600mA
PD = 330mW
Complementary part number ZXTN5551FL
Description
A high voltage PNP transistor in a small outline surface mount package.
Features
•150V rating
SOT23 package
Applications
High voltage amplification
Ordering information
Device marking
P01
Device
Reel size
(inches)
Tape width
(mm)
Quantity
per reel
ZXTP5401FLTA
7
8
3000
C
E
B
C
E
B
Pinout - top view


Similar Part No. - ZXTP5401FL

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTP5401FL DIODES-ZXTP5401FL Datasheet
168Kb / 8P
   150V, SOT23, PNP High voltage transistor
ZXTP5401FLTA DIODES-ZXTP5401FLTA Datasheet
168Kb / 8P
   150V, SOT23, PNP High voltage transistor
ZXTP5401FL DIODES-ZXTP5401FL_15 Datasheet
193Kb / 6P
   150V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT23
More results

Similar Description - ZXTP5401FL

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTP5401FL DIODES-ZXTP5401FL Datasheet
168Kb / 8P
   150V, SOT23, PNP High voltage transistor
ZXTP5401FL DIODES-ZXTP5401FL_15 Datasheet
193Kb / 6P
   150V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT23
MMBT5401 DIODES-MMBT5401_15 Datasheet
313Kb / 7P
   150V PNP SMALL SIGNAL TRANSISTOR IN SOT23
ZXTP5401G DIODES-ZXTP5401G Datasheet
250Kb / 8P
   150V, SOT223, PNP High voltage transistor
logo
Zetex Semiconductors
ZXTP5401G ZETEX-ZXTP5401G Datasheet
238Kb / 8P
   150V, SOT223, PNP High voltage transistor
ZXTP5401Z ZETEX-ZXTP5401Z Datasheet
241Kb / 8P
   150V, SOT89, PNP High voltage transistor
logo
Diodes Incorporated
ZXTP5401Z DIODES-ZXTP5401Z Datasheet
253Kb / 8P
   150V, SOT89, PNP High voltage transistor
FMMT560TC DIODES-FMMT560TC Datasheet
478Kb / 7P
   500V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
FMMT558 DIODES-FMMT558_15 Datasheet
406Kb / 7P
   400V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
logo
Zetex Semiconductors
BSS63 ZETEX-BSS63 Datasheet
29Kb / 1P
   SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com