Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM1316-D Datasheet(PDF) 3 Page - AUK corp

Part # SM1316-D
Description  Chip LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SM1316-D Datasheet(HTML) 3 Page - AUK corp

  SM1316-D Datasheet HTML 1Page - AUK corp SM1316-D Datasheet HTML 2Page - AUK corp SM1316-D Datasheet HTML 3Page - AUK corp SM1316-D Datasheet HTML 4Page - AUK corp SM1316-D Datasheet HTML 5Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
KSD-O8G022-001
3
SM1316-D
*3. Luminous intensity maximum tolerance for each grade classification limit is ±18%
(The test result of IF=10mA is only for reference)
*4.
θ1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity
VF / IV / λP Grade Classification (Ta=25℃)
Test Condition @ IF=10mA
Forward Voltage [V]
Luminous Intensity [mcd]
Peak Wavelength [nm]
F : 6~10
a : 569~572
1 : 1.8~2.0
G : 10~17
b : 572~575
2 : 2.0~2.3
H : 17~27
c : 575~578
(Do not use to combine grade classification. It must be used separately grade classification)


Similar Part No. - SM1316-D

ManufacturerPart #DatasheetDescription
logo
AUK corp
SM1316-D AUK-SM1316-D Datasheet
263Kb / 4P
   Chip LED Lamp
logo
KODENSHI_AUK CORP.
SM1316-D KODENSHI-SM1316-D Datasheet
193Kb / 4P
   CHip LED
More results

Similar Description - SM1316-D

ManufacturerPart #DatasheetDescription
logo
AUK corp
SM2233-D AUK-SM2233-D Datasheet
206Kb / 4P
   Chip LED
SM2333 AUK-SM2333 Datasheet
171Kb / 4P
   Chip LED
SR2332-V AUK-SR2332-V Datasheet
173Kb / 4P
   Chip LED
SR2333-V AUK-SR2333-V Datasheet
204Kb / 4P
   Chip LED
SA1316 AUK-SA1316_1 Datasheet
191Kb / 5P
   Chip LED
SM1316-L AUK-SM1316-L_1 Datasheet
200Kb / 5P
   Chip LED
logo
EPIGAP optoelectronic G...
ELC-460-34 EPIGAP-ELC-460-34 Datasheet
101Kb / 1P
   LED - Chip
logo
Everlight Electronics C...
24-21UYC EVERLIGHT-24-21UYC Datasheet
156Kb / 9P
   Chip LED
logo
EPIGAP optoelectronic G...
ELC-525-31-2 EPIGAP-ELC-525-31-2 Datasheet
30Kb / 1P
   LED - Chip
ELC-595-29-50 EPIGAP-ELC-595-29-50 Datasheet
85Kb / 1P
   LED - Chip
ELC-635-14-3 EPIGAP-ELC-635-14-3 Datasheet
99Kb / 1P
   LED - Chip
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com