Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE5534AD Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # NE5534AD
Description  LOW-NOISE OPERATIONAL AMPLIFIERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

NE5534AD Datasheet(HTML) 1 Page - Texas Instruments

  NE5534AD Datasheet HTML 1Page - Texas Instruments NE5534AD Datasheet HTML 2Page - Texas Instruments NE5534AD Datasheet HTML 3Page - Texas Instruments NE5534AD Datasheet HTML 4Page - Texas Instruments NE5534AD Datasheet HTML 5Page - Texas Instruments NE5534AD Datasheet HTML 6Page - Texas Instruments NE5534AD Datasheet HTML 7Page - Texas Instruments NE5534AD Datasheet HTML 8Page - Texas Instruments NE5534AD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
NE5534, NE5534A, SA5534. SA5534A
LOW NOISE OPERATIONAL AMPLIFIERS
SLOS070C − JULY 1979 − REVISED SEPTEMBER 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Equivalent Input Noise Voltage . . .
3.5 nV/
/Hz Typ
D Unity-Gain Bandwidth . . . 10 MHz Typ
D Common-Mode Rejection Ratio . . .
100 dB Typ
D High DC Voltage Gain . . . 100 V/mV Typ
D Peak-to-Peak Output Voltage Swing
32 V Typ With VCC
+ = +18 V and RL = 600 W
D High Slew Rate . . . 13 V/ms Typ
D Wide Supply-Voltage Range +3 V to +20 V
D Low Harmonic Distortion
D Offset Nulling Capability
D External Compensation Capability
description/ordering information
The NE5534, NE5534A, SA5534, and SA5534A are high-performance operational amplifiers combining
excellent dc and ac characteristics. Some of the features include very low noise, high output-drive capability,
high unity-gain and maximum-output-swing bandwidths, low distortion, and high slew rate.
These operational amplifiers are compensated internally for a gain equal to or greater than three. Optimization
of the frequency response for various applications can be obtained by use of an external compensation
capacitor between COMP and COMP/BAL. The devices feature input-protection diodes, output short-circuit
protection, and offset-voltage nulling capability with use of the BALANCE and COMP/BAL pins (see the
application circuit diagram).
For the NE5534A and SA5534A, a maximum limit is specified for the equivalent input noise voltage.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
8
7
6
5
BALANCE
IN−
IN+
VCC−
COMP/BAL
VCC+
OUT
COMP
NE5534, SA5534 ...D (SOIC), P (PDIP),
OR PS (SOP) PACKAGE
NE5534A, SA5534A ...D (SOIC) OR P (PDIP) PACKAGE
(TOP VIEW)


Similar Part No. - NE5534AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5534AD PHILIPS-NE5534AD Datasheet
109Kb / 8P
   Dual and single low noise op amp
August 31, 1994
logo
Texas Instruments
NE5534AD TI-NE5534AD Datasheet
119Kb / 7P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534AD TI-NE5534AD Datasheet
289Kb / 12P
[Old version datasheet]   LOW OPERATIONAL AMPLIFIERS
NE5534AD TI-NE5534AD Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
NE5534AD ONSEMI-NE5534AD Datasheet
165Kb / 10P
   Single Low Noise Operational Amplifier
March, 2006 ??Rev. 2
More results

Similar Description - NE5534AD

ManufacturerPart #DatasheetDescription
logo
Rohm
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4558F ROHM-BA4558F_09 Datasheet
864Kb / 34P
   Operational Amplifiers: Low Noise
BA4510F-E2 ROHM-BA4510F-E2 Datasheet
963Kb / 49P
   Low Noise Operational Amplifiers
BA4580RF-E2 ROHM-BA4580RF-E2 Datasheet
957Kb / 49P
   Low Noise Operational Amplifiers
BA4560FJ-E2 ROHM-BA4560FJ-E2 Datasheet
581Kb / 44P
   Low Noise Operational Amplifiers
BA2107G ROHM-BA2107G_14 Datasheet
2Mb / 35P
   Low Noise Operational Amplifiers
BA8522RF-E2 ROHM-BA8522RF-E2 Datasheet
690Kb / 26P
   Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com