Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTS645VH85 Datasheet(PDF) 2 Page - ITT Industries

Part # PTS645VH85
Description  6 mm Tact Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

PTS645VH85 Datasheet(HTML) 2 Page - ITT Industries

  PTS645VH85 Datasheet HTML 1Page - ITT Industries PTS645VH85 Datasheet HTML 2Page - ITT Industries PTS645VH85 Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Dimensions are shown: mm (inch)
Dimensions subject to change
www.ittcannon.com
B-58
B
4,5
(.177)
7,0
(.276)
2,5
(.098)
ø1,0 TYP.
(.039)
1,8
(.071)
0,7 TYP.
(.028)
4,5
(.177)
7,9
(.311)
3,5
(.138)
6,5
(.256)
ø1,0 TYP.
(.039)
4,5
(.177)
6,5
(.256)
PCB LAYOUT
PCB LAYOUT
2,5
(.098)
1,0
(.039)
0,3
(.012)
4,0
(.158)
7,5
(.295)
4,5
(.177)
7,0
(.276)
8,0
(.315)
0,7 TYP.
(.028)
SERIES
PTS645
S STRAIGHT
0,7
(.028)
4,1
(.161)
0,3
(.012)
1,8
(.071)
0,7 TYP.
(.028)
4,5
(.177)
7,9
(.311)
3,5
(.138)
6,5
(.256)
4,5
(.177)
4,1
(.161)
ø1,0 DIA.
(.039) TYP.
PCB LAYOUT
T STRAIGHT WITH EMC PIN
V VERTICAL
ø3,5
(.138)
1,8
(.071)
0,7 TYP.
(.028)
4,5
(.177)
7,9
(.311)
3,5
(.138)
"H"
3,6
(.142)
6,0 SQ.
(.236)
6,5
(.256)
DIMPLES
0,4 MAX.
(.015)
"H"
2,5
(.098)
1,0
(.039)
0,3
(.012)
2,55
(.100)
7,1
(.280)
4,0
(.158)
7,5
(.295)
4,5
(.177)
7,0
(.276)
8,0
(.315)
7,5
(.295)
0,7 TYP.
(.028)
6,5
(.256)
ø3,5
(.138)
DIMPLES
0,4 MAX.
(.015)
PTS645S Model
PTS645V Model
PTS645 Series
6 mm Tact Switches
TERMINATION


Similar Part No. - PTS645VH85

ManufacturerPart #DatasheetDescription
logo
C&K Components
PTS645VH832LFS CK-COMPONENTS-PTS645VH832LFS Datasheet
492Kb / 4P
   6 mm Tact Switches
PTS645VH83SMTR92LFS CK-COMPONENTS-PTS645VH83SMTR92LFS Datasheet
492Kb / 4P
   6 mm Tact Switches
More results

Similar Description - PTS645VH85

ManufacturerPart #DatasheetDescription
logo
C&K Components
PTS645 CK-COMPONENTS-PTS645 Datasheet
202Kb / 3P
   6 mm Tact Switches
PTS645 CK-COMPONENTS-PTS645_V01 Datasheet
653Kb / 8P
   6 mm Tact Switches
14 Nov 22
PTS645VH15LFS CK-COMPONENTS-PTS645VH15LFS Datasheet
492Kb / 4P
   6 mm Tact Switches
logo
List of Unclassifed Man...
PTS453 ETC2-PTS453 Datasheet
54Kb / 2P
   4,5 mm Tact Switches
logo
ITT Industries
PTS635SL43 ITT-PTS635SL43 Datasheet
67Kb / 2P
   3,5 mm Tact Switches
logo
C&K Components
PTS125 CK-COMPONENTS-PTS125_V01 Datasheet
387Kb / 5P
   12 mm Tact Switches
2022
logo
ITT Industries
PTS125 ITT-PTS125 Datasheet
198Kb / 3P
   12 mm Tact Switches
logo
C&K Components
PTS635 CK-COMPONENTS-PTS635 Datasheet
355Kb / 3P
   3,5 mm Tact Switches
PTS125 CK-COMPONENTS-PTS125 Datasheet
193Kb / 3P
   12 mm Tact Switches
PTS125 CK-COMPONENTS-PTS125_V02 Datasheet
388Kb / 5P
   12 mm Tact Switches
14 Nov 22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com