Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSL235R Datasheet(PDF) 4 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TSL235R
Description  LIGHT-TO-FREQUENCY CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TSL235R Datasheet(HTML) 4 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  TSL235R Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL235R Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL235R Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL235R Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL235R Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL235R Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL235R Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL235R Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL235R Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TSL235R
LIGHT-TO-FREQUENCY CONVERTER
TAOS038E −SEPTEMBER 2007
4
r
r
Copyright E 2007, TAOS Inc.
The LUMENOLOGY r Company
www.taosinc.com
TYPICAL CHARACTERISTICS
OUTPUT FREQUENCY
vs
SUPPLY VOLTAGE
VDD − Supply Voltage − V
2.5
3
3.5
4
4.5
5
0.980
0.985
0.990
0.995
1.000
1.005
1.010
5.5
TA = 25°C
fO = 250 kHz
Figure 5


Similar Part No. - TSL235R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSL235R ETC-TSL235R Datasheet
83Kb / 8P
   LIGHTTOFREQUENCY CONVERTER
logo
ams AG
TSL235R AMSCO-TSL235R Datasheet
722Kb / 11P
   LIGHT-TO-FREQUENCY CONVERTER
TSL235R AMSCO-TSL235R Datasheet
320Kb / 17P
   Light-to-Frequency Converter
2018-Apr-04
TSL235R AMSCO-TSL235R_V01 Datasheet
320Kb / 17P
   Light-to-Frequency Converter
2018-Apr-04
More results

Similar Description - TSL235R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSL235 TI-TSL235 Datasheet
80Kb / 6P
[Old version datasheet]   LIGHT-TO-FREQUENCY CONVERTER
logo
List of Unclassifed Man...
TSL235R ETC-TSL235R Datasheet
83Kb / 8P
   LIGHTTOFREQUENCY CONVERTER
logo
Texas Instruments
TSL220 TI-TSL220 Datasheet
156Kb / 10P
[Old version datasheet]   LIGHT-TO-FREQUENCY CONVERTER
logo
ams AG
TSL235R AMSCO-TSL235R_V01 Datasheet
320Kb / 17P
   Light-to-Frequency Converter
2018-Apr-04
TSL235 AMSCO-TSL235 Datasheet
722Kb / 11P
   LIGHT-TO-FREQUENCY CONVERTER
TSL235R AMSCO-TSL235R Datasheet
722Kb / 11P
   LIGHT-TO-FREQUENCY CONVERTER
logo
Texas Instruments
TSL245 TI-TSL245 Datasheet
83Kb / 6P
[Old version datasheet]   INFRARED LIGHT-TO-FREQUENCY CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TCS3200 TAOS-TCS3200 Datasheet
165Kb / 14P
   COLOR LIGHT-TO-FREQUENCY CONVERTER
logo
ams AG
TSL245 AMSCO-TSL245 Datasheet
595Kb / 11P
   INFRARED LIGHT-TO-FREQUENCY CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TSL245R TAOS-TSL245R Datasheet
157Kb / 10P
   INFRARED LIGHT-TO-FREQUENCY CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com