Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAZ2220 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MAZ2220
Description  Silicon planar type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MAZ2220 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MAZ2220 Datasheet HTML 1Page - Panasonic Semiconductor MAZ2220 Datasheet HTML 2Page - Panasonic Semiconductor MAZ2220 Datasheet HTML 3Page - Panasonic Semiconductor MAZ2220 Datasheet HTML 4Page - Panasonic Semiconductor MAZ2220 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Zener Diodes
1
Publication date: March 2004
SKE00002CED
MAZ2xxx Series (MA2xxx Series)
Silicon planar type
For stabilization of power supply
■ Features
• High reliability, achieved by the combination the planar type
and the glass seal
• Large power dissipation P
D
• Wide voltage range: Zener voltage V
Z = 5.1 V to 56.0 V
■ Absolute Maximum Ratings T
a = 25°C
Unit: mm
Parameter
Symbol
Rating
Unit
Repetitive peak forward current
IFRM
400
mA
Power dissipation *
1
PD
1.0
W
Non-repetitive reverse surge
PZSM
75
W
power dissipation *
2
Junction temperature
Tj
200
°C
Storage temperature
Tstg
−55 to +200
°C
■ Common Electrical Characteristics T
a
= 25°C ± 3°C *1
DO-41-A1 Package
1st Band
2nd Band
3rd Band
Cathode
Anode
Colored band
indicatesVz
classification
4.0±0.5
27 min.
2.6
+0.4
–0.2
27 min.
Note) *1: PD = 1.0 W achieved with a printed circuit board
*2: t
= 100 µs, T
j = 150°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Forward voltage
VF
IF = 200 mA
1.0
V
Zener voltage *
2
VZ
IZ
Specified value
V
Zener operating resistance
RZ
IZ
Specified value
Reverse current
IR
VR
Specified value
µA
Temperature coefficient of zener voltage *
3
SZ
IZ
Specified value
mV/
°C
Terminal capacitance
Ct
VR = 0 V, f = 1 MHz
pF
Specified value
Refer to the list of the
electrical characteristics
within part numbers
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7031 measuring methods for diodes.
2. Absolute frequency of input and output is 5 MHz.
3. *1: The temperature must be controlled 25°C for VZ mesurement.
VZ value measured at other temperature must be adjusted to VZ (25°C)
*2: VZ guaranteed 20 ms after current flow.
*3: Tj
= 25°C to 150°C
Note) The part number in the parenthesis shows conventional part number.
This product complies with the RoHS Directive (EU 2002/95/EC).


Similar Part No. - MAZ2220

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZ2220 PANASONIC-MAZ2220 Datasheet
76Kb / 6P
   Silicon planar type
logo
Tiger Electronic Co.,Lt...
MAZ2220 TGS-MAZ2220 Datasheet
200Kb / 6P
   Silicon planar type
logo
Panasonic Semiconductor
MAZ22200A PANASONIC-MAZ22200A Datasheet
76Kb / 6P
   Silicon planar type
logo
Tiger Electronic Co.,Lt...
MAZ22200A TGS-MAZ22200A Datasheet
200Kb / 6P
   Silicon planar type
logo
Panasonic Semiconductor
MAZ22200B PANASONIC-MAZ22200B Datasheet
76Kb / 6P
   Silicon planar type
More results

Similar Description - MAZ2220

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZU000 PANASONIC-MAZU000 Datasheet
41Kb / 2P
   Silicon planar type
MAZX000 PANASONIC-MAZX000 Datasheet
41Kb / 2P
   Silicon planar type
MA4X348 PANASONIC-MA4X348 Datasheet
41Kb / 2P
   Silicon planar type
MAZ8000 PANASONIC-MAZ8000 Datasheet
69Kb / 5P
   Silicon planar type
PNA1605F PANASONIC-PNA1605F Datasheet
83Kb / 3P
   Silicon planar type
PNZ323 PANASONIC-PNZ323 Datasheet
82Kb / 3P
   Silicon planar type
MAZ1000 PANASONIC-MAZ1000 Datasheet
77Kb / 6P
   Silicon planar type
MAZ4000N PANASONIC-MAZ4000N Datasheet
72Kb / 5P
   Silicon planar type
MAZ5000 PANASONIC-MAZ5000 Datasheet
56Kb / 3P
   Silicon planar type
MA3D690 PANASONIC-MA3D690 Datasheet
45Kb / 2P
   Silicon planar type
MA4039 PANASONIC-MA4039 Datasheet
107Kb / 7P
   Silicon planar type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com