Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100EPT23LZC Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY100EPT23LZC
Description  3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EPT23LZC Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY100EPT23LZC Datasheet HTML 1Page - Micrel Semiconductor SY100EPT23LZC Datasheet HTML 2Page - Micrel Semiconductor SY100EPT23LZC Datasheet HTML 3Page - Micrel Semiconductor SY100EPT23LZC Datasheet HTML 4Page - Micrel Semiconductor SY100EPT23LZC Datasheet HTML 5Page - Micrel Semiconductor SY100EPT23LZC Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
ECL Pro™
SY100EPT23L
Micrel, Inc.
M9999-120505
hbwhelp@micrel.com or (408) 955-1690
Pin
Function
Q0, Q1
LVTTL Outputs
D0, /D0, D1, /D1
Differential LVPECL Inputs
VCC
Positive Supply
GND
Ground
DESCRIPTION
■ 3.3V power supply
■ 1.9ns typical propagation delay
■ Maximum frequency > 275MHz
■ Differential LVPECL inputs
■ 24mA LVTTL outputs
■ Flow-through pinouts
■ Internal input resistors: pulldown on D, pulldown
and pullup on /D
■ Q output will default LOW with inputs open or at
Ground
■ Available in 8-pin MSOP and SOIC packages
The SY100EPT23L is a dual differential LVPECL-to-
LVTTL translator. Because LVPECL (Low Voltage Positive
ECL) levels are used, only +3.3V and ground are required.
The tiny 8-pin MSOP and dual-gate design of the EPT23L
makes it ideal for applications which require the
translation of a clock and data signal.
The EPT23L is available in only the ECL 100K
standard. Since there are no LVPECL outputs or an
external V
BB reference, the EPT23L does not require
both ECL standard versions. The inputs can accept 10K
voltage levels and any standard differential LVPECL input
referenced from a V
CC of +3.3V
FEATURES
3.3V DUAL DIFFERENTIAL
LVPECL-to-LVTTL TRANSLATOR
PIN NAMES
ECL Pro™
SY100EPT23L
Rev.: E
Amendment: 0
Issue Date: October 2005
ECL Pro™
ECL Pro is a trademark of Micrel, Inc.


Similar Part No. - SY100EPT23LZC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EPT23LZC MICREL-SY100EPT23LZC Datasheet
74Kb / 8P
   3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY100EPT23LZCTR MICREL-SY100EPT23LZCTR Datasheet
74Kb / 8P
   3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
More results

Similar Description - SY100EPT23LZC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MC100ES60T23 RENESAS-MC100ES60T23 Datasheet
628Kb / 9P
   3.3V Dual Differential LVPECL to LVTTL Translator
2019
logo
Micrel Semiconductor
SY89323L MICREL-SY89323L_06 Datasheet
461Kb / 5P
   3.3V DUAL DIFFERENTIAL LVPECL-TO-LVTTL TRANSLATOR
SY10ELT23L MICREL-SY10ELT23L Datasheet
51Kb / 4P
   3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY100EPT23L MICREL-SY100EPT23L Datasheet
74Kb / 8P
   3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY10ELT23L MICREL-SY10ELT23L_06 Datasheet
58Kb / 5P
   3.3V, DUAL DIFFERENTIAL LVPECL-TO-LVTTL TRANSLATOR
SY89223L MICREL-SY89223L Datasheet
41Kb / 5P
   3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY10ELT21L MICREL-SY10ELT21L Datasheet
51Kb / 4P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY10ELT21L MICREL-SY10ELT21L_06 Datasheet
56Kb / 5P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY100EPT21L MICREL-SY100EPT21L_05 Datasheet
115Kb / 6P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY100EPT21L MICREL-SY100EPT21L Datasheet
87Kb / 8P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com