Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT48H16M16LFB5-8G Datasheet(PDF) 1 Page - Micron Technology

Part # MT48H16M16LFB5-8G
Description  256Mb: 16 Meg x 16, 8 Meg x 32 Mobile SDRAM
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT48H16M16LFB5-8G Datasheet(HTML) 1 Page - Micron Technology

  MT48H16M16LFB5-8G Datasheet HTML 1Page - Micron Technology MT48H16M16LFB5-8G Datasheet HTML 2Page - Micron Technology MT48H16M16LFB5-8G Datasheet HTML 3Page - Micron Technology MT48H16M16LFB5-8G Datasheet HTML 4Page - Micron Technology MT48H16M16LFB5-8G Datasheet HTML 5Page - Micron Technology MT48H16M16LFB5-8G Datasheet HTML 6Page - Micron Technology MT48H16M16LFB5-8G Datasheet HTML 7Page - Micron Technology MT48H16M16LFB5-8G Datasheet HTML 8Page - Micron Technology MT48H16M16LFB5-8G Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 71 page
background image
Products and specifications discussed herein are subject to change by Micron without notice.
256Mb: 16 Meg x 16, 8 Meg x 32 Mobile SDRAM
Features
PDF:09005aef8219eeeb/Source: 09005aef8219eedd
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT48H16M16LF__1.fm - Rev F 4/07 EN
1
©2006 Micron Technology, Inc. All rights reserved.
Mobile SDRAM
MT48H16M16LF – 4 Meg x 16 x 4 banks
MT48H8M32LF – 2 Meg x 32 x 4 banks
Features
• Fully synchronous; all signals registered on positive
edge of system clock
•VDD/VDDQ = 1.70–1.95V
• Internal, pipelined operation; column address can
be changed every clock cycle
• Four internal banks for concurrent operation
• Programmable burst lengths: 1, 2, 4, 8, or continuous
page1
• Auto precharge, includes concurrent auto precharge
• Auto refresh and self refresh modes
• LVTTL-compatible inputs and outputs
• On-chip temperature sensor to control refresh rate
• Partial-array self refresh (PASR)
• Deep power-down (DPD)
• Selectable output drive (DS)
• 64ms refresh period (8,192 rows)
Notes: 1. For continuous page burst, contact factory
for availability.
Options
Marking
•VDD/VDDQ
– 1.8V/1.8V
H
•Configuration
– 16 Meg x 16 (4 Meg x 16 x 4 banks)
16M16
– 8 Meg x 32 (2 Meg x 32 x 4 banks)
8M32
•Plastic “green” package
– 54-ball VFBGA (8mm x 9mm)
BF
– 90-ball VFBGA (8mm x 13mm)
B5
• Timing – cycle time
– 7.5ns at CL = 3
-75
– 8ns at CL = 3
-8
•Power
– Standard IDD2P/IDD7None
– Low IDD2P/IDD7L
• Operating temperature range
– Commercial (0° to +70°C)
None
– Industrial (–40°C to +85°C)
IT
•Design revision
:G
Table 1:
Addressing
16 Meg x 16
8 Meg x 32
Configuration
4 Meg x 16 x 4
banks
2 Meg x 32 x 4
banks
Refresh count
8K
8K
Row addressing
8K (A0–A12)
4K (A0–A11)
Bank addressing
4 (BA0, BA1)
4 (BA0, BA1)
Column addressing
512 (A0–A8)
512 (A0–A8)
Table 2:
Key Timing Parameters
CL = CAS (READ) latency
Speed
Grade
Clock Rate
(MHz)
Access Time
Data
Setup
Time
Data
Hold
Time
CL = 2 CL = 3 CL = 2 CL = 3
-75
104
133
8ns
6ns
1.5ns
1ns
-8
100
125
9ns
7ns
2.5ns
1ns


Similar Part No. - MT48H16M16LFB5-8G

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48H16M16LFFG MICRON-MT48H16M16LFFG Datasheet
1Mb / 58P
   MOBILE SDRAM
More results

Similar Description - MT48H16M16LFB5-8G

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48H32M16LF MICRON-MT48H32M16LF Datasheet
2Mb / 73P
   512Mb: 32 Meg x 16, 16 Meg x 32 Mobile SDRAM
MT41J64M16JT-125G MICRON-MT41J64M16JT-125G Datasheet
2Mb / 214P
   DDR3 SDRAM MT41J256M4 ??32 Meg x 4 x 8 banks MT41J128M8 ??16 Meg x 8 x 8 banks MT41J64M16 ??8 Meg x 16 x 8 banks
MT47H64M16HR-25EITH MICRON-MT47H64M16HR-25EITH Datasheet
9Mb / 134P
   DDR2 SDRAM MT47H256M4 ??32 Meg x 4 x 8 banks MT47H128M8 ??16 Meg x 8 x 8 banks MT47H64M16 ??8 Meg x 16 x 8 banks
MT47H128M16RT-25EITC MICRON-MT47H128M16RT-25EITC Datasheet
1Mb / 134P
   DDR2 SDRAM MT47H512M4 ??64 Meg x 4 x 8 banks MT47H256M8 ??32 Meg x 8 x 8 banks MT47H128M16 ??16 Meg x 16 x 8 banks
MT47H128M16RT-25EC MICRON-MT47H128M16RT-25EC Datasheet
1Mb / 134P
   DDR2 SDRAM MT47H512M4 ??64 Meg x 4 x 8 banks MT47H256M8 ??32 Meg x 8 x 8 banks MT47H128M16 ??16 Meg x 16 x 8 banks
MT47H64M16HR-25H MICRON-MT47H64M16HR-25H Datasheet
1Mb / 132P
   DDR2 SDRAM MT47H256M4 ??32 Meg x 4 x 8 banks MT47H128M8 ??16 Meg x 8 x 8 banks MT47H64M16 ??8 Meg x 16 x 8 banks
MT41J128M16JT-125K MICRON-MT41J128M16JT-125K Datasheet
2Mb / 211P
   DDR3 SDRAM MT41J512M4 64 Meg x 4 x 8 Banks MT41J256M8 32 Meg x 8 x 8 Banks MT41J128M16 16 Meg x 16 x 8 Banks
MT41J128M16HA-15EDTR MICRON-MT41J128M16HA-15EDTR Datasheet
2Mb / 211P
   DDR3 SDRAM MT41J512M4 ??64 Meg x 4 x 8 Banks MT41J256M8 ??32 Meg x 8 x 8 Banks MT41J128M16 ??16 Meg x 16 x 8 Banks
MT41J128M16HA-15ED MICRON-MT41J128M16HA-15ED Datasheet
2Mb / 211P
   DDR3 SDRAM MT41J512M4 ??64 Meg x 4 x 8 Banks MT41J256M8 ??32 Meg x 8 x 8 Banks MT41J128M16 ??16 Meg x 16 x 8 Banks
MT47H64M8CF-25EG MICRON-MT47H64M8CF-25EG Datasheet
9Mb / 132P
   DDR2 SDRAM MT47H128M4 ??32 Meg x 4 x 4 banks MT47H64M8 ??16 Meg x 8 x 4 banks MT47H32M16 ??8 Meg x 16 x 4 banks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com