Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THN405Z Datasheet(PDF) 5 Page - AUK corp

Part # THN405Z
Description  SiGe NPN Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

THN405Z Datasheet(HTML) 5 Page - AUK corp

  THN405Z Datasheet HTML 1Page - AUK corp THN405Z Datasheet HTML 2Page - AUK corp THN405Z Datasheet HTML 3Page - AUK corp THN405Z Datasheet HTML 4Page - AUK corp THN405Z Datasheet HTML 5Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
Power Gain
vs. Frequency
Noise Figure
vs. Collector Current
at VCE = 2 V, IC =parameters, ZS = ZSopt
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
5
10
15
20
25
30
35
40
V
CE
= 2 V
I
C
= 5 mA
|S
21
|
2
MSG
MAG
Frequency (GHz)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
5
10
15
20
25
30
35
40
V
CE
= 3 V
I
C
= 5 mA
|S
21
|
2
MSG
MAG
Frequency (GHz)
0
2
4
6
8
10
12
14
16
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
f = 0.9 GHz
f = 1.8 GHz
Collector Current, I
C
(mA)
THN405Z


Similar Part No. - THN405Z

ManufacturerPart #DatasheetDescription
logo
Tachyonics CO,. LTD
THN4201 TACHYONICS-THN4201 Datasheet
227Kb / 12P
   NPN SiGe RF TRANSISTOR
THN4201E TACHYONICS-THN4201E Datasheet
227Kb / 12P
   NPN SiGe RF TRANSISTOR
logo
AUK corp
THN4201E AUK-THN4201E Datasheet
239Kb / 12P
   SiGe NPN Transistor
logo
Tachyonics CO,. LTD
THN4201KF TACHYONICS-THN4201KF Datasheet
227Kb / 12P
   NPN SiGe RF TRANSISTOR
THN4201U TACHYONICS-THN4201U Datasheet
227Kb / 12P
   NPN SiGe RF TRANSISTOR
More results

Similar Description - THN405Z

ManufacturerPart #DatasheetDescription
logo
AUK corp
THN6701B AUK-THN6701B Datasheet
543Kb / 6P
   SiGe NPN Transistor
THN6702F AUK-THN6702F Datasheet
192Kb / 4P
   SiGe NPN Transistor
THN4301U AUK-THN4301U Datasheet
257Kb / 15P
   SiGe NPN Transistor
THN6501F AUK-THN6501F Datasheet
189Kb / 11P
   SiGe NPN Transistor
THN4201U AUK-THN4201U Datasheet
239Kb / 12P
   SiGe NPN Transistor
THN6201S AUK-THN6201S Datasheet
252Kb / 13P
   SiGe NPN Transistor
THN6301S AUK-THN6301S Datasheet
221Kb / 11P
   SiGe NPN Transistor
THN5702F AUK-THN5702F Datasheet
257Kb / 8P
   SiGe NPN Transistor
THN4501U AUK-THN4501U Datasheet
257Kb / 15P
   SiGe NPN Transistor
THN420Z AUK-THN420Z Datasheet
245Kb / 5P
   SiGe NPN Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com