Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL7158ISZ-T13 Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL7158ISZ-T13
Description  Ultra-High Current Pin Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7158ISZ-T13 Datasheet(HTML) 8 Page - Intersil Corporation

  EL7158ISZ-T13 Datasheet HTML 1Page - Intersil Corporation EL7158ISZ-T13 Datasheet HTML 2Page - Intersil Corporation EL7158ISZ-T13 Datasheet HTML 3Page - Intersil Corporation EL7158ISZ-T13 Datasheet HTML 4Page - Intersil Corporation EL7158ISZ-T13 Datasheet HTML 5Page - Intersil Corporation EL7158ISZ-T13 Datasheet HTML 6Page - Intersil Corporation EL7158ISZ-T13 Datasheet HTML 7Page - Intersil Corporation EL7158ISZ-T13 Datasheet HTML 8Page - Intersil Corporation EL7158ISZ-T13 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN7349.2
May 14, 2007
Applications Information
Product Description
The EL7158 is a high performance 40MHz pin driver. It
contains two analog switches connecting VH and VL to OUT.
Depending on the value of the IN pin, one of the two
switches will be closed and the other switch open. An output
enable (OE) is also supplied which opens both switches
simultaneously.
Due to the topology of the EL7158, both the VH and VL pins
can be connected to any voltage between the VS+ and VS-
pins, but VH must be greater than VL in order to prevent
turning on the body diode at the output stage.
Three-State Operation
When the OE pin is low, the output is three-state (floating).
The output voltage is the parasitic capacitance’s voltage. It
can be any voltage between VH and VL, depending on the
previous state. At three-state, the output voltage can be
pushed to any voltage between VH and VL. The output
voltage can’t be pushed higher than VH or lower than VL
since the body diode at the output stage will turn on.
Supply Voltage Range and Input Compatibility
The EL7158 is designed for operation on supplies from 5V to
18V (4.5V to 18V maximum). Table 2 shows the
specifications for the relationship between the VS+, VS-, VH,
VL, and GND pins.
All input pins are compatible with both 3V and 5V CMOS
signals. With a positive supply (VS+) of 5V, the EL7158 is
also compatible with TTL inputs.
Power Supply Bypassing
When using the EL7158, it is very important to use adequate
power supply bypassing. The high switching currents
developed by the EL7158 necessitate the use of a bypass
capacitor between the supplies (VS+ and VS-) and GND
pins. It is recommended that a 2.2µF tantalum capacitor be
used in parallel with a 0.1µF low-inductance ceramic MLC
capacitor. These should be placed as close to the supply
pins as possible. It is also recommended that the VH and VL
pins have some level of bypassing, especially if the EL7158
is driving highly capacitive loads.
Power Dissipation Calculation
When switching at high speeds, or driving heavy loads, the
EL7158 drive capability is limited by the rise in die
temperature brought about by internal power dissipation. For
reliable operation die temperature must be kept below
TJMAX (+125°C). It is necessary to calculate the power
dissipation for a given application prior to selecting the
package type.
Power dissipation may be calculated:
where:
VS is the total power supply to the EL7158 (from VS+ to
GND)
VOUT is the swing on the output (VH - VL)
CL is the load capacitance
CINT is the internal load capacitance (100pF max)
IS is the quiescent supply current (3mA max)
f is frequency
Having obtained the application’s power dissipation, a
maximum package thermal coefficient may be determined,
to maintain the internal die temperature below TJMAX:
where:
TJMAX is the maximum junction temperature (+125°C)
TMAX is the maximum operating temperature
PD is the power dissipation calculated above
θJA thermal resistance on junction to ambient
θJA is 160°C/W for the SOIC8 package when using a
standard JEDEC JESD51-3 single-layer test board. If TJMAX
is greater than +125°C when calculated using Equation 2 ,
then one of the following actions must be taken:
Reduce
θJA the system by designing more heat-sinking
into the PCB (as compared to the standard JEDEC
JESD51-3)
De-rate the application either by reducing the switching
frequency, the capacitive load, or the maximum operating
(ambient) temperature (TMAX)
PD
V
S
(
I
S )
C
INT
(
V
S
2
f
)
C
L
(
V
OUT
2
f
)
×
×
+
×
×
+
×
=
(EQ. 1)
θ
JA
T
JMAX
T
MAX
PD
-----------------------------------------
=
(EQ. 2)
EL7158


Similar Part No. - EL7158ISZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7158ISZ-T13 INTERSIL-EL7158ISZ-T13 Datasheet
202Kb / 9P
   Ultra-High Current Pin Driver
May 14, 2007
logo
Renesas Technology Corp
EL7158ISZ-T13 RENESAS-EL7158ISZ-T13 Datasheet
488Kb / 9P
   Ultra-High Current Pin Driver
More results

Similar Description - EL7158ISZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7158IS INTERSIL-EL7158IS Datasheet
202Kb / 9P
   Ultra-High Current Pin Driver
May 14, 2007
logo
Renesas Technology Corp
EL7158 RENESAS-EL7158 Datasheet
488Kb / 9P
   Ultra-High Current Pin Driver
logo
Analog Devices
AD53500 AD-AD53500 Datasheet
101Kb / 7P
   High Speed, High Current Capability Pin Driver
REV. 0
AD53500 AD-AD53500_15 Datasheet
105Kb / 7P
   High Speed, High Current Capability Pin Driver
REV. 0
logo
Intersil Corporation
HFA5250 INTERSIL-HFA5250 Datasheet
577Kb / 5P
   500MHz, Ultra High Speed Monolithic Pin Driver
logo
Harris Corporation
HFA5253 HARRIS-HFA5253 Datasheet
527Kb / 18P
   800MHz, Ultra High-Speed Monolithic Pin Driver
logo
Intersil Corporation
EL7156 INTERSIL-EL7156 Datasheet
232Kb / 10P
   High Performance Pin Driver
logo
Renesas Technology Corp
EL7156 RENESAS-EL7156 Datasheet
555Kb / 11P
   High Performance Pin Driver
logo
Intersil Corporation
EL7156CNZ INTERSIL-EL7156CNZ Datasheet
294Kb / 11P
   High Performance Pin Driver
September 1, 2015
EL7156CNZ INTERSIL-EL7156CNZ Datasheet
294Kb / 11P
   High Performance Pin Driver
September 1, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com