Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THN420Z Datasheet(PDF) 2 Page - AUK corp

Part # THN420Z
Description  SiGe NPN Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

THN420Z Datasheet(HTML) 2 Page - AUK corp

  THN420Z Datasheet HTML 1Page - AUK corp THN420Z Datasheet HTML 2Page - AUK corp THN420Z Datasheet HTML 3Page - AUK corp THN420Z Datasheet HTML 4Page - AUK corp THN420Z Datasheet HTML 5Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
□ Electrical Characteristics (T
A = 25 ℃)
dB
-
20
18
VCE = 2 V, IC = 15 mA, f = 1.5 GHz
dB
-
22
20
VCE = 2 V, IC = 15 mA, f = 1 GHz
MAG
Maximum Available Gain
dB
-
19
17
VCE = 2 V, IC = 15 mA, f = 1 GHz
|S21|
2
Insertion Power Gain
GHz
-
20
18
VCE = 3 V, IC = 30 mA
260
-
50
VCE = 2 V, IC = 20 mA
hFE
DC Current Gain
GHz
-
17
15
VCE = 2 V, IC = 15 mA
fT
Gain Bandwidth Product
dB
-
16
14
VCE = 2 V, IC = 15 mA, f = 1.5 GHz
dB
1.3
1.1
-
VCE = 3 V, IC = 5 mA, f = 1.8 GHz
NF
Noise Figure
1.0
-
-
VCB = 9 V, IE = 0 mA
ICBO
Collector Cut-off Current
1.0
-
-
VCE = 3 V, IB = 0 mA
ICEO
0.5
-
-
VEB = 1 V, IC = 0 mA
IEBO
Emitter Cut-off Current
0.24
Typ.
-
Max.
pF
-
VCB = 2 V, IE = 0 mA, f = 1 MHz
CCB
Collector – Base Capacitance
Unit
Min.
Test Conditions
Symbol
Parameter
□ h
FE Classification
130 - 260
50 - 150
hFE Value
BE2
BE1
Marking
THN420Z


Similar Part No. - THN420Z

ManufacturerPart #DatasheetDescription
logo
Tachyonics CO,. LTD
THN4201 TACHYONICS-THN4201 Datasheet
227Kb / 12P
   NPN SiGe RF TRANSISTOR
THN4201E TACHYONICS-THN4201E Datasheet
227Kb / 12P
   NPN SiGe RF TRANSISTOR
logo
AUK corp
THN4201E AUK-THN4201E Datasheet
239Kb / 12P
   SiGe NPN Transistor
logo
Tachyonics CO,. LTD
THN4201KF TACHYONICS-THN4201KF Datasheet
227Kb / 12P
   NPN SiGe RF TRANSISTOR
THN4201U TACHYONICS-THN4201U Datasheet
227Kb / 12P
   NPN SiGe RF TRANSISTOR
More results

Similar Description - THN420Z

ManufacturerPart #DatasheetDescription
logo
AUK corp
THN6701B AUK-THN6701B Datasheet
543Kb / 6P
   SiGe NPN Transistor
THN6702F AUK-THN6702F Datasheet
192Kb / 4P
   SiGe NPN Transistor
THN4301U AUK-THN4301U Datasheet
257Kb / 15P
   SiGe NPN Transistor
THN6501F AUK-THN6501F Datasheet
189Kb / 11P
   SiGe NPN Transistor
THN4201U AUK-THN4201U Datasheet
239Kb / 12P
   SiGe NPN Transistor
THN405Z AUK-THN405Z Datasheet
178Kb / 5P
   SiGe NPN Transistor
THN6201S AUK-THN6201S Datasheet
252Kb / 13P
   SiGe NPN Transistor
THN6301S AUK-THN6301S Datasheet
221Kb / 11P
   SiGe NPN Transistor
THN5702F AUK-THN5702F Datasheet
257Kb / 8P
   SiGe NPN Transistor
THN4501U AUK-THN4501U Datasheet
257Kb / 15P
   SiGe NPN Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com