Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUT390EF Datasheet(PDF) 2 Page - AUK corp

Part # SUT390EF
Description  Epitaxial planar NPN silicon transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SUT390EF Datasheet(HTML) 2 Page - AUK corp

  SUT390EF Datasheet HTML 1Page - AUK corp SUT390EF Datasheet HTML 2Page - AUK corp SUT390EF Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KSD-T5U005-000
2
<
Absolute Maximum Ratings [Tr1, Tr2]
(Ta=25
°C)
Characteristic
Symbol
Rating
Unit
Collector-base voltage
VCBO
60
V
Collector-emitter voltage
VCEO
40
V
Emitter-base voltage
VEBO
6
V
Collector current
IC
200
mA
Collector power dissipation
PC
150
mW
Junction temperature
TJ
150
°C
Storage temperature range
Tstg
-55~150
°C
: Total rating
Electrical Characteristics [Tr1, Tr2]
(Ta=25
°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector-Base breakdown voltage
BVCBO
IC=10μA, IE=0
60
-
-
V
Collector-Emitter breakdown voltage
BVCEO
IC=1mA, IB=0
40
-
-
V
Emitter-Base breakdown voltage
BVEBO
IE=10μA, IC=0
6
-
-
V
Collector cut-off current
ICEX
VCE=30V, VEB=3V
-
-
50
nA
DC current gain
hFE
VCE=1V, IC=10mA
100
-
300
-
Collector-Emitter saturation voltage
VCE(sat)
IC=50mA, IB=5mA
-
-
0.3
V
Transition frequency
fT
VCE=20V, IC=10mA,
f=100MHz
300
-
-
MHz
Collector output capacitance
Cob
VCB=5V, IE=0, f=1MHz
-
-
4
pF
Delay time
td
-
-
35
ns
Rise time
tr
-
-
35
ns
Storage time
tstg
-
-
200
ns
Fall Time
tf
Vcc=10V, Ic=10mA
IB1=-IB2=1mA
-
-
50
ns
※ Switching Time Test Circuit.
SUT390EF


Similar Part No. - SUT390EF

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SUT390EF KODENSHI-SUT390EF Datasheet
311Kb / 5P
   Epitaxial planar NPN silicon transistor
More results

Similar Description - SUT390EF

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
AUK corp
SUR541EF AUK-SUR541EF Datasheet
176Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226_11 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR526H KODENSHI-SUR526H Datasheet
275Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR539J KODENSHI-SUR539J Datasheet
279Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR543EF KODENSHI-SUR543EF Datasheet
276Kb / 5P
   Epitaxial planar NPN silicon transistor
logo
Sanken electric
2SC2921 SANKEN-2SC2921_07 Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
logo
Seme LAB
2N4239 SEME-LAB-2N4239 Datasheet
122Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
2N3114CSM SEME-LAB-2N3114CSM_09 Datasheet
163Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
Micro Electronics
BC485 MICRO-ELECTRONICS-BC485 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
2N4123 MICRO-ELECTRONICS-2N4123 Datasheet
85Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com